Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FOXLF024S Datasheet(PDF) 2 Page - Fox Electronics

Part # FOXLF024S
Description  Resistance Weld Thru-Hole Crystal
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FOX [Fox Electronics]
Direct Link  http://www.foxonline.com
Logo FOX - Fox Electronics

FOXLF024S Datasheet(HTML) 2 Page - Fox Electronics

  FOXLF024S Datasheet HTML 1Page - Fox Electronics FOXLF024S Datasheet HTML 2Page - Fox Electronics  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
FOXElectronics 5570 Enterprise Parkway Fort Myers, Florida 33905 USA +1.239.693.0099 FAX +1.239.693.1554 http://www.foxonline.com
EMEA Tel/Fax: +44 .1767.312632 | Asia Hong Kong Tel: +852.2854.4285 Fax +852.2854.4282 | Japan Tel: +81.3.3374.2079 Fax: +81.3.3374.5221
© 2009 FOX ELECTRONICS | ISO9001:2000 Certified
Resistance Weld Thru-Hole Crystal
Rev. 2/27/2006
RoHS Compliant / Pb Free
http://www.foxonline.com/need_a_sample.htm
Model: HC49ULF
• HC49ULF Standard Crystals
Frequency
1.843200
2.457600
3.579545
3.686400
3.686400
4.000000
4.000000
8.000000
10.000000
11.059200
11.059200
12.000000
12.000000
16.000000
16.000000
20.000000
25.000000
CL
13pF
32pF
18pF
Series
20pF
Series
20pF
20pF
20pF
Series
20pF
Series
20pF
Series
20pF
20pF
20pF
HC49ULF Part Number
FOXLF018S
FOXLF024S
FOXLF036S
FOXLF0368S
FOXLF0368-20
FOXLF040A
FOXLF040
FOXLF080-20
FOXLF100-20
FOXLF115
FOXLF115-20
FOXLF120
FOXLF120-20
FOXLF160
FOXLF160-20
FOXLF200-20
FOXLF250F-20 (Fundamental)
ESR
W Max
800
300
120
120
120
100
100
35
30
30
30
30
30
25
25
20
20
Page 2 of 2
HC49ULF
±30PPM
±50PPM
-20°C ~ +70°C
PARAMETER
Frequency Tolerance @ 25°C
Frequency Stability
Operating Temperature Range
• FOX STANDARD SPECIFICATIONS
All specifications subject to change without notice.


Similar Part No. - FOXLF024S

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
FOXLF024S ETC2-FOXLF024S Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
logo
Fox Electronics
FOXLF024S FOX-FOXLF024S Datasheet
353Kb / 2P
   Resistance Weld Thru-Hole Crystal
More results

Similar Description - FOXLF024S

ManufacturerPart #DatasheetDescription
logo
Fox Electronics
HC49SLF FOX-HC49SLF_13 Datasheet
365Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49SLF FOX-HC49SLF_14 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC80U FOX-HC80U Datasheet
65Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
FOXSLF-040A FOX-FOXSLF-040A Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-080-20 FOX-FOXSLF-080-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
HC49U FOX-HC49U Datasheet
61Kb / 1P
   RESISTANCE WELD THRU-HOLE CRYSTAL
HC49SLF FOX-HC49SLF Datasheet
136Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-036S FOX-FOXSLF-036S Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
FOXSLF-184-20 FOX-FOXSLF-184-20 Datasheet
134Kb / 2P
   Resistance Weld Thru-Hole Crystal
logo
List of Unclassifed Man...
FOXLF240F-20 ETC2-FOXLF240F-20 Datasheet
70Kb / 2P
   RESISTANCE WELD THRU-HOLE CRYSTAL
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com