Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP1650CP-EVALZ Datasheet(PDF) 10 Page - Analog Devices

Part # ADP1650CP-EVALZ
Description  1.5 A LED Flash Driver with I2C-Compatible Interface
Download  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP1650CP-EVALZ Datasheet(HTML) 10 Page - Analog Devices

Back Button ADP1650CP-EVALZ Datasheet HTML 6Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 7Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 8Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 9Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 10Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 11Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 12Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 13Page - Analog Devices ADP1650CP-EVALZ Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 32 page
background image
ADP1650
Rev. C | Page 10 of 32
0
25
50
75
100
125
150
DIE TEMPERATURE (°C)
0010
0000
0100
0110
1000
1010
1100
1110
1111
Figure 18. ADC Die Temperature Mode Transfer Characteristic
2.8
3.0
3.2
3.4
3.6
3.8
4.0
4.2
4.4
LED_OUT VOLTAGE (V)
0010
0000
0100
0110
1000
1010
1100
1110
1111
Figure 19. ADC LED VF Mode Transfer Characteristic
3.710
3.715
3.720
3.725
3.730
3.735
3.740
3.745
3.750
3.755
3.760
–40
10
60
110
VIN = 2.7V
VIN = 3.6V
VIN = 5.0V
TEMPERATURE (°C)
Figure 20. ADC LED VF Mode, Code 1000, Midpoint vs. Temperature
286
287
288
289
290
291
292
293
294
295
–40
10
60
110
TEMPERATURE (°C)
VIN = 2.7V
VIN = 3.6V
VIN = 5V
Figure 21. ADC External Voltage Mode, Code 1000, Midpoint vs. Temperature
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
1.0
–40
10
60
110
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 22. LED Current Accuracy vs. Temperature, ILED = 1200 mA
–3.0
–2.5
–2.0
–1.5
–1.0
–0.5
0
0.5
–40
10
60
110
TEMPERATURE (°C)
VIN = 3.2V
VIN = 3.6V
VIN = 4.2V
Figure 23. LED Current Accuracy vs. Temperature, ILED = 800 mA


Similar Part No. - ADP1650CP-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650CB-EVALZ AD-ADP1650CB-EVALZ Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
More results

Similar Description - ADP1650CP-EVALZ

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP1650 AD-ADP1650 Datasheet
1Mb / 32P
   1.5 A LED Flash Driver with I2C-Compatible Interface
REV. 0
ADP1650 AD-ADP1650_1 Datasheet
74Kb / 2P
   1.5 A LED Fiash Driver with I2C-Compatible Interface
REV. A
ADP1649 AD-ADP1649 Datasheet
591Kb / 28P
   1.0 A LED Flash Driver with I2C-Compatible Interface
Rev. 0
logo
Texas Instruments
TPS61300 TI1-TPS61300_16 Datasheet
2Mb / 70P
[Old version datasheet]   TPS6130xx 1.5-A and 4.1-A Multiple LED Camera Flash Driver With I2C Compatible Interface
logo
Analog Devices
ADP1655ACBZ-R7 AD-ADP1655ACBZ-R7 Datasheet
664Kb / 24P
   Dual LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
National Semiconductor ...
LM2759 NSC-LM2759_10 Datasheet
1Mb / 14P
   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Analog Devices
ADP1660 AD-ADP1660 Datasheet
620Kb / 28P
   Dual 750 mA LED Flash Driver with I2C-Compatible Interface
REV. 0
logo
Texas Instruments
LM2759 TI1-LM2759_17 Datasheet
2Mb / 22P
[Old version datasheet]   1A Switched Capacitor Flash LED Driver with I2C Compatible Interface
logo
Eutech Microelectronics...
EUP2468 EUTECH-EUP2468 Datasheet
78Kb / 1P
   1.5A Synchronous Boost LED Flash Driver with I2C Compatible Interface
logo
National Semiconductor ...
LM27966 NSC-LM27966 Datasheet
674Kb / 13P
   White LED Driver with I2C Compatible Interface
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com