Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FAN4147SX Datasheet(PDF) 2 Page - Fairchild Semiconductor

Part # FAN4147SX
Description  Ground Fault Interrupter
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FAIRCHILD [Fairchild Semiconductor]
Direct Link  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FAN4147SX Datasheet(HTML) 2 Page - Fairchild Semiconductor

  FAN4147SX Datasheet HTML 1Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 2Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 3Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 4Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 5Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 6Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 7Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 8Page - Fairchild Semiconductor FAN4147SX Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 10 page
background image
© 2010 Fairchild Semiconductor Corporation
www.fairchildsemi.com
FAN4147 • Rev. 1.0.1
2
Block Diagram
AMPOUT
Line
C1
VFB
VREF
VREF
A1
VS
Delay
SCR
Neutral
Rectifier
and Bias
VREF
R1
VTH
VS
I1
SCR
Driver
Q1
T1
C2
VTH
Figure 1. Block Diagram
Typical Application
Line Neutral
AmpOut
SCR
MOV
Line Hot
RSET
RIN
VFB
VREF
Neutral
Line
R1
Q1
Load Hot
Load Neutral
Sense Coil 1:1000
RTEST
TEST
C1
C3
C2
Neutral Coil 1:200
C4
Figure 2. Typical Application
(1)
Typical Values
R1: 91K
RSET: 511K
(2)
C1: 22nF
C3=1nF
RTEST: 15KΩ
RIN: 470Ω
C2: 10nF
C4=10nF
Notes:
1.
Contact Fairchild for best application practices for nuisance tripping rejection.
2.
Exact values depend on sense coil characteristics and application.


Similar Part No. - FAN4147SX

ManufacturerPart #DatasheetDescription
logo
ON Semiconductor
FAN4147SX ONSEMI-FAN4147SX Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
More results

Similar Description - FAN4147SX

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM1851 TI1-LM1851 Datasheet
208Kb / 10P
[Old version datasheet]   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN1851A FAIRCHILD-FAN1851A Datasheet
122Kb / 11P
   Ground Fault Interrupter
logo
National Semiconductor ...
LM1851 NSC-LM1851 Datasheet
165Kb / 8P
   Ground Fault Interrupter
logo
Fairchild Semiconductor
FAN4146 FAIRCHILD-FAN4146 Datasheet
595Kb / 10P
   Ground Fault Interrupter
logo
Unisonic Technologies
GM1851 UTC-GM1851 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
FAN4147 ONSEMI-FAN4147 Datasheet
418Kb / 11P
   Ground Fault Interrupter
March 2013 Rev. 1.0.1
FAN4149 ONSEMI-FAN4149 Datasheet
380Kb / 12P
   Ground Fault Interrupter
July 2014 Rev. 1.0.0
logo
Unisonic Technologies
GM1851 UTC-GM1851_15 Datasheet
370Kb / 10P
   GROUND FAULT INTERRUPTER
logo
ON Semiconductor
NCS37005MNG ONSEMI-NCS37005MNG Datasheet
126Kb / 8P
   Ground Fault Interrupter
April, 2012 ??Rev. P0
FAN4146 ONSEMI-FAN4146 Datasheet
801Kb / 12P
   Ground Fault Interrupter
February 2014 Rev. 1.0.1
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com