Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADP3334ARM Datasheet(PDF) 4 Page - Analog Devices

Part # ADP3334ARM
Description  High Accuracy, Low IQ, anyCAP Adjustable Low Dropout Regulator
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADP3334ARM Datasheet(HTML) 4 Page - Analog Devices

  ADP3334ARM Datasheet HTML 1Page - Analog Devices ADP3334ARM Datasheet HTML 2Page - Analog Devices ADP3334ARM Datasheet HTML 3Page - Analog Devices ADP3334ARM Datasheet HTML 4Page - Analog Devices ADP3334ARM Datasheet HTML 5Page - Analog Devices ADP3334ARM Datasheet HTML 6Page - Analog Devices ADP3334ARM Datasheet HTML 7Page - Analog Devices ADP3334ARM Datasheet HTML 8Page - Analog Devices ADP3334ARM Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
REV. B
–4–
ADP3334–Typical Performance Characteristics
INPUT VOLTAGE – V
140
60
0
012
24
68
10
120
100
40
20
80
VOUT = 2.2V
IL = 100 A
IL = 0
TPC 3. Ground Current vs.
Supply Voltage
JUNCTION TEMPERATURE – C
8
6
–50
125
–25
0
25
50
75
100
7
150
5
3
4
1
2
0
300mA
0
100mA
IL = 500mA
50mA
VIN = 6V
VOUT = 2.2V
TPC 6. Ground Current vs.
Junction Temperature
TIME –
s
200
400
600
800
3
2
1
0
4
2
0
VOUT = 2.2V
SD = GND
RL = 4.4
COUT = 10 F
COUT = 1 F
TPC 9. Power-Up Response
INPUT VOLTAGE – V
2.202
2.201
2.194
24
12
68
10
2.198
2.197
2.196
2.195
2.200
2.199
IL = 0
VOUT = 2.2V
500mA
150mA
300mA
TPC 1. Line Regulation Output
Voltage vs. Supply Voltage
OUTPUT LOAD – mA
5.0
0
0
100
500
200
300
400
2.0
1.0
4.0
3.0
VIN = 6V
VOUT = 2.2V
TPC 4. Ground Current vs.
Load Current
OUTPUT LOAD – mA
250
200
0
0
100
500
200
300
400
150
100
50
VOUT = 2.2V
TPC 7. Dropout Voltage vs.
Output Current
OUTPUT LOAD – mA
2.201
2.200
2.193
0
100
500
200
300
400
2.197
2.196
2.195
2.194
2.199
2.198
VOUT = 2.2V
VIN = 6V
TPC 2. Output Voltage vs.
Load Current
JUNCTION TEMPERATURE – C
0.5
–50
125
–25
0
25
50
75
100
0.3
0.4
150
0
0.1
0.2
–0.1
–0.2
500mA
300mA
0
500mA
0mA
TPC 5. Output Voltage Variation %
vs. Junction Temperature
TIME – s
1
234
3.0
2.5
2.0
1.5
1.0
0.5
0
VOUT = 2.2V
SD = GND
RL = 4.4
TPC 8. Power-Up/Power-Down


Similar Part No. - ADP3334ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334ARMZ-REEL AD-ADP3334ARMZ-REEL Datasheet
477Kb / 12P
   High Accuracy, Low IQ, anyCAP짰 Adjustable Low Dropout Regulator
REV. B
More results

Similar Description - ADP3334ARM

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADP3334 AD-ADP3334 Datasheet
230Kb / 8P
   High Accuracy Low IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3336 AD-ADP3336 Datasheet
364Kb / 8P
   High Accuracy Ultralow IQ, 500 mA anyCAP Adjustable Low Dropout Regulator
REV. 0
ADP3338AKC-18 AD-ADP3338AKC-18 Datasheet
295Kb / 16P
   High Accuracy, Ultralow IQ, 1A, anyCAP Low Dropout Regulator
REV. B
ADP3339AKCZ-5-R7 AD-ADP3339AKCZ-5-R7 Datasheet
252Kb / 12P
   High Accuracy, Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. C
ADP3333 AD-ADP3333_09 Datasheet
245Kb / 12P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. B
ADP3335ARM-3.3 AD-ADP3335ARM-3.3 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3335ARM-18 AD-ADP3335ARM-18 Datasheet
258Kb / 16P
   High Accuracy, Ultralow IQ, 500 mA, anyCAP Low Dropout Regulator
REV. D
ADP3333 AD-ADP3333 Datasheet
119Kb / 8P
   High Accuracy Ultralow IQ, 300 mA, anyCAP Low Dropout Regulator
REV. 0
ADP3338 AD-ADP3338 Datasheet
144Kb / 8P
   High-Accuracy Ultralow IQ, 1 A, anyCAP Low Dropout Regulator
REV. 0
ADP3339 AD-ADP3339 Datasheet
209Kb / 8P
   High-Accuracy Ultralow IQ, 1.5 A, anyCAP Low Dropout Regulator
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com