Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADSP-21160NKBZ-100 Datasheet(PDF) 7 Page - Analog Devices

Part # ADSP-21160NKBZ-100
Description  SHARC Digital Signal Processor
Download  60 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADSP-21160NKBZ-100 Datasheet(HTML) 7 Page - Analog Devices

Back Button ADSP-21160NKBZ-100 Datasheet HTML 3Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 4Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 5Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 6Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 7Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 8Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 9Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 10Page - Analog Devices ADSP-21160NKBZ-100 Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 60 page
background image
ADSP-21160M/ADSP-21160N
Rev. C
|
Page 7 of 60
|
February 2013
MEMORY AND I/O INTERFACE FEATURES
Augmenting the ADSP-2116x family core, the ADSP-21160x
adds the following architectural features.
Dual-Ported On-Chip Memory
The ADSP-21160x contains four megabits of on-chip SRAM,
organized as two blocks of 2M bits each, which can be config-
ured for different combinations of code and data storage
(Figure 4). Each memory block is dual-ported for single-cycle,
independent accesses by the core processor and I/O processor.
The dual-ported memory in combination with three separate
on-chip buses allows two data transfers from the core and one
from I/O processor, in a single cycle. The ADSP-21160x mem-
ory can be configured as a maximum of 128K words of
32-bit data, 256K words of 16-bit data, 85K words of 48-bit
instructions (or 40-bit data), or combinations of different word
sizes up to four megabits. All of the memory can be accessed as
16-, 32-, 48-, or 64-bit words. A 16-bit floating-point storage
format is supported that effectively doubles the amount of data
that may be stored on-chip. Conversion between the 32-bit
floating-point and 16-bit floating-point formats is done in a sin-
gle instruction. While each memory block can store
combinations of code and data, accesses are most efficient when
one block stores data, using the DM bus for transfers, and the
other block stores instructions and data, using the PM bus for
transfers. Using the DM bus and PM bus in this way, with one
dedicated to each memory block, assures single-cycle execution
with two data transfers. In this case, the instruction must be
available in the cache.
Off-Chip Memory and Peripherals Interface
The ADSP-21160x DSP’s external port provides the processor’s
interface to off-chip memory and peripherals. The 4G word off-
chip address space is included in the processor’s unified address
space. The separate on-chip buses—for PM addresses, PM data,
DM addresses, DM data, I/O addresses, and I/O data—are mul-
tiplexed at the external port to create an external system bus
with a single 32-bit address bus and a single 64-bit data bus. The
lower 32 bits of the external data bus connect to even addresses,
and the upper 32 bits of the 64 connect to odd addresses. Every
access to external memory is based on an address that fetches a
32-bit word, and with the 64-bit bus, two address locations can
be accessed at once. When fetching an instruction from external
memory, two 32-bit data locations are being accessed (16 bits
are unused). Figure 5 shows the alignment of various accesses to
external memory.
The external port supports asynchronous, synchronous, and
synchronous burst accesses. ZBT synchronous burst SRAM can
be interfaced gluelessly. Addressing of external memory devices
is facilitated by on-chip decoding of high-order address lines to
generate memory bank select signals. Separate control lines are
also generated for simplified addressing of page-mode DRAM.
The ADSP-21160x provides programmable memory wait states
and external memory acknowledge controls to allow interfacing
to DRAM and peripherals with variable access, hold, and disable
time requirements.
DMA Controller
The ADSP-21160x DSP’s on-chip DMA controller allows zero-
overhead data transfers without processor intervention. The
DMA controller operates independently and invisibly to the
processor core, allowing DMA operations to occur while the
core is simultaneously executing its program instructions. DMA
transfers can occur between the processor’s internal memory
and external memory, external peripherals, or a host processor.
DMA transfers can also occur between the product’s DSP’s
internal memory and its serial ports or link ports. External bus
packing to 16-, 32-, 48-, or 64-bit words is performed during
DMA transfers. Fourteen channels of DMA are available on the
ADSP-21160x—six via the link ports, four via the serial ports,
and four via the processor’s external port (for either host pro-
cessor, other ADSP-21160x processors, memory or I/O
transfers). Programs can be downloaded to the processor using
DMA transfers. Asynchronous off-chip peripherals can control
two DMA channels using DMA Request/Grant lines
(DMAR1–2, DMAG1–2). Other DMA features include
Figure 4. Memory Map
0x00 0000
0x02 0000
0x04 0000
0x08 0000
0x10 0000
0x20 0000
0x30 0000
0x40 0000
0x50 0000
0x60 0000
0x70 0000
0x7F FFFF
0x80 0000
0xFFFF FFFF
Internal
Memory
Space
External
Memory
Space
IOP Reg’s
Long Word
Normal Word
Short Word
Internal
Space
Internal
Space
Internal
Space
Internal
Space
Internal
Space
Internal
Space
Broadcast
All DSPs
Bank 0
Bank 1
Bank 2
Bank 3
Nonbanked
MS0
MS1
MS2
MS3
Memory
(ID = 011)
(ID = 100)
Memory
(ID = 101)
Memory
Memory
(ID = 110)
Write to
(ID = 111)
Memory
(ID = 010)
Memory
(ID = 001)
Multiprocessor
Memory
Space


Similar Part No. - ADSP-21160NKBZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160NKBZ-100 AD-ADSP-21160NKBZ-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
logo
Texas Instruments
ADSP-21160NKBZ-100 TI-ADSP-21160NKBZ-100 Datasheet
1Mb / 60P
[Old version datasheet]   Digital Signal Processor
More results

Similar Description - ADSP-21160NKBZ-100

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADSP-21160M AD-ADSP-21160M_15 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160N AD-ADSP-21160N_15 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21160NCBZ-100 AD-ADSP-21160NCBZ-100 Datasheet
1Mb / 60P
   SHARC Digital Signal Processor
REV. C
ADSP-21262 AD-ADSP-21262 Datasheet
1Mb / 44P
   SHARC Processor
REV. A
ADSP-21362 AD-ADSP-21362 Datasheet
2Mb / 52P
   SHARC Processor
REV. A
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
949Kb / 64P
   SHARC Processor
Rev. F
ADSP-21489BSWZ-4B AD-ADSP-21489BSWZ-4B Datasheet
1Mb / 68P
   SHARC Processor
REV. B
ADSP-21477KCPZ-1A AD-ADSP-21477KCPZ-1A Datasheet
1Mb / 76P
   SHARC Processor
REV. C
ADSP-21060CZ-160 AD-ADSP-21060CZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
ADSP-21062LCSZ-160 AD-ADSP-21062LCSZ-160 Datasheet
811Kb / 64P
   SHARC Processor
Rev. F
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com