Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADuC7036CCPZ-RL Datasheet(PDF) 7 Page - Analog Devices

Part # ADuC7036CCPZ-RL
Description  Integrated Precision Battery Sensor for Automotive
Download  132 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADuC7036CCPZ-RL Datasheet(HTML) 7 Page - Analog Devices

Back Button ADuC7036CCPZ-RL Datasheet HTML 3Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 4Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 5Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 6Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 7Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 8Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 9Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 10Page - Analog Devices ADuC7036CCPZ-RL Datasheet HTML 11Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 132 page
background image
ADuC7036
Rev. C | Page 7 of 132
Parameter
Test Conditions/Comments
Min
Typ
Max
Unit
LOGIC INPUTS1
All logic inputs
VINL, Input Low Voltage
0.4
V
VINH, Input High Voltage
2
V
CRYSTAL OSCILLATOR1
Logic Inputs, XTAL1 Only
VINL, Input Low Voltage
0.8
V
VINH, Input High Voltage
1.7
V
XTAL1 Capacitance
12
pF
XTAL2 Capacitance
12
pF
ON-CHIP OSCILLATORS
Low Power Oscillator
131.072
kHz
Accuracy27
Includes drift data from 1000 hour life test
−3
+3
%
Precision Oscillator
131.072
kHz
Accuracy
Includes drift data from 1000 hour life test
−1
+1
%
MCU CLOCK RATE
Eight programmable core clock selections within
this range (binary divisions 1, 2, 4, 8,…64, 128)
0.16
10.24
20.48
MHz
MCU START-UP TIME
At Power-On
Includes kernel power-on execution time
25
ms
After Reset Event
Includes kernel power-on execution time
5
ms
From MCU Power-Down
Oscillator Running
Wake Up from Interrupt
2
ms
Wake Up from LIN
2
ms
Crystal Powered Down
Wake Up from Interrupt
500
ms
Internal PLL Lock Time
1
ms
LIN INPUT/OUTPUT GENERAL
Baud Rate
1000
20,000
Bits/sec
VDD
Supply voltage range at which the LIN interface is
functional
7
18
V
Input Capacitance
5.5
pF
Input Leakage Current
Input (low) = IO_VSS
−800
−400
μA
LIN Comparator Response Time1
Using 22 Ω resistor
38
90
μs
ILIN_DOM_MAX
Current limit for driver when LIN bus is in
dominant state, VBAT = VBAT (max)
40
200
mA
ILIN_PAS_REC
Driver off, 7 V < VLIN < 18 V, VDD = VLIN − 0.7 V
−20
+20
μA
ILIN1
VBAT disconnected, VDD = 0 V, 0 < VLIN < 18 V
10
μA
ILIN_PAS_DOM1
Input leakage VLIN = 0 V
−1
mA
ILIN_NO_GND28
Control unit disconnected from ground,
GND = VDD, 0 V < VLIN < 18 V, VBAT = 12 V
−1
+1
mA
VLIN_DOM1
LIN receiver dominant state, VDD > 7 V
0.4 VDD
V
VLIN_REC1
LIN receiver recessive state, VDD > 7 V
0.6 VDD
V
VLIN_CNT1
LIN receiver center voltage, VDD > 7 V
0.475 VDD
0.5 VDD
0.525 VDD
V
VHYS1
LIN receiver hysteresis voltage
0.175 VDD
V
VLIN_DOM_DRV_LOSUP1
LIN dominant output voltage, VDD = 7 V
RLOAD = 500 Ω
1.2
V
RLOAD = 1000 Ω
0.6
V
VLIN_DOM_DRV_HISUP1
LIN dominant output voltage, VDD = 18 V
RLOAD = 500 Ω
2
V
RLOAD = 1000 Ω
0.8
V
VLIN_RECESSIVE
LIN recessive output voltage
0.8 VDD
V
VBAT Shift28
0
0.1 VDD
V
GND Shift28
0
0.1 VDD
V


Similar Part No. - ADuC7036CCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7036CCPZ-RL AD-ADUC7036CCPZ-RL Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
More results

Similar Description - ADuC7036CCPZ-RL

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADUC7030 AD-ADUC7030 Datasheet
864Kb / 150P
   Integrated Precision Battery Sensor For Automotive
Rev. PrE
ADUC7036 AD-ADUC7036 Datasheet
935Kb / 140P
   Integrated Precision Battery Sensor for Automotive
Rev. PrA
ADUC7034 AD-ADUC7034 Datasheet
847Kb / 142P
   Integrated Precision Battery Sensor for Automotive
Rev. Pr.A
ADUC7036BCPZ AD-ADUC7036BCPZ Datasheet
1Mb / 132P
   Integrated Precision Battery Sensor for Automotive
REV. C
ADUC7033 AD-ADUC7033_15 Datasheet
1Mb / 140P
   Integrated, Precision Battery Sensor for Automotive
Rev. B
ADUCM342 AD-ADUCM342 Datasheet
477Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
Rev. 0
ADUCM330WFS AD-ADUCM330WFS Datasheet
360Kb / 17P
   Integrated, Precision Battery Sensor for Automotive Systems
ADUC7032-8L AD-ADUC7032-8L_15 Datasheet
1Mb / 120P
   Integrated Precision Battery Sensor for Automotive System
Rev. A
ADUC7039 AD-ADUC7039 Datasheet
1Mb / 88P
   Integrated, Precision Battery Sensor for Automotive Systems
REV. 0
ADUC7032 AD-ADUC7032_15 Datasheet
911Kb / 128P
   MicroConverter Integrated, Precision Battery Sensor
Rev. PrD
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com