Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADV7127KRUZ140 Datasheet(PDF) 3 Page - Analog Devices

Part # ADV7127KRUZ140
Description  CMOS, 240 MHz 10-Bit High Speed Video DAC
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADV7127KRUZ140 Datasheet(HTML) 3 Page - Analog Devices

  ADV7127KRUZ140 Datasheet HTML 1Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 2Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 3Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 4Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 5Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 6Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 7Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 8Page - Analog Devices ADV7127KRUZ140 Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
–3–
REV. 0
ADV7127
5 V TSSOP SPECIFICATIONS
Parameter
Min
Typ
Max
Units
Test Conditions
STATIC PERFORMANCE
Resolution (Each DAC)
10
Bits
Integral Nonlinearity (BSL)
–1
0.4
+1
LSB
Differential Nonlinearity
–1
0.25
+1
LSB
Guaranteed Monotonic
DIGITAL AND CONTROL INPUTS
Input High Voltage, VIH
2V
Input Low Voltage, VIL
0.8
V
PDOWN Input High Voltage
2
3V
PDOWN Input Low Voltage
2
1V
Input Current, IIN
–1
+1
µAV
IN = 0.0 V or VAA
PSAVE Pull-Up Current
20
µA
PDOWN Pull-Up Current
20
µA
Input Capacitance, CIN
10
pF
ANALOG OUTPUTS
Output Current
2.0
18.5
mA
Output Compliance Range, VOC
0
+1.4
V
Output Impedance, ROUT
100
k
Output Capacitance, COUT
10
pF
IOUT = 0 mA
Offset Error
–0.025
+0.025
% FSR
Tested with DAC Output = 0 V
Gain Error
3
–5.0
+5.0
% FSR
FSR = 17.62 mA
VOLTAGE REFERENCE (Ext. and Int.)4
Reference Range, VREF
1.12
1.235
1.35
V
POWER DISSIPATION
Digital Supply Current5
1.5
3
mA
fCLK = 50 MHz
Digital Supply Current5
46
mA
fCLK = 140 MHz
Digital Supply Current5
6.5
10
mA
fCLK = 240 MHz
Analog Supply Current
23
27
mA
RSET = 560
Analog Supply Current
5
mA
RSET = 4933
Standby Supply Current6
3.8
6
mA
PSAVE = Low, Digital and Control
Inputs at VAA
PDOWN Supply Current2
1mA
Power Supply Rejection Ratio
0.1
0.5
%/%
NOTES
1Temperature range T
MIN to TMAX: –40°C to +85°C at 50 MHz and 140 MHz, 0°C to +70°C at 240 MHz.
2This power-down feature is only available on the ADV7127 in the TSSOP package.
3Gain error = ((Measured (FSC)/Ideal (FSC) –1)
× 100), where Ideal = V
REF /RSET × K × (3FFH ) and K = 7.9896.
4Internal voltage reference is available only on the ADV7127 TSSOP package.
5Digital supply is measured with continuous clock with data input corresponding to a ramp pattern and with an input level at 0 V and V
DD.
6These max/min specifications are guaranteed by characterization to be over 4.75 V to 5.25 V range.
Specifications subject to change without notice.
(VAA = +5 V
5%, VREF = 1.235 V, RSET = 560
, CL = 10 pF. All specifications TMIN to TMAX
1 unless
otherwise noted, TJ MAX = 110 C)


Similar Part No. - ADV7127KRUZ140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127KRUZ140 AD-ADV7127KRUZ140 Datasheet
375Kb / 18P
   10-Bit, High Speed Video DAC
More results

Similar Description - ADV7127KRUZ140

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADV7127KRUZ50 AD-ADV7127KRUZ50 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127 Datasheet
307Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7127 AD-ADV7127_15 Datasheet
311Kb / 16P
   CMOS, 240 MHz 10-Bit High Speed Video DAC
REV. 0
ADV7123 AD-ADV7123 Datasheet
342Kb / 20P
   CMOS, 240 MHz Triple 10-Bit High Speed Video DAC
REV. B
ADV7123JSTZ330 AD-ADV7123JSTZ330 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7123 AD-ADV7123_15 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123KSTZ140 AD-ADV7123KSTZ140 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
Rev. D
ADV7123-EP AD-ADV7123-EP Datasheet
177Kb / 12P
   CMOS, 170 MHz, Triple, 10-Bit High Speed Video DAC
REV. 0
ADV7123KSTZ50 AD-ADV7123KSTZ50 Datasheet
340Kb / 24P
   CMOS, 330 MHz Triple 10-Bit High Speed Video DAC
REV. D
ADV7128 AD-ADV7128 Datasheet
135Kb / 8P
   CMOS 80 MHz, 10-Bit Video DAC
REV. 0
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com