Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADR02BKSZ-REEL7 Datasheet(PDF) 10 Page - Analog Devices

Part # ADR02BKSZ-REEL7
Description  Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage Reerences
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AD [Analog Devices]
Direct Link  http://www.analog.com
Logo AD - Analog Devices

ADR02BKSZ-REEL7 Datasheet(HTML) 10 Page - Analog Devices

Back Button ADR02BKSZ-REEL7 Datasheet HTML 6Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 7Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 8Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 9Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 10Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 11Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 12Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 13Page - Analog Devices ADR02BKSZ-REEL7 Datasheet HTML 14Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
ADR01/ADR02/ADR03/ADR06
Data Sheet
Rev. R | Page 10 of 20
TYPICAL PERFORMANCE CHARACTERISTICS
TEMPERATURE (°C)
10.010
10.005
10.000
9.995
9.990
9.985
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 3. ADR01 Typical Output Voltage vs. Temperature
TEMPERATURE (°C)
5.008
5.004
5.000
4.996
4.992
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 4. ADR02 Typical Output Voltage vs. Temperature
TEMPERATURE (°C)
–40
2.502
2.501
–25
–10
5
20
35
50
65
80
95
110
125
2.500
2.499
2.498
Figure 5. ADR03 Typical Output Voltage vs. Temperature
TEMPERATURE (°C)
3.002
3.001
3.000
2.999
2.998
–40
–25
–10
5
20
35
50
65
80
95
110
125
Figure 6. ADR06 Typical Output Voltage vs. Temperature
12
28
16
20
24
32
36
0.8
0.7
0.6
0.5
0.4
INPUT VOLTAGE (V)
+125°C
+25°C
–40°C
Figure 7. ADR01 Supply Current vs. Input Voltage
12
28
16
20
24
32
36
8
+125°C
0.8
0.7
0.6
0.5
0.4
INPUT VOLTAGE (V)
+25°C
–40°C
Figure 8. ADR02 Supply Current vs. Input Voltage


Similar Part No. - ADR02BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR02BKSZ-REEL7 AD-ADR02BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02BKSZ-REEL7 AD-ADR02BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
More results

Similar Description - ADR02BKSZ-REEL7

ManufacturerPart #DatasheetDescription
logo
Analog Devices
ADR03 AD-ADR03_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR01 AD-ADR01_12 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03ARZ AD-ADR03ARZ Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR06 AD-ADR06_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR02 AD-ADR02_15 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKS-R2 AD-ADR03BKS-R2 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
ADR03BKSZ-REEL7 AD-ADR03BKSZ-REEL7 Datasheet
511Kb / 20P
   Ultracompact, Precision 10.0 V/5.0 V/2.5 V/3.0 V Voltage References
Rev. R
REF01CS-REEL7 AD-REF01CS-REEL7 Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
5962-8958101PA AD-5962-8958101PA Datasheet
507Kb / 20P
   Precision 2.5 V, 5.0 V, and 10.0 V Voltage References
Rev. K
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com