Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM53CF94 Datasheet(PDF) 2 Page - Advanced Micro Devices

Part # AM53CF94
Description  Enhanced SCSI-2 Controller (ESC)
Download  76 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM53CF94 Datasheet(HTML) 2 Page - Advanced Micro Devices

  AM53CF94 Datasheet HTML 1Page - Advanced Micro Devices AM53CF94 Datasheet HTML 2Page - Advanced Micro Devices AM53CF94 Datasheet HTML 3Page - Advanced Micro Devices AM53CF94 Datasheet HTML 4Page - Advanced Micro Devices AM53CF94 Datasheet HTML 5Page - Advanced Micro Devices AM53CF94 Datasheet HTML 6Page - Advanced Micro Devices AM53CF94 Datasheet HTML 7Page - Advanced Micro Devices AM53CF94 Datasheet HTML 8Page - Advanced Micro Devices AM53CF94 Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 76 page
background image
P R E L I M I N A R Y
AMD
2
Am53CF94/Am53CF96
parity error. This command facilitates data recovery and
thereby minimizes the need to re-transmit data.
AMD’s exclusive power-down feature can be enabled to
help reduce power consumption during the chip’s sleep
mode. The receivers on the SCSI bus may be turned off
to eliminate current that may flow because termination
power (~3 V) is close to the trip point of the input buffers.
The
patented
GLITCH
EATER
Circuitry
in
the
Enhanced SCSI-2 Controller can be programmed to
filter glitches with widths up to 35 ns. It is designed to
dramatically increase system reliability by detecting and
removing glitches that may cause system failure. The
GLITCH EATER Circuitry is implemented on the
ACK
and
REQ lines since they are most susceptible to
electrical anomalies such as reflections and voltage
spikes. Such signal inconsistencies can trigger false
REQ/ACK handshaking, false data transfers, addition of
random data, and double clocking. AMD’s GLITCH
EATER Circuitry therefore maintains system perform-
ance and improves reliability. The following diagram
illustrates this circuit’s operation.
The Am53CF94 is also available in a 3.3 V version.
SCSI Environment
Device without the
GLITCH EATER Circuit
AMD’s Device with the
GLITCH EATER Circuit
GLITCH EATER Circuitry in SCSI Environment
Note:
The Glitch Window is programmable via Control Register Four (0DH), bits 6 & 7. Window may be set to 35 ns (max). Default
setting is 12 ns (single-ended).
17348B-1
Glitch Window
SYSTEM BLOCK DIAGRAM
9
CPU
DMA
Memory
Am53CF94/96
8
16
16
4
9
SCSI Data
16
DMA
Addr
Data
SCSI Control
16
17348B-2


Similar Part No. - AM53CF94

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM53C80 AMD-AM53C80 Datasheet
295Kb / 6P
   Magnetic Disk Controller
AM53C80 AMD-AM53C80 Datasheet
274Kb / 6P
   Optical Disk Controller
AM53C80N AMD-AM53C80N Datasheet
1Mb / 28P
   SCSI Interface Controller
AM53C80NDC AMD-AM53C80NDC Datasheet
1Mb / 28P
   SCSI Interface Controller
AM53C80NJC AMD-AM53C80NJC Datasheet
1Mb / 28P
   SCSI Interface Controller
More results

Similar Description - AM53CF94

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
AIC-33C94 ETC1-AIC-33C94 Datasheet
107Kb / 2P
   Enhanced SCSI Bus Controller
logo
Advanced Micro Devices
AM33C93A AMD-AM33C93A Datasheet
3Mb / 49P
   ENHANCED SCSI BUS INTERFACE CONTROLLER
logo
National Semiconductor ...
DP8496 NSC-DP8496 Datasheet
960Kb / 92P
   SCSI-2 Disk Data Controller
logo
List of Unclassifed Man...
LSI53C896 ETC1-LSI53C896 Datasheet
294Kb / 4P
   ULTRA2 SCSI CONTROLLER
logo
Advanced Micro Devices
AM5380 AMD-AM5380 Datasheet
1Mb / 28P
   SCSI Interface Controller
logo
List of Unclassifed Man...
LSI53C1000R ETC2-LSI53C1000R Datasheet
280Kb / 4P
   ULTRA160 SCSI CONTROLLER
logo
Texas Instruments
SN75C091A TI1-SN75C091A Datasheet
591Kb / 106P
[Old version datasheet]   SCSI Bus Controller
logo
STMicroelectronics
AIC-43C97 STMICROELECTRONICS-AIC-43C97 Datasheet
146Kb / 5P
   Automated, High-performance, Integrated, SCSI Protocol Controller designed for SCSI-2/SCSI-3 embedded peripheral applications
logo
Advanced Micro Devices
AM53C94 AMD-AM53C94 Datasheet
439Kb / 63P
   High Performance SCSI Controller
logo
Sony Corporation
CXD1185CQ SONY-CXD1185CQ Datasheet
360Kb / 35P
   SCSI 1 Protocol Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com