Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LRH1056 Datasheet(PDF) 4 Page - LUXPIA

Part # LRH1056
Description  Specification for Approval
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LUXPIA [LUXPIA]
Direct Link  http://www.luxpialed.com
Logo LUXPIA - LUXPIA

LRH1056 Datasheet(HTML) 4 Page - LUXPIA

  LRH1056 Datasheet HTML 1Page - LUXPIA LRH1056 Datasheet HTML 2Page - LUXPIA LRH1056 Datasheet HTML 3Page - LUXPIA LRH1056 Datasheet HTML 4Page - LUXPIA LRH1056 Datasheet HTML 5Page - LUXPIA LRH1056 Datasheet HTML 6Page - LUXPIA LRH1056 Datasheet HTML 7Page - LUXPIA LRH1056 Datasheet HTML 8Page - LUXPIA LRH1056 Datasheet HTML 9Page - LUXPIA Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
3/15
(Ver 1.0)
3. Absolute Maximum Ratings1)
(Ta=25℃)
item
symbol
value
unit
forward current
IF
90
mA
pulse forward current 2)
IFP
300
mA
reverse voltage
VR
5
V
power dissipation
PD
320
mW
operating temperature
Topr
-30 to +85
storage temperature
Tstg
-40 to +100
1) These values are based on 3-die performance
2) IFP conditions : pulse width ≤ 10msec & duty ratio ≤ 1/10
4. Electro-Optical Characteristics
(Ta=25℃)
item
rank
symbol
condition
min
typ
max
unit
V18
1.8
-
2.0
V20
2.0
-
2.2
V22
2.2
-
2.4
forward
voltage 3)
V24
VF
IF= 60mA
2.4
-
2.6
V
Dominant
Wavelength 3)
-
λD
IF= 60mA
620
-
630
nm
2E80
800
-
1000
3E15
1000
-
1500
Luminous
intensity 4)
3E20
IV
IF= 60mA
1500
-
2000
mcd
3) Forward voltages are tested at a current pulse duration of 10 ms and an accuracy within ±0.1V.
3) Dominant wavelength are tested at a current pulse duration of 10 ms and an accuracy within ±2nm.
4) The allowance of luminous intensity measurement is within ±10%.
* To avoid optical difference, please do not mix differently ranked product.
* All measurements were made under the standardized environment of LUXPIA.


Similar Part No. - LRH1056

ManufacturerPart #DatasheetDescription
logo
LUXPIA
LRH1006 LUXPIA-LRH1006 Datasheet
198Kb / 14P
   Specification for Approval
LRH1025 LUXPIA-LRH1025 Datasheet
297Kb / 15P
   Specification for Approval
LRH1030 LUXPIA-LRH1030 Datasheet
634Kb / 16P
   Small size surface mount type
LRH1032 LUXPIA-LRH1032 Datasheet
624Kb / 16P
   Specification for Approval
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results

Similar Description - LRH1056

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
KPEG212A ETC2-KPEG212A Datasheet
145Kb / 5P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEI100505-6N8J XFMRS-XFEI100505-6N8J Datasheet
23Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
Delta Electronics, Inc.
03SB3SM DELTA-03SB3SM Datasheet
136Kb / 2P
   SPECIFICATION FOR APPROVAL
SIG4012-1R0 DELTA-SIG4012-1R0 Datasheet
173Kb / 4P
   SPECIFICATION FOR APPROVAL
SIG3012-R50 DELTA-SIG3012-R50 Datasheet
142Kb / 4P
   SPECIFICATION FOR APPROVAL
logo
XFMRS Inc.
XFEB201209-300-3A XFMRS-XFEB201209-300-3A Datasheet
27Kb / 1P
   SPECIFICATION FOR APPROVAL
XFEB321608-601-4 XFMRS-XFEB321608-601-4 Datasheet
103Kb / 1P
   SPECIFICATION FOR APPROVAL
logo
List of Unclassifed Man...
LA001-002A99DY ETC2-LA001-002A99DY Datasheet
340Kb / 9P
   SPECIFICATION FOR APPROVAL
KPEG110 ETC2-KPEG110 Datasheet
146Kb / 5P
   SPECIFICATION FOR APPROVAL
A2175-HBL ETC2-A2175-HBL Datasheet
80Kb / 8P
   SPECIFICATION FOR APPROVAL
logo
LUXPIA
LRH1035 LUXPIA-LRH1035 Datasheet
262Kb / 15P
   Specification for Approval
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com