Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

T3002NL Datasheet(PDF) 1 Page - Pulse A Technitrol Company

Part # T3002NL
Description  T3/DS3/E3/STS-1 TRANSFORMERS Extended Temperature Range
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PULSE [Pulse A Technitrol Company]
Direct Link  http://www.pulseeng.com
Logo PULSE - Pulse A Technitrol Company

T3002NL Datasheet(HTML) 1 Page - Pulse A Technitrol Company

  T3002NL Datasheet HTML 1Page - Pulse A Technitrol Company T3002NL Datasheet HTML 2Page - Pulse A Technitrol Company  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Mechanicals
Schematics
.275 MAX
7,00
SUGGESTED PAD LAYOUT
.250 MAX
6,35
.075
1,91
.258
6,55
.040
1,02
.240
6,10
.100
2,54
.200
5,08
.390
9,91
1
2
3
6
54
.300 MAX
7,62
T301X
DATE CODE
.275 MAX
7,00
SUGGESTED PAD LAYOUT
.250 MAX
6,35
.075
1,91
.258
6,55
.040
1,02
.240
6,10
.100
2,54
.200
5,08
.390
9,91
.300 MAX
7,62
T30XX
DATE CODE
1
2
3
6
54
3
1
4
6
2
F
5
3
1
4
6
2
C
E
3
1
4
6
RoHS-5
RoHS-6
Turns Ratio
OCL Primary
OCL Primary
LL @ 100kHz
CW/W
Bandwidth
Isolation
Package/
Primary
Part No.
Part No.
Pri:Sec
@ 25°C
@ -40°C
0.2Vrms
(pF MAX)
75
Ω
Ω System
Voltage
Schematic
Pins
(±2%)
(µH MIN)
(µH MIN)
(µH TYP)
(MHz TYP)
(Vrms MIN)
T3001
T3001NL
1:1
100
40
.110
10
.200 - 340
1500
LS-2/E
1-3
T3002
T3002NL
1:2CT
40
19
.110
12
.250 - 500
1500
LS-2/C
4-6
T3011*
T3011NL*
1:1
100
40
.110
10
.200 - 340
1500
LS-1/E
4-6
T3012*
T3012NL*
1:2CT
40
19
.110
12
.250 - 500
1500
LS-1/C
4-6
T3027
T3027NL
1CT:1CT
40
19
.10
10
.200 - 340
1500
LS-2/F
1-3
T3029
T3029NL
1:1.155CT
40
20
.150
12
.200 - 340
1500
LS-2/C
4-6
*Models with alternate pinout configurations.
T3/DS3/E3/STS-1 TRANSFORMERS
Extended Temperature Range
Electrical Specifications @ 25°C — Operating Temperature -40°C to +85°C
Operating temperature of -40°C to +85°C
Models matched to leading transceiver ICs
Return loss meets requirements of G.703
UL recognized (some parts pending)
LS-1
LS-2
Weight . . . . . . . . . . . . . .0.6 grams
Tape & Reel . . . . . . . . . . . .600/reel
Tube . . . . . . . . . . . . . . . . . .70/tube
Dimensions: Inches
mm
Unless otherwise specified,
all tolerances are ± .010
0,25
USA 858 674 8100 •• Germany 49 7032 7806 0 •• Singapore 65 6287 8998 •• Shanghai 86 21 54643211 / 2 •• China 86 755 33966678 •• Taiwan 886 3 4641811
www.pulseeng.com
T619.B (11/07)


Similar Part No. - T3002NL

ManufacturerPart #DatasheetDescription
logo
Pulse A Technitrol Comp...
T3002NL PULSE-T3002NL Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3002NL PULSE-T3002NL Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3002NL PULSE-T3002NL Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3002NL PULSE-T3002NL Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results

Similar Description - T3002NL

ManufacturerPart #DatasheetDescription
logo
MPS Industries, Inc.
AT310XS MPSIND-AT310XS Datasheet
50Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS EXTENDED TEMPERATURE RANGE
logo
Pulse A Technitrol Comp...
PE-65664NL PULSE-PE-65664NL Datasheet
920Kb / 4P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF04061-2S XFMRS-XF04061-2S Datasheet
58Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Pulse A Technitrol Comp...
T3001 PULSE-T3001 Datasheet
131Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
T3020NL PULSE-T3020NL Datasheet
516Kb / 2P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
XFMRS Inc.
XF01962-20A XFMRS-XF01962-20A Datasheet
43Kb / 1P
   T3 / DS3 / E3 / STS-1 TRANSFORMERS
XF05061-2B XFMRS-XF05061-2B Datasheet
52Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
logo
Bothhand USA, LP.
S3002 BOTHHAND-S3002 Datasheet
75Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
S3020 BOTHHAND-S3020 Datasheet
78Kb / 1P
   T3/DS3/E3/STS-1 TRANSFORMERS
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com