Electronic Components Datasheet Search |
|
L79L12C Datasheet(PDF) 8 Page - STMicroelectronics |
|
L79L12C Datasheet(HTML) 8 Page - STMicroelectronics |
8 / 27 page Electrical characteristics L79LxxAB, L79LxxAC, L79LxxC 8/27 Doc ID 2511 Rev 16 Refer to the test circuits, TJ = 0 to 125 °C, VI = -14 V, IO = 40 mA, CI = 0.33 µF, CO = 0.1 µF unless otherwise specified. Table 6. Electrical characteristics of L79L08 Symbol Parameter Test conditions Min. Typ. Max. Unit VO Output voltage TJ = 25°C -7.36-8-8.64 V VO Output voltage IO = 1 to 40 mA, VI = -10.5 to -23 V -7.2 -8.8 V IO = 1 to 70 mA, VI = -14 V -7.2 -8.8 ΔVO Line regulation VI = -10.5 to -23 V, TJ = 25°C 200 mV VI = -11 to -23 V, TJ = 25°C 150 ΔVO Load regulation IO = 1 to 100 mA, TJ = 25°C 80 mV IO = 1 to 40 mA, TJ = 25°C 40 Id Quiescent current TJ = 25°C 6 mA TJ = 125°C 5.5 mA ΔId Quiescent current change IO = 1 to 40 mA 0.2 mA VI = -11 to -23 V 1.5 eN Output noise voltage B =10Hz to 100kHz, TJ = 25°C 60 µV SVR Supply voltage rejection VI = -12 to -23V, f = 120Hz IO = 40 mA, TJ = 25°C 36 45 dB Vd Dropout voltage 1.7 V |
Similar Part No. - L79L12C |
|
Similar Description - L79L12C |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |