Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

240-PROPLUS Datasheet(PDF) 7 Page - List of Unclassifed Manufacturers

Part # 240-PROPLUS
Description  T O TA L L A M P S O LU T I O N S
Download  64 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

240-PROPLUS Datasheet(HTML) 7 Page - List of Unclassifed Manufacturers

Back Button 240-PROPLUS Datasheet HTML 3Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 4Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 5Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 6Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 7Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 8Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 9Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 10Page - List of Unclassifed Manufacturers 240-PROPLUS Datasheet HTML 11Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 64 page
background image
www .prolite -lamps.co.uk
7
HELIX MICRO COMPACT FLUORESCENT
DESCRIPTION
A compact version of the helix lamp ideal for use in small enclosures. Available in a
wide range of bases suitable for all applications. 2700K warm white colour temperature.
Ultra compact designs ensure lamps can fit into almost all applications where retrofit to
incandescent lighting is required.
TECHNICAL SPECIFICATION
HELIX/5W/BC
5
25
240
BC
300
94
30
HELIX/5W/ES
5
25
240
ES
300
94
30
HELIX/5W/SBC
5
25
240
SBC
300
94
30
HELIX/5W/SES
5
25
240
SES
300
94
30
HELIX/7W/BC
7
35
240
BC
385
106
30
HELIX/7W/ES
7
35
240
ES
385
106
30
HELIX/7W/SBC
7
35
240
SBC
385
106
30
HELIX/7W/SES
7
35
240
SES
385
106
30
HELIX/9W/BC
9
45
240
BC
455
108
30
HELIX/9W/ES
9
45
240
ES
455
108
30
HELIX/9W/SBC
9
45
240
SBC
455
108
30
HELIX/9W/SES
9
45
240
SES
455
108
30
h
w
8,000h


Similar Part No. - 240-PROPLUS

ManufacturerPart #DatasheetDescription
logo
Glenair, Inc.
240-021 GLENAIR-240-021 Datasheet
148Kb / 4P
   D-Subminiature Filter Connector
240-021H15PJCAB-P GLENAIR-240-021H15PJCAB-P Datasheet
384Kb / 2P
   D-Subminiature Connector EMI Filtered
240-021H15PJCAB-S GLENAIR-240-021H15PJCAB-S Datasheet
384Kb / 2P
   D-Subminiature Connector EMI Filtered
240-021H15PJCAC-P GLENAIR-240-021H15PJCAC-P Datasheet
384Kb / 2P
   D-Subminiature Connector EMI Filtered
240-021H15PJCAC-S GLENAIR-240-021H15PJCAC-S Datasheet
384Kb / 2P
   D-Subminiature Connector EMI Filtered
More results

Similar Description - 240-PROPLUS

ManufacturerPart #DatasheetDescription
logo
E-Tech Electronics LTD
GMBCX53 ETL-GMBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCX53 ETL-GLBCX53 Datasheet
215Kb / 2P
   P N P S I L I C O N E P I TA X I A L T R A N S I S T O R
GMBCP56 ETL-GMBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GLBCP56 ETL-GLBCP56 Datasheet
153Kb / 2P
   N P N S I L I C O N E P I TA X I A L T R A N S I S T O R
GM5824 ETL-GM5824 Datasheet
442Kb / 2P
   N P N S I L I C O N E P I TA X I A L P L A N A R T R A N S I S T O R
GSMBTA64 ETL-GSMBTA64 Datasheet
217Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GSMBTA56 ETL-GSMBTA56 Datasheet
196Kb / 2P
   P N P S I L I C O N T R A N S I S T O R
GJ1386 ETL-GJ1386 Datasheet
161Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GI1386 ETL-GI1386 Datasheet
215Kb / 2P
   P N P E P I T A X I A L S I L I C O N T R A N S I S T O R
GLBCP69 ETL-GLBCP69 Datasheet
248Kb / 2P
   P N P S I L I C O N E P I T A X I A L T R A N S I S T O R
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com