Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA3027-SC-P-1 Datasheet(PDF) 4 Page - Emcore Corporation

Part # MAFA3027-SC-P-1
Description  Full Function Fiber Optic Amplifier Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA3027-SC-P-1 Datasheet(HTML) 4 Page - Emcore Corporation

  MAFA3027-SC-P-1 Datasheet HTML 1Page - Emcore Corporation MAFA3027-SC-P-1 Datasheet HTML 2Page - Emcore Corporation MAFA3027-SC-P-1 Datasheet HTML 3Page - Emcore Corporation MAFA3027-SC-P-1 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 4 / 4 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Compliance and Reliability Information
EN 55013: Sound and Television Broadcast receivers and associated equipment – Radio disturbance characteristics –
limits and methods of measurements – Electric Field Radiation Emissions (2001)
FCC: Subpart B. Part 15 class “A”: Unintentional Radiators
EN 61000-4-3 Radiated Immunity
EN 55020 Conducted Immunity
EN 61000-3-2 Harmonics
EN 50083-2, 1995 with Amendment 1
Fit Rate: 90% level of confidence <3500 @ 30
C
Ordering Information
MAFA30
-
-
-
Example:
MAFA3032-SC-E-1: 32 dBm EDFA Gain Block with SC/APC connectors, Economy pumps, +5VDC Power Supply
Note:
As shown on the outline drawing above the option with 2 optical output ports is also possible.
Power Level
Connector Option
Class
Power Supply
27 - 27 dBm
SC - SC/APC
30 - 30 dBm
FC - FC/APC
32 – 32 dBm
EC – E2000/APC
35 – 35 dBm
ECD – E2000/APC Diamond
37 - 37dBm
P – Premium
E - Economy
1 - +5VDC
2 - +24VDC
MAFA 3000 Series EDFA


Similar Part No. - MAFA3027-SC-P-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA3027-SC-P-1 EMCORE-MAFA3027-SC-P-1 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA3027-SC-P-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com