Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

GLA01 Datasheet(PDF) 9 Page - List of Unclassifed Manufacturers

Part # GLA01
Description  2.5dBi 1575.42MHz GPS Loop Antenna
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

GLA01 Datasheet(HTML) 9 Page - List of Unclassifed Manufacturers

Back Button GLA01 Datasheet HTML 5Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 6Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 7Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 8Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 9Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 10Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 11Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 12Page - List of Unclassifed Manufacturers GLA01 Datasheet HTML 13Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 20 page
background image
SPE-11-8-040/E/SS
Page 9 of 20
5. 3D Gain Pattern of GLA.01 on Different Ground
5.1.
80 * 40mm EVB
Frequency(MHz)
1560
1565
1570
1575
1580
1585
1590
Efficiency (%)
82.8
83.8
83.0
83.1
83.6
83.0
82.0
Gain (dBi)
2.7
2.8
2.8
2.8
2.8
2.7
2.7
Average Gain (dB)
-0.8
-0.8
-0.8
-0.8
-0.8
-0.8
-0.9


Similar Part No. - GLA01

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
GLA02 ETC2-GLA02 Datasheet
578Kb / 11P
   1.34dbi 1575Hz GPS Loop Antenna
More results

Similar Description - GLA01

ManufacturerPart #DatasheetDescription
logo
Abracon Corporation
APAE1575R1540AZDB2F-T ABRACON-APAE1575R1540AZDB2F-T Datasheet
1Mb / 3P
   1575.42MHZ; 15x15x4mm GPS Patch Antenna
01.31.14
logo
List of Unclassifed Man...
GLA02 ETC2-GLA02 Datasheet
578Kb / 11P
   1.34dbi 1575Hz GPS Loop Antenna
logo
Abracon Corporation
APAE1575R2520ABDD7-T ABRACON-APAE1575R2520ABDD7-T Datasheet
2Mb / 3P
   1575.42MHZ; 25.0 x 25.0 x 2.0mm GPS Patch Antenna
11.13.14
APAE1575R1820ABDC1-T ABRACON-APAE1575R1820ABDC1-T Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 2.0mm GPS Patch Antenna
01.30.14
APAE1575R1840AADB7-T ABRACON-APAE1575R1840AADB7-T Datasheet
3Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 4.0mm GPS Patch Antenna
08.20.15
APAE1575R1240ABDD1-T ABRACON-APAE1575R1240ABDD1-T Datasheet
1Mb / 3P
   1575.42MHZ; 12 x 12 x 4mm GPS Patch Antenna
01.13.14
APAE1575R1340ABDD6-T ABRACON-APAE1575R1340ABDD6-T Datasheet
2Mb / 3P
   1575.42MHZ; 13 x 13 x 4mm GPS Patch Antenna
01.19.14
APAE1575R2040ABDD2-T ABRACON-APAE1575R2040ABDD2-T Datasheet
2Mb / 3P
   1575.42MHZ; 20.0 x 20.0 x 4.0mm GPS Patch Antenna
08.20.15
APAE1575R1820 ABRACON-APAE1575R1820 Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 2.0mm GPS Patch Antenna
01.30.14
APAE1575R1840BADB1F-T ABRACON-APAE1575R1840BADB1F-T Datasheet
1Mb / 3P
   1575.42MHZ; 18.0 x 18.0 x 4.0mm GPS Patch Antenna
01.15.14
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com