Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

MAFA3030-SC-P-1 Datasheet(PDF) 2 Page - Emcore Corporation

Part # MAFA3030-SC-P-1
Description  Full Function Fiber Optic Amplifier Ready for Integration
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  EMCORE [Emcore Corporation]
Direct Link  http://www.emcore.com
Logo EMCORE - Emcore Corporation

MAFA3030-SC-P-1 Datasheet(HTML) 2 Page - Emcore Corporation

  MAFA3030-SC-P-1 Datasheet HTML 1Page - Emcore Corporation MAFA3030-SC-P-1 Datasheet HTML 2Page - Emcore Corporation MAFA3030-SC-P-1 Datasheet HTML 3Page - Emcore Corporation MAFA3030-SC-P-1 Datasheet HTML 4Page - Emcore Corporation  
Zoom Inzoom in Zoom Outzoom out
 2 / 4 page
background image
DATASHEET | AUGUST 2012
FIBER OPTICS
| REV 2012.08
Information contained herein is deemed reliable and accurate as of the issue date. EMCORE reserves the right to change the design or specification at any time without notice.
Optical/Electrical Characteristics1
Property
Unit
Limit
Models
Comments
3037
3030
3032
3033
3035
3037
Operating Input
Power
Pin (dBm)
Max
12
12
12
12
12
12
Operating Input
Power
Pin (dBm)
Min
-10
-10
-10
-10
-10
-10
Typical
(May vary for some models)
Output Power
Po(dBm)
Nominal
27.0
30.0
32.0
35.0
35.0
37.0
Note 2
Noise Figure
NF (dB)
Typ/Max
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
5.5/6.0
(Notes 3)
Static Gain
Flatness
ΔGs (dB)
Max
+/-2.0
+/-2.0
+/-2.0
+/-2.0
+/-2.0
+/-2.0
(Notes 4)
Dynamic Gain
Flatness
ΔGd (dB)
Max
+/-2.5
+/-2.5
+/-2.5
+/-2.5
+/-3.0
+/-3.0
(Notes 5)
Output Power
Stability
(dB)
Max
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/- 0.2
+/-0.2
(Note 6)
Power
Consumption
(Steady state)
Psys(W)
Max
20
12
28
18
35
25
45
35
48
38
55
45
70
oC Case (Premium)
55
oC (Economy)
Remnant Pump
Power to Output
Prp(dBm)
Nom
< -30
< -30
< -30
< -30
< -30
< -30
Notes:
1. Unless stated otherwise, all specifications apply over the full operating temperature and humidity ranges
2. Depending on the fiber optic patchcord interface the measured value can vary up to 0.5 dB from the actual value.
3. Measured with input optical signal with Pin ≈ 0 dBm and
 ≈ 1550 nm @ 25C. May vary for some models.
4. Measured with a swept Probe Signal (Pp), where Pp ≈ 0 dBm @ 25
C. May vary for some models.
5. Measured with a swept Probe Signal (Pp), and a fixed Tone Signal (Pt) @ ~ 1550 nm; (Pt ≈ Pp+20 dB; Pt + Pp ≈ 0 dBm)
@ 25
C
6. Over polarization and specified temperature range.
7. Premium version – MAFA (with cooled pumps).
Economy version – MAFA (with uncooled pumps).
General and Mechanical Specifications
Property
Requirement
Comments
Operating Wavelength
1545 nm ~ 1562 nm
Standard
Operating Case Temperature
-40
C to 75C
-10
C to 65C
Premium
Economy
Storage Temperature
-40
C to 85C
Operating Humidity
20% to 85%
Non-condensing
+5.0V +/-5%
All versions
Voltage Supply Range
+24V +/-5%
All versions
(efficiency: 75% for MAFA 3030; 90% for MAFA 3037)
Optical Connectors
SC/APC; FC/APC; E2000/APC
User Specified (for MAFA 3032, MAFA 3033, MAFA 3035 and
MAFA 3037, if used separately, only special high power
patchcord is absolutely recommended)
Dimensions (in)
9.5”W x 6.7”D x 1.5”H
MAFA 3030 to MAFA 3037
Unit height depends on heatsink used
MAFA 3000 Series EDFA


Similar Part No. - MAFA3030-SC-P-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA3030-SC-P-1 EMCORE-MAFA3030-SC-P-1 Datasheet
328Kb / 4P
   Erbium Doped Fiber Micro Amplifier
More results

Similar Description - MAFA3030-SC-P-1

ManufacturerPart #DatasheetDescription
logo
Emcore Corporation
MAFA-1014-SC1-00-S-1 EMCORE-MAFA-1014-SC1-00-S-1_13 Datasheet
620Kb / 4P
   Full Function Fiber Optic Amplifier Ready for Integration
MAFA-2014-SC-00 EMCORE-MAFA-2014-SC-00_13 Datasheet
395Kb / 4P
   Full Function Fiber Optic Amplifier Gain Block Ready for Integration
PONA-3027-SC-01-P-AC EMCORE-PONA-3027-SC-01-P-AC Datasheet
563Kb / 6P
   Full Function High Power Fiber Optic Amplifier
logo
ON Semiconductor
MC10SX1125 ONSEMI-MC10SX1125 Datasheet
81Kb / 5P
   FIBER OPTIC POST AMPLIFIER
1996 REV 1
logo
AVAGO TECHNOLOGIES LIMI...
HFBR-150XAFZ AVAGO-HFBR-150XAFZ Datasheet
733Kb / 7P
   Full Metal Fiber Optic Transmitter and Receiver for SERCOS Applications
logo
Carlo Gavazzi Holding A...
FA1 CARLOGAVAZZI-FA1 Datasheet
914Kb / 5P
   Fiber Optic Sensor Amplifier Type FA1
logo
Pepperl+Fuchs Inc.
MLV41-LL-IR-2133 PF-MLV41-LL-IR-2133 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
OJ500-M1K-E23 PF-OJ500-M1K-E23 Datasheet
220Kb / 3P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-1347 PF-MLV41-LL-IR-1347 Datasheet
281Kb / 2P
   Fiber optic sensor for glass fiber optics
MLV41-LL-IR-2492 PF-MLV41-LL-IR-2492 Datasheet
269Kb / 2P
   Fiber optic sensor for glass fiber optics
More results


Html Pages

1 2 3 4


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com