Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

PJ-063BH Datasheet(PDF) 1 Page - CUI INC

Part # PJ-063BH
Description  CONTACT RESISTANCE: 50m OHMS MAX
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CUI [CUI INC]
Direct Link  http://www.cui.com
Logo CUI - CUI INC

PJ-063BH Datasheet(HTML) 1 Page - CUI INC

  PJ-063BH Datasheet HTML 1Page - CUI INC  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
CENTER PIN DIAMETER 2.5mm Dia.
SCHEMATIC
MODEL NO.
2
1
PJ-063BH
9.0 0.354
1.6 0.063
+0.1
-0.0
5.0 0.197
(2 PLCS)
6.0 0.236
12.0 0.472
3.00 0.118
3.00 0.118
5.0 0.197
(2 PLCS)
6.0 0.236
5.00 0.197
5.00 0.197
1.00X2.50
PCB LAYOUT
TOP VIEW
(2 PLCS)
1.00X2.30
1
2
1.00X3.00
REV.
DESCRIPTION
DATE
A
NEW DRAWING
7/23/2009
2.50 0.098
X.XXX ±0.05mm
Silver
Copper Alloy
TERMINAL 2
TERMINAL 1
A
MATERIAL
CENTER PIN
SHIELD
HOUSING
PLATING
PBT
Silver
X.XX ±0.1mm
X.X ±0.2mm
TOLERANCE:
Silver
Copper Alloy
SPRING
OPERATING TEMP: -25° ~ +85°C
Nickel
Nickel
Brass
Copper
LIFE: 5,000 CYCLES
VOLTAGE WITHSTAND: 500V AC R.M.S. FOR 1 MINUTE
INSULATION RESISTANCE: 100M OHMS MIN: 500V DC
CONTACT RESISTANCE: 50m OHMS MAX
RATING: 16V DC @ 8A
Website: www.cui.com
RoHS
SPECIFICATIONS:
20050 SW 112th Ave.
Tualatin, OR 97062
Phone: 503-612-2300
800-275-4899
Fax: 503-612-2383
Brass
3:1
DC POWER JACK
COPYRIGHT 2009 BY CUI INC.
TITLE:
MM [INCHES]
PJ-063BH
PJ-063BH
PC FILE NAME:
APPROVED BY:
DRAWN BY:
UNITS:
PART NO.
SCALE:
ZRJ
REV:
2.00
(2 PLCS)
0.512
13.0
0.492
12.5
0.079
1.80 0.071
SPRING
0.118
(4 PLCS)
-0.1
+0.0
0.071
1.8
1.5 0.059
0.3
0.256
6.50
0.354
9.0
0.406
10.3
3.0
10.0 0.394


Similar Part No. - PJ-063BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-063AH CUI-PJ-063AH Datasheet
318Kb / 3P
   DC POWER JACK
More results

Similar Description - PJ-063BH

ManufacturerPart #DatasheetDescription
logo
CUI INC
PJ-035CH CUI-PJ-035CH Datasheet
237Kb / 1P
   CONTACT RESISTANCE: 50m OHMS MAX
PJ-035C CUI-PJ-035C Datasheet
237Kb / 1P
   CONTACT RESISTANCE : 50m OHMS MAX
PJ-042 CUI-PJ-042 Datasheet
252Kb / 1P
   SPECIFICATIONS: RATING : 16V DC 2.5A CONTACT RESISTANCE : 50m OHMS MAX
logo
E-SWITCH
EG1218 E-SWITCH-EG1218 Datasheet
40Kb / 1P
   CONTACT RESISTANCE: 50MILLI-OHMS Max
logo
CUI INC
PDP-30 CUI-PDP-30 Datasheet
111Kb / 4P
   INSULATION RESISTANCE: 50M OHMS MIN: 250V DC
PD-40 CUI-PD-40 Datasheet
26Kb / 1P
   RATING 20V DC 7.5A CONTACT RESISTANCE : 30m OHMS MAX
logo
E-SWITCH
K100300 E-SWITCH-K100300 Datasheet
187Kb / 1P
   Contact Resistance : 10m-OHMS
K200102 E-SWITCH-K200102 Datasheet
33Kb / 1P
   Contact Resistance : 10m-OHMS
K200137 E-SWITCH-K200137 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
K200139 E-SWITCH-K200139 Datasheet
66Kb / 1P
   Contact Resistance : 10m-OHMS
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com