Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

659H Datasheet(PDF) 2 Page - List of Unclassifed Manufacturers

Part # 659H
Description  600H and 600NH series
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

659H Datasheet(HTML) 2 Page - List of Unclassifed Manufacturers

  659H Datasheet HTML 1Page - List of Unclassifed Manufacturers 659H Datasheet HTML 2Page - List of Unclassifed Manufacturers 659H Datasheet HTML 3Page - List of Unclassifed Manufacturers 659H Datasheet HTML 4Page - List of Unclassifed Manufacturers 659H Datasheet HTML 5Page - List of Unclassifed Manufacturers 659H Datasheet HTML 6Page - List of Unclassifed Manufacturers 659H Datasheet HTML 7Page - List of Unclassifed Manufacturers 659H Datasheet HTML 8Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
APEM
www.apem.com
A-101
600H and 600NH series
Toggle switches - high amperage
Specifications
A
AGENCY APPROVALS
Availability
: see chart on previous page.
Marking
: approved models are standard marked.
PANEL CUT
-OUT
MOUNTING RECOMMENDATIONS
Connection
• For quick-connect terminals, use 6,3 x 0,8 mm
normalized female connectors.
• For screw terminals, use :
either 1,5 mm2 or 2,5 mm2 rigid wires,
or prepared stripped and tin plated flexible wires,
or prepared flexible wires with crimped termination per
EN 50027 (DIN 46228)
Ground connector
Compulsory if the panel is not metallic or not connected
to ground. Should also be used when front face nut is of
plastic material.
Order separately, see section I.
(.066)
(.48DIA)
1.70
Ø12.20
Ø12.50
(.492DIA)
(.137DIA)
Ø3.50
Ø12.20
(.48DIA)
EN 61058-1
EN 61058-1


Similar Part No. - 659H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
659 LITTELFUSE-659 Datasheet
146Kb / 1P
   MINIATURE FUSEHOLDERS
6590000000 LITTELFUSE-6590000000 Datasheet
162Kb / 1P
   PC Mount, 5x20mm Fuses
65900000009 LITTELFUSE-65900000009 Datasheet
536Kb / 1P
   656 Series Molded Base PC Mount Fuse Block For 5횞20mm Fuses
Revised: 07/09/21
65900001009 LITTELFUSE-65900001009 Datasheet
837Kb / 1P
   658 Series Molded Base Surface Mount Fuse Block For 5횞20mm Fuses
Revised: 07/08/21
logo
Allegro MicroSystems
6595 ALLEGRO-6595 Datasheet
167Kb / 10P
   8-BIT SERIAL-INPUT, DMOS POWER DRIVER
January 24, 2000
More results

Similar Description - 659H

ManufacturerPart #DatasheetDescription
logo
Littelfuse
SPFR LITTELFUSE-SPFR Datasheet
547Kb / 1P
   SPFR Series and SPFRHV Series
Rev: 071013
logo
Amphenol Corporation
4400 AMPHENOL-4400 Datasheet
1Mb / 10P
   Amphenol 67 and 165 Series Amphenol 67 and 165 Series
logo
Intel Corporation
BD82QM67-SLJ4M INTEL-BD82QM67-SLJ4M Datasheet
6Mb / 934P
   Intel짰 6 Series Chipset and Intel짰 6 Series Chipset and
logo
List of Unclassifed Man...
UCY74 ETC2-UCY74 Datasheet
1Mb / 29P
   UCY74 and UCA64 Series
logo
Xilinx, Inc
XC1700E XILINX-XC1700E Datasheet
123Kb / 12P
   XC1700E and XC1700L Series
logo
STMicroelectronics
BTW69-1000RG STMICROELECTRONICS-BTW69-1000RG Datasheet
88Kb / 6P
   BTW67 and BTW69 Series
logo
RF Micro Devices
AN0013 RFMD-AN0013 Datasheet
40Kb / 4P
   NBB Series and NDA Series Reliability
logo
EDAC, All Rights Reserv...
COVERS-SERIES EDAC-COVERS-SERIES Datasheet
255Kb / 1P
   Covers Series Rack and Panel Connector Covers | For 516 and 519 Series
logo
Panasonic Battery Group
EEF-LX PANASONICBATTERY-EEF-LX Datasheet
792Kb / 1P
   EEF-GX and LX Series
logo
Keysight Technologies
N1912A-P KEYSIGHT-N1912A-P Datasheet
1Mb / 14P
   P-Series Power Meters and
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com