Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ERT-J0ER103J Datasheet(PDF) 3 Page - Panasonic Semiconductor

Part # ERT-J0ER103J
Description  Multilayer NTC Thermistors
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

ERT-J0ER103J Datasheet(HTML) 3 Page - Panasonic Semiconductor

  ERT-J0ER103J Datasheet HTML 1Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 2Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 3Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 4Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 5Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 6Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 7Page - Panasonic Semiconductor ERT-J0ER103J Datasheet HTML 8Page - Panasonic Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 3 / 8 page
background image
Design and specifications are each subject to change without notice. Ask factory for the current technical specifications before purchase and/or use.
Should a safety concern arise regarding this product, please be sure to contact us immediately.
Multilayer NTC Thermistors
– 365 –
Ratings
Size code (EIA)
Z(0201)
0(0402)
1(0603)
Operating
Temperature Range
–40 to 125 °C
Rated Maximum
Power Dissipation
1
33 mW
66 mW
100 mW
Dissipation Factor
2
approximately
1 mW/°C
approximately
2 mW/°C
approximately
3 mW/°C
✽1 Rated Maximum Power Dissipation : The maximum power that can be continuously applied at the rated ambient temperature.
· The Maximum Power Dissipation under ambient temperature 25 °C or less is the same with the rated maximum power dissipation, and Maximum
power dissipation beyond 25 °C depends on the Decreased power dissipation curve.
· Please see “Operating Power” for details paging 371.
✽2 Dissipation factor : The constant amount power required to raise the temperature of the Thermistor 1 °C through self heat generation under
stable temperatures.
· Dissipation factor is the reference value when mounted on a glass epoxy board (1.6 mmT).
● Resistance ratios to R25 at each temperature/Reference values
(for obtaining resistance at each temperature by using R25 shown in part number)
R25=Resistance at 25.0±0.1 °C
R50=Resistance at 50.0±0.1 °C
R85=Resistance at 85.0±0.1 °C
B25/50=
kn (R25/R50)
1/298.15–1/323.15
B25/85=
kn (R25/R85)
1/298.15–1/358.15
✽1 Other than ERTJ0ET104
in B25/50=4500K.
✽2 ERTJ0ET104
only.
ERTJ
A∼
ERTJ
G∼
ERTJ
M∼
ERTJ
P∼
ERTJ
R∼
ERTJ0ES∼
ERTJ1VS∼
ERTJ
T∼ ERTJ0ET104
ERTJ
V∼
B25/50
2750 K
2800 K
(3375 K)
3900 K
4050 K
4250K
4330K
(4330K)
4500K
4500K
4700K
B25/85 (2700 K) (2750 K)
3435 K
(3970 K) (4100 K)
(4300K)
(4390K)
4390K
(4450K)
(4580K)
(4750K)
T(°C)
✽1
✽2
-40 13.05
13.28
20.52
32.11
33.10
43.10
45.67
45.53
63.30
47.07
59.76
-35 10.21
10.40
15.48
23.29
24.03
30.45
32.08
31.99
42.92
33.31
41.10
-30
8.061
8.214
11.79
17.08
17.63
21.76
22.80
22.74
29.50
23.80
28.61
-25
6.427
6.547
9.069
12.65
13.06
15.73
16.39
16.35
20.53
17.16
20.14
-20
5.168
5.261
7.037
9.465
9.761
11.48
11.91
11.89
14.46
12.49
14.33
-15
4.191
4.261
5.507
7.147
7.362
8.466
8.743
8.727
10.30
9.159
10.31
-10
3.424
3.476
4.344
5.444
5.599
6.300
6.479
6.469
7.407
6.772
7.482
-5
2.819
2.856
3.453
4.181
4.291
4.730
4.845
4.839
5.388
5.046
5.481
0
2.336
2.362
2.764
3.237
3.312
3.582
3.654
3.650
3.966
3.789
4.050
5
1.948
1.966
2.227
2.524
2.574
2.734
2.778
2.776
2.953
2.864
3.015
10
1.635
1.646
1.806
1.981
2.013
2.102
2.128
2.126
2.221
2.179
2.262
15
1.380
1.386
1.474
1.567
1.584
1.629
1.642
1.641
1.687
1.669
1.710
20
1.171
1.174
1.211
1.247
1.255
1.272
1.277
1.276
1.293
1.287
1.303
25
1
1
1
1
1
1
1
1
1
1
1
30
0.8585
0.8565
0.8309
0.8072
0.8016
0.7921
0.7888
0.7890
0.7799
0.7823
0.7734
35
0.7407
0.7372
0.6941
0.6556
0.6461
0.6315
0.6263
0.6266
0.6131
0.6158
0.6023
40
0.6422
0.6376
0.5828
0.5356
0.5235
0.5067
0.5004
0.5007
0.4856
0.4876
0.4721
45
0.5595
0.5541
0.4916
0.4401
0.4266
0.4090
0.4022
0.4025
0.3874
0.3884
0.3723
50
0.4899
0.4836
0.4165
0.3635
0.3496
0.3319
0.3251
0.3254
0.3111
0.3111
0.2954
55
0.4309
0.4238
0.3543
0.3018
0.2881
0.2709
0.2642
0.2645
0.2513
0.2504
0.2356
60
0.3806
0.3730
0.3027
0.2518
0.2386
0.2222
0.2158
0.2161
0.2042
0.2026
0.1889
65
0.3376
0.3295
0.2595
0.2111
0.1985
0.1832
0.1772
0.1774
0.1670
0.1648
0.1523
70
0.3008
0.2922
0.2233
0.1777
0.1659
0.1518
0.1463
0.1465
0.1377
0.1348
0.1236
75
0.2691
0.2600
0.1929
0.1504
0.1393
0.1264
0.1213
0.1215
0.1144
0.1108
0.1009
80
0.2417
0.2322
0.1672
0.1278
0.1174
0.1057
0.1011
0.1013
0.09560
0.09162
0.08284
85
0.2180
0.2081
0.1451
0.1090
0.09937
0.08873
0.08469
0.08486
0.08033
0.07609
0.06834
90
0.1974
0.1871
0.1261
0.09310
0.08442
0.07468
0.07122
0.07138
0.06782
0.06345
0.05662
95
0.1793
0.1688
0.1097
0.07980
0.07200
0.06307
0.06014
0.06028
0.05753
0.05314
0.04712
100
0.1636
0.1528
0.09563
0.06871
0.06166
0.05353
0.05099
0.05112
0.04903
0.04472
0.03939
105
0.1498
0.1387
0.08357
0.05947
0.05306
0.04568
0.04340
0.04351
0.04198
0.03784
0.03308
110
0.1377
0.1263
0.07317
0.05170
0.04587
0.03918
0.03708
0.03718
0.03609
0.03218
0.02791
115
0.1270
0.1153
0.06421
0.04512
0.03979
0.03374
0.03179
0.03188
0.03117
0.02748
0.02364
120
0.1175
0.1056
0.05650
0.03951
0.03460
0.02916
0.02734
0.02742
0.02702
0.02352
0.02009
125
0.1091
0.09695
0.04986
0.03470
0.03013
0.02527
0.02359
0.02367
0.02351
0.02017
0.01712
Sep. 2010
00


Similar Part No. - ERT-J0ER103J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
More results

Similar Description - ERT-J0ER103J

ManufacturerPart #DatasheetDescription
logo
Panasonic Semiconductor
ERT-J1VG103JA PANASONIC-ERT-J1VG103JA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EG103FA PANASONIC-ERT-J0EG103FA Datasheet
185Kb / 9P
   Multilayer NTC Thermistors
ERT-J1VR682J PANASONIC-ERT-J1VR682J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EV474J PANASONIC-ERT-J0EV474J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VG103FA PANASONIC-ERT-J1VG103FA Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J0EP473F PANASONIC-ERT-J0EP473F Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VV104J PANASONIC-ERT-J1VV104J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
ERT-J1VR472J PANASONIC-ERT-J1VR472J Datasheet
167Kb / 8P
   Multilayer NTC Thermistors
logo
Murata Manufacturing Co...
NCP03WF333J05RL MURATA-NCP03WF333J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
NCP03WL104J05RL MURATA-NCP03WL104J05RL_17 Datasheet
197Kb / 3P
   NTC Thermistors
More results


Html Pages

1 2 3 4 5 6 7 8


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com