Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

R2500F Datasheet(PDF) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # R2500F
Description  HIGH VOLTAGE SILICON RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

R2500F Datasheet(HTML) 2 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  R2500F Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD R2500F Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
10
INDUCTIVE
NONINDUCTIVE
FIG.4-TEST CIRCUIT DIAGRAM AND
1 megohm. 22pF
2.Rise time=10ns max. Source Impedance=
NOTES: 1.Rise Time =7ns max. Input Impedance=
REVERSE RECOVERY TIME CHARACTERISTIC
FIG.3-TYPICAL REVERSE
REVERSE VOLTAGE,(%)
40
PERCENT OF RATED PEAK
AMBIENT TEMPERATURE, ( ° C)
0
0.01
1.0
0.1
10
25
0
120
80
50 ohms
T =25 ° C
j
CHARACTERISTICS
100
75
50
150
125
NON
1
D.U.T.
50
25 Vdc
(approx.)
(+)
(-)
NONINDUCTIVE
175
DERATING CURVE
FIG.1-TYPICAL FORWARD CURRENT
500
200
0
Inductive Load 0.375"(9.5mm)
Lead Length
Resistive or
R2500F-R
5000F
Half Wave 60Hz
Single Phase
R1
20
0F
-R
20
00
F
SET TIME BASE FOR
50/100ns/cm
NUMBER OF CYCLES AT 60 Hz
PULSE
GENERATIOR
(NOTE 2)
(NOTE 1)
OSCILLOSCOPE
+0.5A
0
-0.25A
-1.0A
(-)
(+)
2
1
0
6
8
10
4
Trr
1cm
40
60
20
100
(JEDEC Method)
=T
FORWARD SURGE CURRENT
8.3ms Single Half Sine-Wave
FIG.2-MAXIMUM NON-REPETITIVE PEAK
1 Cycle
20
30
10
Tj
j max
R1200F-R5000F
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - R2500F

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
R2500F RECTRON-R2500F Datasheet
20Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER (VOLTAGE RANGE 2500 to 5000 Volts CURRENT 0.2 Ampere)
logo
Shanghai Shunye Electro...
R2500F SY-R2500F Datasheet
234Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIER
logo
Micro Commercial Compon...
R2500F MCC-R2500F Datasheet
174Kb / 3P
   200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
logo
Bytes
R2500F BYTES-R2500F Datasheet
154Kb / 2P
   HIGH VOLTAGE FAST RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
R2500F MCC-R2500F Datasheet
229Kb / 3P
   200 Milliamp High Voltage Fast Recovery Silicon Rectifier 2500 to 3000 Volts
More results

Similar Description - R2500F

ManufacturerPart #DatasheetDescription
logo
Zowie Technology Corpor...
R1200 ZOWIE-R1200 Datasheet
41Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Frontier Electronics.
GP02-25-LFR FRONTIER-GP02-25-LFR Datasheet
130Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO-41 YFWDIODE-R1200-DO-41 Datasheet
330Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
MIC GROUP RECTIFIERS
R1200 MIC-R1200 Datasheet
172Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Chongqing Pingwei Enter...
SHV03 CHONGQING-SHV03 Datasheet
37Kb / 1P
   HIGH VOLTAGE SILICON RECTIFIER
logo
New Jersey Semi-Conduct...
TV6 NJSEMI-TV6 Datasheet
48Kb / 2P
   High Voltage Silicon Rectifier
logo
DONGGUAN YOU FENG WEI E...
R1200 YFWDIODE-R1200 Datasheet
102Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Edal Industries, Inc.
B656 EDAL-B656 Datasheet
47Kb / 1P
   SILICON HIGH VOLTAGE RECTIFIER
logo
Diotech Company.
R1200 DIOTECH-R1200 Datasheet
833Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
DONGGUAN YOU FENG WEI E...
R1200-DO41 YFWDIODE-R1200-DO41 Datasheet
302Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
logo
Diotech Company.
R2500 DIOTECH-R2500 Datasheet
704Kb / 2P
   HIGH VOLTAGE SILICON RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com