Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPG-XY64D2T Datasheet(PDF) 13 Page - Panasonic Semiconductor

Part # FPG-XY64D2T
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPG-XY64D2T Datasheet(HTML) 13 Page - Panasonic Semiconductor

Back Button FPG-XY64D2T Datasheet HTML 9Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 10Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 11Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 12Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 13Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 14Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 15Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 16Page - Panasonic Semiconductor FPG-XY64D2T Datasheet HTML 17Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 24 page
background image
General specifications
PROG.
RUN
COM.1
S
R
COM.2
S
R
X0-7
Y0-7
X8-F
Y8-F
RUN
PROG.
ALARM
ERROR
0
2
4
6
1
3
5
7
8
A
C
E
9
B
D
F
0
2
4
6
1
3
5
7
8
A
C
E
9
B
D
F
V1
V0
min.
max.
13
FP
∑ (Sigma) data memory expansion unit
Data capacity expandable up to 256k words
Features
Able to store 256k words, this memory unit is well-suited for storing remote monitoring logs.

Take advantage of FP

S’s (Sigma) memory for manufacturing systems that produce more than one model. With FPS’s (Sigma)
memory, you no longer need to download new production data every time you switch manufacturing process.
Up to 4 units can be connected to the FP

S (Sigma), allowing up to 1024k words to be stored.
Item
Description
Ambient temperature/
humidity
0 to 55°C, 30 to 85% RH (no condensation)
Storage temperature/
humidity
-20 to +70°C, 30 to 85% RH (no condensation)
Vibration resistance
10 to 55Hz, 1 sweep/min.,
double amplitude of 0.75mm, 10min. on 3 axes
Shock resistance
98m/s 2 or more, 4 times on 3 axes
Noise immunity
1000V (P-P) with pulse width 50ns,
1µs (using a noise simulator)
Basic unit mass
Approx. 80g
The amount of increase in
control unit consumption
current
35mA or less (24VDC)
(100mA or less (internal 5VDC)
Item
Description
Memory capacity
256k words (1k words x 256 banks)
Battery life
5 years or more
5V Power consumption
10 to 55Hz, 1 sweep/min.,
double amplitude of 100mA or less
Number of I/O points
Input 16 points
FPG-EM1
Programming tool FPWIN Pro
Instructions F150 and F151 are necessary for reading from
and writing to memory expansion units.
Data is read with the
F150 instruction.
Data is written with
the F151 instruction.
Performance specifications
09/2008


Similar Part No. - FPG-XY64D2T

ManufacturerPart #DatasheetDescription
logo
SAB North America
FPG-11 SAB-FPG-11 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-11R SAB-FPG-11R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13 SAB-FPG-13 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-13R SAB-FPG-13R Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
FPG-16 SAB-FPG-16 Datasheet
171Kb / 1P
   Polyamide 6 Cord Grips
More results

Similar Description - FPG-XY64D2T

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com