Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

IKW20N60T Datasheet(PDF) 3 Page - Infineon Technologies AG

Part # IKW20N60T
Description  IGBT in TrenchStop짰 and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  INFINEON [Infineon Technologies AG]
Direct Link  http://www.infineon.com
Logo INFINEON - Infineon Technologies AG

IKW20N60T Datasheet(HTML) 3 Page - Infineon Technologies AG

  IKW20N60T Datasheet HTML 1Page - Infineon Technologies AG IKW20N60T Datasheet HTML 2Page - Infineon Technologies AG IKW20N60T Datasheet HTML 3Page - Infineon Technologies AG IKW20N60T Datasheet HTML 4Page - Infineon Technologies AG IKW20N60T Datasheet HTML 5Page - Infineon Technologies AG IKW20N60T Datasheet HTML 6Page - Infineon Technologies AG IKW20N60T Datasheet HTML 7Page - Infineon Technologies AG IKW20N60T Datasheet HTML 8Page - Infineon Technologies AG IKW20N60T Datasheet HTML 9Page - Infineon Technologies AG Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
IKP20N60T
TrenchStop
® Series
IKW20N60T
IFAG IPC TD VLS
3
Rev. 2.6 12.06.2013
Switching Characteristic, Inductive Load, at Tj=25 C
Parameter
Symbol
Conditions
Value
Unit
min.
Typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j =2 5 C ,
VC C = 40 0 V, IC = 2 0 A,
VG E = 0/ 15 V ,
R G = 12  ,
L
2 ) =131nH,
C
2 ) =31pF
Energy losses include
“tail” and diode
reverse recovery.
-
18
-
ns
Rise time
t r
-
14
-
Turn-off delay time
t d( of f)
-
199
-
Fall time
t f
-
42
-
Turn-on energy
Eo n
-
0.31
-
mJ
Turn-off energy
Eo ff
-
0.46
-
Total switching energy
Et s
-
0.77
-
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
T j =2 5 C ,
VR = 4 00 V , IF = 2 0 A,
d iF/ d t =8 8 0 A/ s
-
41
-
ns
Diode reverse recovery charge
Q rr
-
0.31
-
µC
Diode peak reverse recovery current
I rr m
-
13.3
-
A
Diode peak rate of fall of reverse
recovery current during t b
d irr /d t
-
711
-
A/
s
Switching Characteristic, Inductive Load, at Tj=175 C
Parameter
Symbol
Conditions
Value
Unit
min.
Typ.
max.
IGBT Characteristic
Turn-on delay time
t d( o n)
T j =1 7 5 C,
VC C = 40 0 V, IC = 2 0 A,
VG E = 0/ 15 V ,
R G = 1 2 
L
1 ) =131nH,
C
1 ) =31pF
Energy losses include
“tail” and diode
reverse recovery.
-
18
-
ns
Rise time
t r
-
18
-
Turn-off delay time
t d( of f)
-
223
-
Fall time
t f
-
76
-
Turn-on energy
Eo n
-
0.51
-
mJ
Turn-off energy
Eo ff
-
0.64
-
Total switching energy
Et s
-
1.15
-
Anti-Parallel Diode Characteristic
Diode reverse recovery time
t rr
T j =1 7 5 C
VR = 4 00 V , IF = 2 0 A,
d iF/ d t =8 8 0 A/ s
-
176
-
ns
Diode reverse recovery charge
Q rr
-
1.46
-
µC
Diode peak reverse recovery current
I rr m
-
18.9
-
A
Diode peak rate of fall of reverse
recovery current during t b
d irr /d t
-
467
-
A/
s
1) Leakage inductance Land Stray capacity Cdue to dynamic test circuit in Figure E.


Similar Part No. - IKW20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKW20N60T INFINEON-IKW20N60T Datasheet
435Kb / 15P
   IGBT in Trench and Fieldstop technology with soft,fast recovery anti-parallel EmCon HE diode
Rev. 2.2 Dec-04
IKW20N60T INFINEON-IKW20N60T Datasheet
454Kb / 14P
   Low Loss DuoPack : IGBT in TrenchStop and Fieldstop technology
Rev. 2.5 Sep. 08
IKW20N60T INFINEON-IKW20N60T Datasheet
507Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW20N60TA INFINEON-IKW20N60TA Datasheet
606Kb / 13P
   Designed for DC/AC converters for Automotive Application
Rev. 2.2 27.08.2013
IKW20N60T INFINEON-IKW20N60T_15 Datasheet
507Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
More results

Similar Description - IKW20N60T

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
IKA06N60T INFINEON-IKA06N60T_13 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKB20N60T INFINEON-IKB20N60T_14 Datasheet
703Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
IKP06N60T INFINEON-IKP06N60T_14 Datasheet
520Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKP20N60T INFINEON-IKP20N60T_15 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 18.05.2015
IKW30N60T INFINEON-IKW30N60T_15 Datasheet
506Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 19.05.2015
IKP04N60T INFINEON-IKP04N60T_16 Datasheet
505Kb / 13P
   IGBT in TRENCHSTOPTM and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.8 17.02.2016
IKA15N60T INFINEON-IKA15N60T_16 Datasheet
515Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 25.07.2016
IKP10N60T INFINEON-IKP10N60T_15 Datasheet
458Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 11.05.2015
IKB06N60T INFINEON-IKB06N60T Datasheet
658Kb / 13P
   IGBT in TRENCHSTOP and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.5 20.09.2013
IKW50N60T INFINEON-IKW50N60T_13 Datasheet
598Kb / 13P
   IGBT in TRENCHSTOP??and Fieldstop technology with soft, fast recovery anti-parallel Emitter Controlled HE diode
Rev. 2.6 20.09.2013
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com