Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

FPWEB2 Datasheet(PDF) 10 Page - Panasonic Semiconductor

Part # FPWEB2
Description  Programmable Controllers
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  PANASONIC [Panasonic Semiconductor]
Direct Link  http://www.panasonic.com/industrial/
Logo PANASONIC - Panasonic Semiconductor

FPWEB2 Datasheet(HTML) 10 Page - Panasonic Semiconductor

Back Button FPWEB2 Datasheet HTML 6Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 7Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 8Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 9Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 10Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 11Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 12Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 13Page - Panasonic Semiconductor FPWEB2 Datasheet HTML 14Page - Panasonic Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 24 page
background image
10
Features
Fast startup of 0.02 or 0.005ms makes cycle time reduction possible.

Feedback pulse count function makes output pulse counting from external encoders possible.

JOG positioning control supports a wide range of applications.

4 types of S-curve acceleration/deceleration control makes smooth startup and stopping possible:

Sine curve, quadratic curve, cycloid curve and cubic curve.
FP
S (Sigma) positioning expansion units
Precise positioning
Unit type and product number
Type
Output type
Part number
1-axis type
Transistor output type
FPG-PP11
2-axis type
Transistor output type
FPG-PP21
1-axis type
Line driver output type
FPG-PP12
2-axis type
Line driver output type
FPG-PP22
 The FPS (Sigma) positioning unit can handle simultaneous startup of multiple axes, enabling simultaneous control of linear
interpolation and other elements through user programs.
 Transistor output type (open collector) and line driver output type are available.
FPG-PP11
FPG-PP12
FPG-PP21
FPG-PP22
09/2008


Similar Description - FPWEB2

ManufacturerPart #DatasheetDescription
logo
Toshiba Semiconductor
TLP626 TOSHIBA-TLP626_07 Datasheet
240Kb / 8P
   Programmable Controllers
TLP620 TOSHIBA-TLP620_07 Datasheet
267Kb / 9P
   Programmable Controllers
TLP628 TOSHIBA-TLP628_07 Datasheet
252Kb / 8P
   Programmable Controllers
logo
Omron Electronics LLC
3G2A5-LK010-E OMRON-3G2A5-LK010-E Datasheet
1Mb / 182P
   Programmable Controllers
logo
Toshiba Semiconductor
TLP624 TOSHIBA-TLP624 Datasheet
263Kb / 8P
   Programmable Controllers
TLP631 TOSHIBA-TLP631_07 Datasheet
197Kb / 8P
   Programmable Controllers
TLP627A TOSHIBA-TLP627A Datasheet
208Kb / 4P
   PROGRAMMABLE CONTROLLERS
TLP531 TOSHIBA-TLP531_07 Datasheet
713Kb / 9P
   Programmable Controllers
TLP130 TOSHIBA-TLP130_07 Datasheet
210Kb / 9P
   Programmable Controllers
logo
Omron Electronics LLC
CJ1W-DA041 OMRON-CJ1W-DA041 Datasheet
220Kb / 8P
   CJ1 Programmable Controllers
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com