Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702-AGAA-0000 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # 6702-AGAA-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-AGAA-0000 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  6702-AGAA-0000 Datasheet HTML 1Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-AGAA-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 20 page
background image
Pressure & Vacuum Switches
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
6702 High Pressure Switch
High pressure switch all plastic construction. Ranges 1.4-13.8 Bar (20-200 PSI).
Two (2) Pole Electrical Switching.
Page PV1 & 2
6773 Double Diaphragm Pressure Switch
Double diaphragm construction to meet double insulation requirements of
EN 60335-2-60. Water presence detection.
Page PV3
6761 and 6763 Low Air Pressure Vacuum Switches
Printed circuit board mounted, pressure/vacuum switches. UL versions available.
Range from (0.015 Bar - 1.0 Bar Pressure) (-0.015 Bar - 0.670 Bar Vacuum).
Page PV4
6741 and 6742 Medium Pressure Switches
Constructed in Nylon 12 material (pressure range 0.1 Bar to 8.2 Bar).
Single or double pole in 8 adjustable switch ranges. UL versions available.
Page PV5 & 6
6731 and 6732 Low Pressure Switches
Constructed in Nylon 12 material (pressure range (0.0037 Bar to 0.137 Bar).
Single or double pole in 3 adjustable switch ranges. UL versions available.
Page PV7 & 8
6753 Low Air Pressure/Vacuum Switches
Small versatile compact differential switch with low contact inertia for rapid switching
(range 2.5 mbar to 40 mbar).
Page PV9 & 10
6721 and 6722 Vacuum Switches
Constructed in Nylon 12 material (vacuum range -0.0075 Bar to -0.670 Bar).
Single or double pole in 5 adjustable switch ranges. UL versions available.
Page PV11 & 12
Pressure Conversion Chart
For more commonly used measurements, including flow, liquid, force and weight
equivalents.
Page PV13
Certification Markings
Covers most worldwide authorities/certification marks.
Page PV14
Fax Back Sheet
For your fast quotation service.
Page PV16
Page PV15
Accessories / Switch Housings
Air and electrical connections are available for all pressure and vacuum switches. Please
also refer to Airswitching section or contact herga for details.


Similar Part No. - 6702-AGAA-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-AGAA-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com