Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-3125 Datasheet(PDF) 8 Page - List of Unclassifed Manufacturers

Part # B3F-3125
Description  A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B3F-3125 Datasheet(HTML) 8 Page - List of Unclassifed Manufacturers

  B3F-3125 Datasheet HTML 1Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 2Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 3Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 4Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 5Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 6Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 7Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 8Page - List of Unclassifed Manufacturers B3F-3125 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 8 / 9 page
background image
769
Text
768
Text
Tactile Switch – B3F
6 mm x 6 mm Radial Types (Taping Specifications): Sold in Units of 1,000 Switches
Tactile Switch – B3F
Tactile Switch – B3F
Two, 1.8
±0.05 dia.
(For positioning boss)
Four,
1.2
±0.05 dia.
Two, 1.8
±0.05 dia.
(For positioning boss)
Five,
1.2
±0.05 dia.
Two, 1.8
±0.05 dia.
(For positioning boss)
Four, 1.2
±0.05 dia.
B3F-4000, B3F-4005,
B3F-5000, B3F-5001
7.1 dia.
7.1 dia.
7.1 dia.
3.8
×3.8±0.1
3.8
×3.8±0.1
7.1 dia.
Two, 1.8
±0.05 dia.
(For positioning boss)
Five,
1.2
±0.05 dia.
B3F-4100, B3F-4105,
B3F-5100, B3F-5101
B3F-4050, B3F-4055,
B3F-5050, B3F-5051
B3F-4150, B3F-4155,
B3F-5150, B3F-5151
Flat Plunger Type
(without Ground Terminal)
Flat Plunger Type
(with Ground Terminal)
Projected Plunger Type
(without Ground Terminal)
Projected Plunger Type
(with Ground Terminal)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Internal
Connections (Top View)
PCB Mounting (Top View)
(Single-sided PCB, t=1.6)
Terminal Arrangement/Intern
Connections (Top View)
12 x 12 mm Models
Omron 08 Cat 565-773
5/10/07
15:58
Page 768


Similar Part No. - B3F-3125

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-3125 OMRON-B3F-3125 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-3125 OMRON-B3F-3125 Datasheet
1Mb / 12P
   Tactile Switch
B3F-3125 OMRON-B3F-3125 Datasheet
1Mb / 12P
   Tactile Switch
More results

Similar Description - B3F-3125

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Weidmuller
2007200000 WEIDMULLER-2007200000 Datasheet
837Kb / 8P
   WS 12/6 MM WS
October 18, 2021
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
logo
Schneider Electric
LJB12606 SCHNEIDER-LJB12606 Datasheet
57Kb / 2P
   WIREWAY 12 x 6 - N12 - 6 in lg
logo
Thorlabs, Inc.
TPS6 THORLABS-TPS6 Datasheet
123Kb / 1P
   24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
14/OCT/10
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com