Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VND5E012MY-E Datasheet(PDF) 11 Page - STMicroelectronics

Part No. VND5E012MY-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E012MY-E Datasheet(HTML) 11 Page - STMicroelectronics

Back Button VND5E012MY-E Datasheet HTML 7Page - STMicroelectronics VND5E012MY-E Datasheet HTML 8Page - STMicroelectronics VND5E012MY-E Datasheet HTML 9Page - STMicroelectronics VND5E012MY-E Datasheet HTML 10Page - STMicroelectronics VND5E012MY-E Datasheet HTML 11Page - STMicroelectronics VND5E012MY-E Datasheet HTML 12Page - STMicroelectronics VND5E012MY-E Datasheet HTML 13Page - STMicroelectronics VND5E012MY-E Datasheet HTML 14Page - STMicroelectronics VND5E012MY-E Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 36 page
background image
DocID16503 Rev 5
11/36
VND5E012MY-E
Electrical specifications
35
)
Table 9. Current sense (8V<VCC<18V)
Symbol
Parameter
Test conditions
Min.
Typ.
Max.
Unit
K0
IOUT/ISENSE
IOUT=0.25A; VSENSE=0.5V
Tj= -40°C...150°C
2615
5130
7770
K1
IOUT/ISENSE
IOUT=5A; VSENSE=0.5V
Tj=-40°C...150°C
Tj=25°C...150°C
4155
4530
5330
5330
6650
6130
dK1/K1
(1)
Current sense ratio drift
IOUT=5A; VSENSE= 0.5V;
VCSD=0V;
TJ= -40 °C to 150 °C
-8
8
%
K2
IOUT/ISENSE
IOUT=10A; VSENSE=4V
Tj=-40°C...150°C
Tj=25°C...150°C
4705
4865
5290
5290
5950
5715
dK2/K2
(1)
Current sense ratio drift
IOUT= 10 A; VSENSE= 4 V;
VCSD=0V;
TJ= -40 °C to 150 °C
-5
5
%
K3
IOUT/ISENSE
IOUT=25A; VSENSE=4V
Tj=-40°C...150°C
Tj=25°C...150°C
4935
4985
5250
5250
5565
5515
dK3/K3
(1)
Current sense ratio drift
IOUT= 25 A; VSENSE= 4 V;
VCSD= 0V;
TJ= -40 °C to 150 °C
-4
4
%
ISENSE0
Analog sense leakage
current
IOUT=0A; VSENSE=0V;
VCSD=5V; VIN=0V;
Tj=-40°C...150°C
VCSD=0V; VIN=5V;
Tj=-40°C...150°C
IOUT=5A; VSENSE=0V;
VCSD=VIN=5V;
0
0
0
1
2
1
µA
µA
µA
VSENSE
Max analog sense
output voltage
IOUT=15A; VCSD=0V
5
V
VSENSEH
Analog sense output
voltage in fault
condition(2)
VCC=13V; RSENSE=10KΩ
8V
ISENSEH
Analog sense output
current in fault
condition(2)
VCC=13V; VSENSE=5V
9
mA
tDSENSE1H
Delay response time from
falling edge of CS_DIS
pin
VSENSE<4V, 1.5A<Iout<25A
ISENSE=90% of ISENSE max
(see Figure 4)
50
100
µs
tDSENSE1L
Delay response time from
rising edge of CS_DIS
pin
VSENSE<4V, 1.5A<Iout<25A
ISENSE=10% of ISENSE max
(see Figure 4)
520
µs


Similar Part No. - VND5E012MY-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VND5E012MY-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz