Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VND5E012MY-E Datasheet(PDF) 20 Page - STMicroelectronics

Part No. VND5E012MY-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E012MY-E Datasheet(HTML) 20 Page - STMicroelectronics

Back Button VND5E012MY-E Datasheet HTML 16Page - STMicroelectronics VND5E012MY-E Datasheet HTML 17Page - STMicroelectronics VND5E012MY-E Datasheet HTML 18Page - STMicroelectronics VND5E012MY-E Datasheet HTML 19Page - STMicroelectronics VND5E012MY-E Datasheet HTML 20Page - STMicroelectronics VND5E012MY-E Datasheet HTML 21Page - STMicroelectronics VND5E012MY-E Datasheet HTML 22Page - STMicroelectronics VND5E012MY-E Datasheet HTML 23Page - STMicroelectronics VND5E012MY-E Datasheet HTML 24Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 36 page
background image
Electrical specifications
VND5E012MY-E
20/36
DocID16503 Rev 5
2.5
Electrical characteristics curves
Figure 14. Off-state output current
Figure 15. High level input current
Figure 16. Input clamp voltage
Figure 17. Input high level voltage
Figure 18. Input low level voltage
Figure 19. Input hysteresis voltage
Iloff [nA]
0
500
1000
1500
2000
2500
3000
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Iih [uA]
0
0.5
1
1.5
2
2.5
3
3.5
4
4.5
5
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vin= 2.1V
Vicl [V]
5
5.2
5.4
5.6
5.8
6
6.2
6.4
6.6
6.8
7
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Iin= 1m A
Vih [V]
0
0.5
1
1.5
2
2.5
3
3.5
4
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vil [V]
0
0.2
0.4
0.6
0.8
1
1.2
1.4
1.6
1.8
2
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vihyst [V]
0
0.1
0.2
0.3
0.4
0.5
0.6
0.7
0.8
0.9
1
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]


Similar Part No. - VND5E012MY-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VND5E012MY-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz