Electronic Components Datasheet Search
  English  ▼

Delete All
ON OFF
ALLDATASHEET.NET

X  

Preview PDF Download HTML

VND5E012MY-E Datasheet(PDF) 21 Page - STMicroelectronics

Part No. VND5E012MY-E
Description  Double channel high-side driver with analog current sense for automotive applications
Download  36 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VND5E012MY-E Datasheet(HTML) 21 Page - STMicroelectronics

Back Button VND5E012MY-E Datasheet HTML 17Page - STMicroelectronics VND5E012MY-E Datasheet HTML 18Page - STMicroelectronics VND5E012MY-E Datasheet HTML 19Page - STMicroelectronics VND5E012MY-E Datasheet HTML 20Page - STMicroelectronics VND5E012MY-E Datasheet HTML 21Page - STMicroelectronics VND5E012MY-E Datasheet HTML 22Page - STMicroelectronics VND5E012MY-E Datasheet HTML 23Page - STMicroelectronics VND5E012MY-E Datasheet HTML 24Page - STMicroelectronics VND5E012MY-E Datasheet HTML 25Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 36 page
background image
DocID16503 Rev 5
21/36
VND5E012MY-E
Electrical specifications
35
Figure 20. On-state resistance vs Tcase
Figure 21. On-state resistance vs VCC
Figure 22. Undervoltage shutdown
Figure 23. ILIMH vs Tcase
Figure 24. Turn-on voltage slope
Figure 25. Turn-off voltage slope
Ron [m Ohm ]
0
5
10
15
20
25
30
35
40
45
50
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Iout= 5A
Vcc= 13V
Ron [m Ohm ]
0
4
8
12
16
20
24
0
5
10
15
20
25
30
35
40
Vcc [V]
Tc= -40°C
Tc= 25°C
Tc= 125°C
Tc= 150°C
Vusd [V]
0
2
4
6
8
10
12
14
16
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Ilim h [A]
30
40
50
60
70
80
90
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vcc= 13V
(dVout/dt)On [V/m s]
0
100
200
300
400
500
600
700
800
900
1000
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vcc= 13V
Rl= 2.6
(dVout/dt)Off [V/m s]
0
100
200
300
400
500
600
700
800
900
1000
-50
-25
0
25
50
75
100
125
150
175
Tc [°C]
Vcc= 13V
Rl= 2.6


Similar Part No. - VND5E012MY-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
More results

Similar Description - VND5E012MY-E

ManufacturerPart No.DatasheetDescription
STMicroelectronics
STMicroelectronics
VND5025LAK-E STMICROELECTRONICS-VND5025LAK-E Datasheet
595Kb / 31P
   Double channel high side driver with analog current sense for automotive applications
VND5050J-E STMICROELECTRONICS-VND5050J-E Datasheet
760Kb / 28P
   Double channel high side driver with analog current sense for automotive applications
VND5E008ASP-E STMICROELECTRONICS-VND5E008ASP-E Datasheet
742Kb / 33P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 4
VND5E050MCJ-E STMICROELECTRONICS-VND5E050MCJ-E Datasheet
592Kb / 40P
   Double-channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5050AJ-E STMICROELECTRONICS-VND5050AJ-E Datasheet
768Kb / 26P
   Double channel high side driver with analog current sense for automotive applications
VND5E050AJ-E STMICROELECTRONICS-VND5E050AJ-E Datasheet
738Kb / 44P
   Double channel high side driver with analog current sense for automotive applications
VND5E012AY-E STMICROELECTRONICS-VND5E012AY-E Datasheet
979Kb / 40P
   Double channel high-side driver with analog current sense for automotive applications
VND5E006ASP-E STMICROELECTRONICS-VND5E006ASP-E Datasheet
881Kb / 37P
   Double channel high-side driver with analog current sense for automotive applications
October 2013 Rev 6
VND5E025LK-E STMICROELECTRONICS-VND5E025LK-E Datasheet
812Kb / 37P
   Double channel high side driver with analog current sense for automotive applications
September 2013 Rev 2
VND5E050ACJ-E STMICROELECTRONICS-VND5E050ACJ-E Datasheet
569Kb / 43P
   Double channel high-side driver with analog current sense for automotive applications
September 2013 Rev 2
More results


Html Pages

1  2  3  4  5  6  7  8  9  10  11  12  13  14  15  16  17  18  19  20  21  22  23  24  25  26  27  28  29  30  31  32  33  34  35  36 


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz