Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

VNH5019ATR-E Datasheet(PDF) 10 Page - STMicroelectronics

Part # VNH5019ATR-E
Description  Automotive fully integrated H-bridge motor driver
Download  37 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

VNH5019ATR-E Datasheet(HTML) 10 Page - STMicroelectronics

Back Button VNH5019ATR-E Datasheet HTML 6Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 7Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 8Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 9Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 10Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 11Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 12Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 13Page - STMicroelectronics VNH5019ATR-E Datasheet HTML 14Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 37 page
background image
Electrical specifications
VNH5019A-E
10/37
Doc ID 15701 Rev 9
2.2
Thermal data
VCS
Current sense maximum voltage
VCC - 41
+VCC
V
V
VESD
Electrostatic discharge (human body model: R = 1.5 k
Ω,
C = 100 pF)
2kV
Tc
Case operating temperature
-40 to 150
°C
TSTG
Storage temperature
-55 to 150
°C
1.
This applies with the n-channel MOSFET used for the reverse battery protection. Otherwise VBAT has to be
shorted to VCC.
Table 4.
Absolute maximum rating (continued)
Symbol
Parameter
Value
Unit
Table 5.
Thermal data
Symbol
Parameter
Max. value
Unit
Rthj-case
Thermal resistance junction-case HSD
1.7
°C/W
Thermal resistance junction-case LSD
3.2
°C/W
Rthj-amb
Thermal resistance junction-ambient
See Figure 18
°C/W


Similar Part No. - VNH5019ATR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH5019A STMICROELECTRONICS-VNH5019A Datasheet
1Mb / 12P
   Motor driver evaluation board based on VNH5019A
September 2013 Rev 3
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
1Mb / 22P
   for car body applications
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
2Mb / 2P
   Fully-protected, eco-friendly motor control solutions
More results

Similar Description - VNH5019ATR-E

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
VNH3SP30-E STMICROELECTRONICS-VNH3SP30-E Datasheet
637Kb / 33P
   Automotive fully integrated H-bridge motor driver
VNH7070AY STMICROELECTRONICS-VNH7070AY Datasheet
1Mb / 48P
   Automotive fully integrated H-bridge motor driver
March 2019 Rev 5
VNH7100AS STMICROELECTRONICS-VNH7100AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 4
VNH5019A-E STMICROELECTRONICS-VNH5019A-E Datasheet
514Kb / 37P
   Automotive fully integrated H-bridge motor driver
VNH5180A-E STMICROELECTRONICS-VNH5180A-E Datasheet
533Kb / 31P
   Automotive fully integrated H-bridge motor driver
VNH7100BAS STMICROELECTRONICS-VNH7100BAS Datasheet
1Mb / 39P
   Automotive fully integrated H-bridge motor driver
March 2017 Rev 2
VNH3ASP30-E STMICROELECTRONICS-VNH3ASP30-E Datasheet
138Kb / 18P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
VNH2SP30 STMICROELECTRONICS-VNH2SP30 Datasheet
228Kb / 26P
   AUTOMOTIVE FULLY INTEGRATED H-BRIDGE MOTOR DRIVER
September 2004 Rev. 1
VNH5250AS-E STMICROELECTRONICS-VNH5250AS-E Datasheet
318Kb / 18P
   Automotive fully integrated H-bridge motor driver
September 2013 Rev 2
VNH7070AS STMICROELECTRONICS-VNH7070AS Datasheet
1Mb / 38P
   Automotive fully integrated H-bridge motor driver
October 2015 Rev 3
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com