Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

B3F-5150 Datasheet(PDF) 3 Page - List of Unclassifed Manufacturers

Part # B3F-5150
Description  A Wide Range of Models: 6 x 6 mm, 12 x 12 mm, Vertical and High-force.
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

B3F-5150 Datasheet(HTML) 3 Page - List of Unclassifed Manufacturers

  B3F-5150 Datasheet HTML 1Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 2Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 3Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 4Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 5Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 6Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 7Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 8Page - List of Unclassifed Manufacturers B3F-5150 Datasheet HTML 9Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 3 / 9 page
background image
765
Text
764
Text
Tactile Switch – B3F
Engineering Data
Operating Force vs. Stroke (Typical)
B3F-1000, -3000, -6000
B3F-4000, -5000
1.76
1.56
1.37
1.17
0.98
0.78
0.58
0.39
0.19
0
0.1
0.2
0.3
0.4
0.5
Stroke S (mm)
OF: 0.98 N
OF: 1.47 N
2.54
2.35
2.15
1.96
1.76
1.56
1.37
1.17
0.98
0.78
0.58
0.39
0.19
0
0.1
0.2
0.3
0.4
0.5
Stroke S (mm)
OF: 2.55 N
OF: 1.27 N
Tactile Switch – B3F
Rating/Characteristics
Specifications
Switching capacity
1 to 50 mA, 5 to 24 VDC (resistive load), 100µ to 50 mA, 5 to 24 VDC for
B3F-G series
Ambient temperature
-25°C to 70°C, at 60% maximum (with no icing)
Ambient humidity
35% to 85% (for +5° to 35°C)
Contact form
SPST-NO
Contact resistance
100 mΩ max. (initial value) (rated: 1 mA, 5 VDC), 100µA, 5 VDC for B3F-G series
Insulation resistance
100 MΩ min. (at 250 VDC)
Dielectric strength
500 VAC, 50/60 Hz for 1 min
Bounce time
5 ms max.
Vibration resistance
Malfunction: 10 to 55 Hz, 1.5 mm double amplitude
Shock resistance
Destruction: 1,000 m/s2 {approx. 100G} max.
Malfunction: 100 m/s2 {approx. 10G} max.
Life expectancy
B3F-1000, B3F-3000, B3F-6000:
1,000,000 operations min (OF: 0.98 N) (B3F-1070: 500,000 operations min)
300,000 operations min (OF: 1.47 N)
100,000 operations min (OF: 2.55 N)
50,000 operations min (OF: 4.9 N)
B3F-4000:
3,000,000 operations min (OF: 1.28 N)
1,000,000 operations min (OF: 2.55 N)
B3F-5000:
10,000,000 operations min.
B3F-G:
300,000 operations min
Weight
6 x 6 mm models: approx. 0.25 g
12 x 12 mm models (standard types): approx. 0.85 g
Radial models: approx. 0.25 g
B3F-1000, B3F-3000, B3F-6000
B3F-4000,
B3F-5000
B3F-G
0.98 N
1.47 N
2.55 N
4.9 N
1.27 N
2.55 N
1.76N
B3F-1■■0
B3F-1■■2
B3F-1■■5
B3F-106
B3F-4■■0
B3F-4■■5
B3F-1■■2-G
B3F-3■■0
B3F-3■■2
B3F-3■■5
B3F-5■■0
B3F-3■■2-G
B3F-6■■0
B3F-6■■2
Operating
0.98±0.29 N
1.47±0.49 N
2.55±0.69 N
4.9±1. 47N
1.27±0.49 N
2.55±0.69 N
1.76±0.49N
force (OF)
{100±30 gf}
{150±50 gf}
{260±70 gf}
{100±30 gf}
{130±50 gf}
{260±70 gf}
{180±50gf}
Relapsing
0.2 N
0.49 N
0.49 N
0.7 N
0.29 N
0.49 N min.
0.49N
force (RF)
{20 gf} min.
{50 gf} min.
{50 gf} min.
{70 gf} min.
{30 gf} min.
{50 gf}
{50gf}
Pretravel (PT)
0.25+0.2/–0.1 mm
0.3+0.2/–0.1 mm
0.25 +0.2/
-0.1mm
Operating Characteristics
Operating
force (OF)
Omron 08 Cat 565-773
5/10/07
15:58
Page 764


Similar Part No. - B3F-5150

ManufacturerPart #DatasheetDescription
logo
Omron Electronics LLC
B3F-5150 OMRON-B3F-5150 Datasheet
328Kb / 5P
   Mechanical Key Switch
B3F-5150 OMRON-B3F-5150 Datasheet
1Mb / 12P
   Tactile Switch
B3F-5150S OMRON-B3F-5150S Datasheet
328Kb / 5P
   Mechanical Key Switch
More results

Similar Description - B3F-5150

ManufacturerPart #DatasheetDescription
logo
Infineon Technologies A...
TDA21220 INFINEON-TDA21220 Datasheet
1Mb / 26P
   High-Per formance DrMOS 6 mm x 6 mm x 0.8 mm IQFN
Revision 1.9, 2011-03-31
logo
Weidmuller
2007200000 WEIDMULLER-2007200000 Datasheet
837Kb / 8P
   WS 12/6 MM WS
October 18, 2021
logo
GREATECS
TP4 GREATECS-TP4 Datasheet
149Kb / 1P
   Standard 12 x 12 mm Tactile Switches
TP1 GREATECS-TP1 Datasheet
163Kb / 2P
   Standard 6 x 6 mm Tactile Switches
TP3 GREATECS-TP3 Datasheet
221Kb / 1P
   6 x 6 mm Washable Tactile Switches
logo
Schneider Electric
LJB12606 SCHNEIDER-LJB12606 Datasheet
57Kb / 2P
   WIREWAY 12 x 6 - N12 - 6 in lg
logo
Thorlabs, Inc.
TPS6 THORLABS-TPS6 Datasheet
123Kb / 1P
   24" x 12" (610 mm x 305 mm) LASER SAFETY SCREEN
14/OCT/10
logo
ILSI America LLC
38-BX0F12.5-32.768 ILSI-38-BX0F12.5-32.768 Datasheet
51Kb / 2P
   2 Lead Metal Package Crystal, 3 mm x 8 mm, 2 mm x 6 mm, 1 mm x 5 mm
logo
GREATECS
TP6 GREATECS-TP6 Datasheet
189Kb / 1P
   6 x 3.5 mm Tactile Switches
logo
PHOENIX CONTACT
3200328 PHOENIX-3200328 Datasheet
73Kb / 3P
   A 6 -12
More results


Html Pages

1 2 3 4 5 6 7 8 9


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com