Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

6702-BZAB-0000 Datasheet(PDF) 6 Page - List of Unclassifed Manufacturers

Part # 6702-BZAB-0000
Description  Pressure & Vacuum Switches
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ETC2 [List of Unclassifed Manufacturers]
Direct Link  
Logo ETC2 - List of Unclassifed Manufacturers

6702-BZAB-0000 Datasheet(HTML) 6 Page - List of Unclassifed Manufacturers

Back Button 6702-BZAB-0000 Datasheet HTML 2Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 3Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 4Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 5Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 6Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 7Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 8Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 9Page - List of Unclassifed Manufacturers 6702-BZAB-0000 Datasheet HTML 10Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 20 page
background image
1999
FOR FURTHER INFORMATION TEL: +44 (0)1284 701422 FAX: +44 (0)1284 753112
ISSUE 01
As a consequence of our policy of continual improvement, we reserve the right to change without notice any detail in this publication. Please see our Conditions of Sale.
6773 ~ Double Diaphragm Pressure Switch
6773
1.
Model Number
2.
Pressure Range
A
250mm H2O to 760mm H2O Standard
3.
Caps
A
Side Entry Std Spout Std Orientation 4.0mm Spout
B
Side Entry Std Spout Rotated 90˚ Viewed From Cap 4.0mmØ Spout
C
Side Entry Std Spout Rotated 180˚ Viewed From Cap 4.0mmØ Spout
D
Side Entry Std Spout Rotated 270˚ Viewed From Cap 4.0mmØ Spout
E
Side Entry Long Spout 4.0mmØ Std Orientation
F
Side Entry Long Spout Rotated 90˚ Viewed From Cap 4.0mmØ Spout
G
Side Entry Long Spout Rotated 180˚ Viewed From Cap 4.0mmØ Spout
H
Back Entry Short Thread 4.0mmØ Spout. Not suitable for ‘O’ ring
J
Back Entry Long Thread 4.0mmØ Spout
K
Back Entry Long Thread 2.0mmØ Spout
L
Long Thread Spout Rotated @ 90˚ 4.0mmØ Spout
4.
Bleed
A
No Bleed Cap
J
With Bleed Cap
5.
Nut Specification
A
Black Moulded Nut
B
Black Moulded Nut and ‘O’ Ring (only available with options 3J,
K & L above)
6.
Authority
A
European Tag Configuration
7.
Terminal Combinations
A
3 Blade QC 6.3mm x 0.8mm
B
2 Blade QC 6.3mm x 0.8mm Normally Open Contacts
C
2 Blade QC 6.3mm x 0.9mm 90˚ Crank Normally Open Contacts
8.
Microswitch Rating
A
0.1A 125/250V ac Gold Contacts (not available with option 7c)
B
10A 1/4 HP 125/250V ac
C
21A 250V ac 1 HP 125V ac 2 HP 250V ac
AA
Benefits
y Specified to EN 60335-2-60 double insulated for water
detection
y Various microswitch options
y Gold contacts available
y Other pressures available up to 10 PSI
y Multiple cap and spout options available


Similar Part No. - 6702-BZAB-0000

ManufacturerPart #DatasheetDescription
logo
Bourns Electronic Solut...
6702-RC BOURNS-6702-RC Datasheet
94Kb / 1P
   High Current Toroid Inductors (with header)
More results

Similar Description - 6702-BZAB-0000

ManufacturerPart #DatasheetDescription
logo
List of Unclassifed Man...
81513552 ETC1-81513552 Datasheet
1Mb / 6P
   Pressure switches - Vacuum
logo
Copal Electronics
PG-20 COPAL-PG-20 Datasheet
846Kb / 6P
   For high vacuum pressure
PS40 COPAL-PS40_16 Datasheet
90Kb / 4P
   PRESSURE SWITCHES
PS8 COPAL-PS8_16 Datasheet
72Kb / 3P
   PRESSURE SWITCHES
PS85 COPAL-PS85 Datasheet
99Kb / 5P
   PRESSURE SWITCHES
PS83 COPAL-PS83_16 Datasheet
207Kb / 4P
   PRESSURE SWITCHES
PS91 COPAL-PS91_16 Datasheet
739Kb / 3P
   PRESSURE SWITCHES
PS86 COPAL-PS86 Datasheet
101Kb / 5P
   PRESSURE SWITCHES
PS20 COPAL-PS20_16 Datasheet
708Kb / 3P
   PRESSURE SWITCHES
PS83 COPAL-PS83 Datasheet
87Kb / 4P
   PRESSURE SWITCHES
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com