Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1099 Datasheet(PDF) 10 Page - Linear Integrated Systems

Part # LTC1099
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1099 Datasheet(HTML) 10 Page - Linear Integrated Systems

Back Button LTC1099 Datasheet HTML 6Page - Linear Integrated Systems LTC1099 Datasheet HTML 7Page - Linear Integrated Systems LTC1099 Datasheet HTML 8Page - Linear Integrated Systems LTC1099 Datasheet HTML 9Page - Linear Integrated Systems LTC1099 Datasheet HTML 10Page - Linear Integrated Systems LTC1099 Datasheet HTML 11Page - Linear Integrated Systems LTC1099 Datasheet HTML 12Page - Linear Integrated Systems LTC1099 Datasheet HTML 13Page - Linear Integrated Systems LTC1099 Datasheet HTML 14Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 16 page
background image
LTC1099
10
ANALOG INTERFACE
The inclusion of a high quality sample-and-hold (S/H)
simplifies the analog interface to the LTC1099. All of the
error terms normally associated with an S/H (hold step,
offset, gain and droop errors) are included in the error
specifications for the A/D. This makes it easy for the
designer since all the error terms need not be taken into
account individually.
S/H Timing
A falling edge on the RD or WR input switches the S/H from
acquire to hold and starts the conversion. The aperture
time is the delay from the falling edge to the actual instant
when the S/H switches to hold. It is typically 110ns.
As soon as a conversion is complete (2.5
µs typ), the S/H
switches back to the sample mode. Even though the
acquisition time is only 240ns, a new conversion cannot
be started for (700ns typ) after a conversion is completed.
Analog Input
The input to the A/D looks like a 60pF capacitor in series
with 550
Ω (Figure 8).
With this high input capacitance care must be taken when
driving the inputs from a source amplifier. When the input
switch closes, an instantaneous capacitive load is applied
to the amplifier output. This acts like an impulse into the
amplifier and if it has poor phase margin the resulting
ringing can cause a considerable loss of accuracy. If the
amplifier is too slow the resulting settling tail will also
cause a loss of accuracy. The amplifier should also have
low open circuit output impedance. The LT1006 is an
1099 F08
VIN
550
TO A/D
60pF
Figure 8. Equivalent Input Circuit
excellent amplifier in this regard. It also works with a single
supply which fits nicely with the LTC1099.
Reference Inputs
Sixteen equal valued resistors are internally connected
between REF+ and REF. Each resistor is nominally 200
giving a total resistance of 3.2k between the reference
terminals. When VIN equals REF+, the output code will be
all ones. When VIN equals REF, the output code will be all
zeros.
Although it is most common to connect REF+ to a 5V
reference and REFto ground, any voltages can be used.
The only restrictions are REF+ >REFand REF+ and REF
must be within the supply rails. As the reference voltage is
reduced the A/D will eventually lose accuracy. Accuracy is
quite good for references down to 1V.
Even though the reference drives a resistive ladder, a lot of
capacitive switching is taking place internally. For this
reason, driving the reference has the same characteristics
as driving VIN. A fast low impedance source is necessary.
The reference has the additional problem of presenting a
DC load to the driving source. This requires the DC as well
as the AC source impedance to be low.
Good Grounding
As with any precise analog system care must be taken to
follow good grounding practices when using the LTC1099.
The most noise free environment is obtained by using a
ground plane with GND (Pin 10) and REF(Pin 11) tied to
it. Bypass capacitors from REF+ (Pin 12) and VCC (Pin 20)
with short leads are also required to prevent spurious
switching noise from affecting the conversion accuracy.
If a ground plane is not practical, single point grounding
techniques should be used. Ground for the A/D should not
be mixed in with other noisy grounds.


Similar Part No. - LTC1099

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099 LINER-LTC1099 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099A LINER-LTC1099A Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099AC LINER-LTC1099AC Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099ACJ LINER-LTC1099ACJ Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
More results

Similar Description - LTC1099

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com