Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LTC1099ACN Datasheet(PDF) 11 Page - Linear Integrated Systems

Part # LTC1099ACN
Description  High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

LTC1099ACN Datasheet(HTML) 11 Page - Linear Integrated Systems

Back Button LTC1099ACN Datasheet HTML 7Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 8Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 9Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 10Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 11Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 12Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 13Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 14Page - Linear Integrated Systems LTC1099ACN Datasheet HTML 15Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
LTC1099
11
ANALOG INTERFACE
APPLICATIONS
Analog Multiplier
The schematic Figure 9 shows the LTC1099 configured
with a DAC to form a two quadrant analog multiplier. An
input waveform is applied to the LTC1099 where it is
digitized at a 300kHz rate. The digitized signal is fed to the
DAC in “flow-through” mode where another signal is input
to the DAC reference input. In this way, the two analog
signals are multiplied to produce a double sideband ampli-
tude modulated output. Figure 10 shows a 3kHz sine wave
multiplied by a 100Hz triangle.
+
1
2
3
4
5
6
7
1
2
3
4
5
6
7
8
9
10
1
2
3
4
5
6
7
8
9
10
11
12
14
13
12
11
10
9
8
20
19
18
17
16
15
14
13
12
11
24
23
22
21
20
19
18
17
16
15
14
13
N/C
N/C
N/C
CLK
3MHz
OSC
5V
5V
OUT
74LS90
LT1019-5
÷ 10 = 300kHz
= ANALOG GROUND
= DIGITAL GROUND
15VIN
5VREF
AGND
25k
OUT
TRIM
GND
IN
LTC1099
DB0
DB1
DB2
DB3
WR/RDY
MODE
RD
INT
GND
CS
WR1
GND
DI5
DI4
DI3
DI2
DI1
DI0
VREF
RFB
VCC
WR2
XFER
DI6
DI7
DI8
DI9
DI10
DI11
IOUT2
IOUT1
DB7
DB6
DB5
DB4
CS
REF+
REF
BYTE 1/
BYTE 2
(VIN1) 0V TO 5V
ANALOG
INPUT
(VIN2) +10V TO –10V
ANALOG
INPUT
CS AND RD LOW
4
DB0-DB3
4
DB4-DB7
88
MICROLINEAR
MP1208 DAC
12V
10
µF
4.7
µF
0.01
µF
10
µF
50k
OFFSET NULL
15V
–15V
15V
10pF
1
5
LT1056
5V
Figure 9
Note that since this is only a two quadrant multiplier, a
carrier component (the input to the LTC1099) will appear
in the output spectrum. Figure 11 shows the frequency
spectrum of a 42.5kHz sine wave multiplied by a 5kHz sine
wave. The depth of modulation is about 30dB. Figure 12
shows a 42.375kHz sine wave multiplied by a 30.875kHz
sine wave. Note that at these higher frequencies, the depth
of modulation is still about 30dB. The carrier feed-through
is seen in Figure 12.
VIN1 ≅ 0V TO 5V
TRIANGLE INTO LTC1099
~100Hz
VIN2 ≅ ±4.8V SINE
INTO DAC ~ 3kHz
1099 F10
Figure 10


Similar Part No. - LTC1099ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099ACN LINER-LTC1099ACN Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
More results

Similar Description - LTC1099ACN

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LTC1099 LINER-LTC1099_15 Datasheet
204Kb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
LTC1099 LINER-LTC1099 Datasheet
1Mb / 16P
   High Speed 8-Bit A/D Converter with Built-In Sample-and-Hold
logo
List of Unclassifed Man...
ADC-HS12 ETC-ADC-HS12 Datasheet
251Kb / 4P
   12 BIT A/D CONVERTER WITH SAMPLE HOLD
logo
National Semiconductor ...
ADC10321 NSC-ADC10321 Datasheet
414Kb / 16P
   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Intersil Corporation
HI-7151 INTERSIL-HI-7151 Datasheet
854Kb / 17P
   10-Bit, High Speed, A/D Converter with Track and Hold
HI-7152 INTERSIL-HI-7152 Datasheet
829Kb / 16P
   10-Bit High Speed A/D Converter with Track and Hold
logo
Texas Instruments
ADC10321 TI1-ADC10321_14 Datasheet
983Kb / 27P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
ADC10321 TI1-ADC10321_15 Datasheet
985Kb / 26P
[Old version datasheet]   10-Bit, 20MSPS, 98mW A/D Converter with Internal Sample and Hold
logo
Maxim Integrated Produc...
ADC0820 MAXIM-ADC0820 Datasheet
261Kb / 6P
   CMOS High Speed 8-Bit A/D Converter with Track/Hold Function
19-0889; Rev 1; 7/96
logo
National Semiconductor ...
ADC10461 NSC-ADC10461 Datasheet
760Kb / 16P
   10-Bit 600 ns A/D Converter with Input Multiplexer and Sample/Hold
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com