Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

CDRH3D18-220NC Datasheet(PDF) 2 Page - Linear Integrated Systems

Part # CDRH3D18-220NC
Description  White LED Driver with Integrated Schottky in 3mm 2mm DFN
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  LINEAR [Linear Integrated Systems]
Direct Link  http://www.linearsystems.com
Logo LINEAR - Linear Integrated Systems

CDRH3D18-220NC Datasheet(HTML) 2 Page - Linear Integrated Systems

  CDRH3D18-220NC Datasheet HTML 1Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 2Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 3Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 4Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 5Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 6Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 7Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 8Page - Linear Integrated Systems CDRH3D18-220NC Datasheet HTML 9Page - Linear Integrated Systems Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 16 page
background image
LT3591
2
3591f
PACKAGE/ORDER INFORMATION
ELECTRICAL CHARACTERISTICS
ABSOLUTE MAXIMUM RATINGS
Input Voltage (VIN)................................................... 12V
CTRL Voltage ........................................................... 12V
SW Voltage .............................................................. 45V
CAP Voltage ............................................................. 45V
LED Voltage ............................................................. 45V
Operating Junction Temperature Range
(Note 2) ...............................................– 40°C to 85°C
Maximum Junction Temperature ........................ 125°C
Storage Temperature Range...................– 65°C to 150°C
(Note 1)
Note 1: Stresses beyond those listed under Absolute Maximum Ratings
may cause permanent damage to the device. Exposure to any Absolute
Maximum Rating condition for extended periods may affect device
reliability and lifetime.
PARAMETER
CONDITIONS
MIN
TYP
MAX
UNITS
Minimum Operating Voltage
2.5
V
LED Current Sense Voltage (VCAP – VLED)VCAP = 24V, ISW = 300mA
190
200
210
mV
CAP Pin Bias Current
VCAP = 36V, VLED = 35.8V
40
80
µA
LED Pin Bias Current
VCAP = 36V, VLED = 35.8V
20
40
µA
Supply Current
VCAP = 24V, VLED = 23V
CTRL = 0V
4
9
5
11
mA
µA
Switching Frequency
0.75
1
1.2
MHz
Maximum Duty Cycle
92
94
%
Switch Current Limit
500
800
mA
Switch VCESAT
ISW = 300mA
200
mV
Switch Leakage Current
VSW = 24V
0.1
5
µA
VCTRL for Full LED Current
VCAP = 44V
1.5
V
VCTRL to Shut Down IC
50
mV
VCTRL to Turn On IC
100
mV
CTRL Pin Bias Current
100
nA
CAP Pin Overvoltage Protection
40
42
44
V
Schottky Forward Drop
ISCHOTTKY = 200mA
0.8
V
Schottky Leakage Current
VR = 30V
4
µA
TOP VIEW
9
DDB PACKAGE
8-LEAD (3mm
× 2mm) PLASTIC DFN
5
6
7
8
4
3
2
1
VIN
GND
NC
SW
CTRL
LED
NC
CAP
TJMAX = 125°C, θJA = 76°C/W
EXPOSED PAD (PIN 9) SHOULD BE CONNECTED TO PCB GROUND
ORDER PART NUMBER
DDB PART MARKING
LT3591EDDB
LCPG
Order Options Tape and Reel: Add #TR
Lead Free: Add #PBF Lead Free Tape and Reel: Add #TRPBF
Lead Free Part Marking: http://www.linear.com/leadfree/
Consult LTC Marketing for parts specified with wider operating temperature ranges.
The denotes the specifications which apply over the full operating
temperature range, otherwise specifications are at TA = 25°C. VIN = 3V, VCTRL = 3V, unless otherwise specified.
Note 2: The LT3591E is guaranteed to meet performance specifications
from 0°C to 85°C operating junction temperature range. Specifications
over the –40°C to 85°C operating junction temperature range are assured
by design, characterization and correlation with statistical process controls.


Similar Part No. - CDRH3D18-220NC

ManufacturerPart #DatasheetDescription
logo
Sumida Corporation
CDRH3D18 SUMIDA-CDRH3D18 Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH3D18NP SUMIDA-CDRH3D18NP Datasheet
209Kb / 2P
   POWER INDUCTORS
CDRH3D18NP-100NC SUMIDA-CDRH3D18NP-100NC Datasheet
173Kb / 5P
   Ferrite drum core construction.
CDRH3D18NP-100NC SUMIDA-CDRH3D18NP-100NC Datasheet
171Kb / 4P
   SMD Power Inductor
CDRH3D18NP-120NC SUMIDA-CDRH3D18NP-120NC Datasheet
173Kb / 5P
   Ferrite drum core construction.
More results

Similar Description - CDRH3D18-220NC

ManufacturerPart #DatasheetDescription
logo
Linear Technology
LT3491 LINER-LT3491 Datasheet
267Kb / 16P
   White LED Driver with Integrated Schottky in SC70 and 2mm 횞 2mm DFN
LT3498 LINER-LT3498 Datasheet
454Kb / 24P
   20mA LED Driver and OLED Driver with Integrated Schottky in 3mm x 2mm DFN
LT3466-1 LINER-LT3466-1_15 Datasheet
415Kb / 20P
   White LED Driver and Boost Converter in 3mm 3mm DFN Package
LT3466-1 LINER-LT3466-1 Datasheet
409Kb / 20P
   White LED Driver and Boost Converter in 3mm 횞 3mm DFN Package
logo
Sipex Corporation
SP7686 SIPEX-SP7686 Datasheet
1Mb / 16P
   Constant Current Flash Driver in DFN 2mm x 3mm
logo
Linear Technology
LT3491 LINER-LT3491_15 Datasheet
273Kb / 16P
   White LED Driver with Integrated Schottky in SC70
LT3591 LINER-LT3591_15 Datasheet
298Kb / 16P
   White LED Driver with Integrated Schottky
LT3590 LINER-LT3590 Datasheet
216Kb / 16P
   48V Buck Mode LED Driver in SC70 and 2mm x 2mm DFN
logo
Micrel Semiconductor
MIC2289 MICREL-MIC2289 Datasheet
88Kb / 9P
   2mm 횞 2mm White LED Driver with Internal Schottky Diode and OVP
logo
Linear Technology
LTC3549 LINER-LTC3549 Datasheet
360Kb / 16P
   250mA Low VIN Buck Regulator in 2mm 횞 3mm DFN
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com