Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

TPP1XGJERC000E2G Datasheet(PDF) 1 Page - OPLINK Communications Inc.

Part # TPP1XGJERC000E2G
Description  1550nm 40km SFP Transceiver
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  OPLINK [OPLINK Communications Inc.]
Direct Link  http://www.oplink.com
Logo OPLINK - OPLINK Communications Inc.

TPP1XGJERC000E2G Datasheet(HTML) 1 Page - OPLINK Communications Inc.

  TPP1XGJERC000E2G Datasheet HTML 1Page - OPLINK Communications Inc. TPP1XGJERC000E2G Datasheet HTML 2Page - OPLINK Communications Inc. TPP1XGJERC000E2G Datasheet HTML 3Page - OPLINK Communications Inc. TPP1XGJERC000E2G Datasheet HTML 4Page - OPLINK Communications Inc. TPP1XGJERC000E2G Datasheet HTML 5Page - OPLINK Communications Inc. TPP1XGJERC000E2G Datasheet HTML 6Page - OPLINK Communications Inc.  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
An Oplink Company
Pb
Product Description
Features
Absolute Maximum Ratings
The TPP1XGJERxG is an enhanced small form factor pluggable (SFP+) fiber
optic transceiver with digital diagnostics monitoring functionality (DDM).
Supporting Ethernet and Fiber Channel standards makes it ideally suited for
10Gbps data-com and storage area network applications. DDM functionality
(alarm and warning features) is integrated into the design via an I2C serial
interface per the Multi-Source Agreement (MSA) SFF-8472, Rev. 10.4.
The transceiver supports data rates ranging from 11.3Gbps down to 8Gbps.
It provides an excellent solution for data transmission at 1550nm over up
to 40km single mode fiber. The low power consumption and excellent EMI
performance enable system design with high port density. The product is
RoHS compliant and is designed and tested in accordance with industry
safety standards. The transceiver is Class I Laser product per U.S. FDA/CDRH
and international IEC-60825 standards.
The TPP1XGJERxG transceiver connects to standard 20-pad SFP+ connectors
for hot plug capability. This allows the system designer to make configuration
changes or maintenance by simply plugging in different transceivers without
removing the power supply from the host system.The transmitter and receiver
DATA interfaces are internally AC-coupled. LV-TTL Transmitter Disable control
input and Loss of Signal (LOS) output interfaces are also provided.
The transceiver has bail-type latch, which offers an easy and convenient way
to release the modules. The latch is compliant with the SFP MSA.
The transceiver operates from a single +3.3V power supply over an operating
case temperature range of -5°C to +70°C (Commercial), or -5°C to +85°C
(Extended) or -40°C to +85°C (Industrial). The housing is made of metal for
EMI immunity.
Multi-rate for Ethernet & Fiber Channel
Transmission Distance up to 40km (SM Fiber)
Low Power Consumption
Wide Case Operating Temperature Range
Compliant to SFP+ Electrical MSA SFF-8431
Compliant to SFP+ Mechanical MSA SFF-8432
Compliant to 10GBASE-E Specifications
Digital Diagnostics Monitoring (DDM) through
Serial Interface Comply with SFF-8472, Rev. 10.4
RoHS 6/6 Compliant
Laser Class 1 IEC/CDRH Compliant
TPP1XGJERxG
Parameter
Symbol
Minimum
Maximum
Units
Storage Temperature
T
ST
- 40
+ 85
°C
Operating Case Temperature 1
“Commercial”
T
OP
- 5
+ 70
°C
“Extended”
- 5
+ 85
“Industrial”
- 40
+ 85
Operating Relative Humidity 2
RH
0
85
%
Supply Voltage Range
V
CC
- 0.5
+ 3.6
V
1
Measured on top side of SFP+ module at the front center vent hole of the cage.
2
Non condensing
21737-0985. Rev.05. 2011-02-17
1550nm 40km SFP+ Transceiver


Similar Part No. - TPP1XGJERC000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP1XGJERC000E2G OPLINK-TPP1XGJERC000E2G Datasheet
266Kb / 6P
   Transceiver
More results

Similar Description - TPP1XGJERC000E2G

ManufacturerPart #DatasheetDescription
logo
OPLINK Communications I...
TPP7XGJERC000E2G OPLINK-TPP7XGJERC000E2G Datasheet
479Kb / 6P
   1550nm 40km SFP Transceivers
logo
Source Photonics, Inc.
SP-GB-EX-CDA SOURCE-SP-GB-EX-CDA Datasheet
485Kb / 7P
   40km GbE SFP Transceiver
logo
OPLINK Communications I...
TPP1XGKZRXG-S0226 OPLINK-TPP1XGKZRXG-S0226 Datasheet
344Kb / 6P
   1550nm 80km SFP Transceiver
logo
Level One
SFP-7421 LVL1-SFP-7421 Datasheet
255Kb / 4P
   155M Single-mode BIDI SFP Transceiver 40km TX/RX over 1310/1550nm
logo
Source Photonics, Inc.
SP-4F-04-CDA SOURCE-SP-4F-04-CDA Datasheet
461Kb / 7P
   4.25Gb/s 40km SFP Transceiver
logo
Level One
SFP-6141 LVL1-SFP-6141 Datasheet
1Mb / 4P
   10Gbps SMF SFP-Plus Transceiver 40km
SFP-3711 LVL1-SFP-3711 Datasheet
422Kb / 3P
   1.25G SMF SFP Transceiver, 120km, 1550nm
logo
Optoway Technology Inc
SPS-2341MW-CXX0G_2015 OPTOWAY-SPS-2341MW-CXX0G_2015 Datasheet
228Kb / 7P
   40km Digital Diagnostic LC SFP SINGLE-MODE TRANSCEIVER
logo
Pulse A Technitrol Comp...
SFPT-ZX8-01 PULSE-SFPT-ZX8-01 Datasheet
206Kb / 10P
   1.25Gb/s 1550nm Single-mode SFP Transceiver
logo
Finisar Corporation.
FTLX3671DTC20 FINISAR-FTLX3671DTC20 Datasheet
505Kb / 13P
   Industrial Temperature DWDM 1.2G-11.3G, 40km SFP Transceiver
More results


Html Pages

1 2 3 4 5 6


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com