Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

74AC11112DR Datasheet(PDF) 4 Page - Texas Instruments

Part # 74AC11112DR
Description  DUAL J-K NEGATIVE-EDGE-TRIGGERED ELIP-FLOPS WITH CLEAR AND PRESET
Download  7 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

74AC11112DR Datasheet(HTML) 4 Page - Texas Instruments

  74AC11112DR Datasheet HTML 1Page - Texas Instruments 74AC11112DR Datasheet HTML 2Page - Texas Instruments 74AC11112DR Datasheet HTML 3Page - Texas Instruments 74AC11112DR Datasheet HTML 4Page - Texas Instruments 74AC11112DR Datasheet HTML 5Page - Texas Instruments 74AC11112DR Datasheet HTML 6Page - Texas Instruments 74AC11112DR Datasheet HTML 7Page - Texas Instruments  
Zoom Inzoom in Zoom Outzoom out
 4 / 7 page
background image
54AC11112, 74AC11112
DUAL JK NEGATIVEEDGETRIGGERED FLIPFLOPS
WITH CLEAR AND PRESET
SCAS073A − JUNE 1989 − REVISED APRIL 1993
POST OFFICE BOX 655303
DALLAS, TEXAS 75265
POST OFFICE BOX 1443
HOUSTON, TEXAS 77001
2−4
timing requirements, VCC = 3.3 V ± 0.3 V (see Figure 1)
TA = 25°C
54AC11112
74AC11112
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
100
0
70
0
70
MHz
tw
Pulse duration
PRE or CLR low
5
5
5
ns
tw
Pulse duration
CLK low or CLK high
5
5
5
ns
tsu
Setup time before CLK
Data high or low
5
5
5
ns
tsu
Setup time before CLK
PRE or CLR inactive
2.5
2.5
2.5
ns
th
Hold time after CLK
0.5
0.5
0.5
ns
timing requirements, VCC = 5 V ± 0.5 V (see Figure 1)
TA = 25°C
54AC11112
74AC11112
UNIT
MIN
MAX
MIN
MAX
MIN
MAX
UNIT
fclock
Clock frequency
0
125
0
125
0
125
MHz
tw
Pulse duration
PRE or CLR low
4
4
4
ns
tw
Pulse duration
CLK low or CLK high
4
4
4
ns
tsu
Setup time before CLK
Data high or low
3.5
3.5
3.5
ns
tsu
Setup time before CLK
PRE or CLR inactive
2
2
2
ns
th
Hold time after CLK
1
1
1
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 3.3 V ± 0.3 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11112
74AC11112
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
100
150
100
100
MHz
tPLH
PRE or CLR
Q or Q
1.5
4.9
6.7
1.5
7.6
1.5
7.3
ns
tPHL
PRE or CLR
Q or Q
1.5
7
9.2
1.5
10.3
1.5
9.9
ns
tPLH
CLK
Q or Q
1.5
5.4
7.1
1.5
7.9
1.5
7.6
ns
tPHL
CLK
Q or Q
1.5
6
7.9
1.5
9
1.5
8.5
ns
switching characteristics over recommended operating free-air temperature range,
VCC = 5 V ± 0.5 V (unless otherwise noted) (see Figure 1)
PARAMETER
FROM
TO
TA = 25°C
54AC11112
74AC11112
UNIT
PARAMETER
FROM
(INPUT)
TO
(OUTPUT)
MIN
TYP
MAX
MIN
MAX
MIN
MAX
UNIT
fmax
125
175
125
125
MHz
tPLH
PRE or CLR
Q or Q
1.5
3.3
5.1
1.5
5.6
1.5
5.4
ns
tPHL
PRE or CLR
Q or Q
1.5
4.6
6.7
1.5
7.7
1.5
7.3
ns
tPLH
CLK
Q or Q
1.5
3.4
5.1
1.5
5.8
1.5
5.6
ns
tPHL
CLK
Q or Q
1.5
4.2
6.3
1.5
7.4
1.5
7
ns
operating characteristics, VCC = 5 V, TA = 25°C
PARAMETER
TEST CONDITIONS
TYP
UNIT
Cpd
Power dissipation capacitance per gate
CL = 50 pF,
f = 1 MHz
37
pF


Similar Part No. - 74AC11112DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
74AC11112 TI-74AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results

Similar Description - 74AC11112DR

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
54AC11112 TI-54AC11112 Datasheet
94Kb / 7P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54LS112A TI-SN54LS112A Datasheet
300Kb / 9P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH PRESET AND CLEAR
CD54ACT112 TI-CD54ACT112_08 Datasheet
546Kb / 13P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Renesas Technology Corp
HD74LS112 RENESAS-HD74LS112 Datasheet
291Kb / 11P
   Dual J-K Negative-edge-triggered Flip-Flops (with Preset and Clear)
Jul.13.2005
logo
Texas Instruments
SN54ALS112A TI-SN54ALS112A Datasheet
96Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
logo
Hitachi Semiconductor
HD74LS112 HITACHI-HD74LS112 Datasheet
76Kb / 7P
   Dual J-K Negative-edge-triggered Flip-Flops(with Preset and Clear)
logo
Texas Instruments
SN54HC112 TI1-SN54HC112_14 Datasheet
610Kb / 18P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112_06 Datasheet
336Kb / 11P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
CD54AC112 TI-CD54AC112 Datasheet
331Kb / 6P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
SN54HC112 TI-SN54HC112 Datasheet
445Kb / 14P
[Old version datasheet]   DUAL J-K NEGATIVE-EDGE-TRIGGERED FLIP-FLOPS WITH CLEAR AND PRESET
More results


Html Pages

1 2 3 4 5 6 7


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com