Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS2807Y250G4 Datasheet(PDF) 1 Page - Texas Instruments

Part # ADS2807Y250G4
Description  Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
Download  24 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS2807Y250G4 Datasheet(HTML) 1 Page - Texas Instruments

  ADS2807Y250G4 Datasheet HTML 1Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 2Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 3Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 4Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 5Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 6Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 7Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 8Page - Texas Instruments ADS2807Y250G4 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 24 page
background image
ADS2807
Dual, 12-Bit, 50MHz Sampling
ANALOG-TO-DIGITAL CONVERTER
FEATURES
q HIGH SNR: 66dB (2Vp-p), 68dB (3Vp-p)
q LOW POWER: 720mW
q INTERNAL OR EXTERNAL REFERENCE
q LOW DLE: 0.6LSB
q FLEXIBLE INPUT RANGE: 2Vp-p to 3Vp-p
q TQFP-64 POWER PACKAGE
APPLICATIONS
q COMMUNICATIONS IF PROCESSING
q COMMUNICATIONS BASESTATIONS
q TEST EQUIPMENT
q MEDICAL IMAGING
q VIDEO DIGITIZING
q CCD DIGITIZING
Optional External
Reference
12-Bit
Pipelined
ADC
Error
Correction
Logic
Timing
Circuitry
Internal
Reference
3-State
Outputs
T&H
D12A
D1A
12-Bit
Pipelined
ADC
Error
Correction
Logic
3-State
Outputs
T&H
D12B
D1B
IN
A
CM
A
+V
S
OE
A
OVR
A
OVR
B
IN
A
INT/EXT
CLK
FS
SEL
(Opt.)
IN
B
V
IN
CM
B
OE
B
IN
B
(Opt.)
ADS2807
V
IN
DESCRIPTION
The ADS2807 is a dual, high-speed, high dynamic range,
12-bit pipelined Analog-to-Digital Converter (ADC). This
converter includes a high-bandwidth track-and-hold that
gives excellent spurious performance up to and beyond the
Nyquist rate. The differential nature of this track-and-hold
and ADC circuitry minimizes even-order harmonics and
gives excellent common-mode noise immunity. The track-
and-hold can also be operated single-ended.
The ADS2807 provides for setting the full-scale range of the
converter without any external reference circuitry. The inter-
nal reference can be disabled allowing low-drive, external
references to be used for improved tracking in multichannel
systems.
The ADS2807 provides an over-range indicator flag to
indicate an input signal that exceeds the full-scale input
range of the converter. This flag can be used to reduce the
gain of front-end gain control circuitry. There is also an
output enable pin to allow for multiplexing and testability on
a PC board.
The ADS2807 employs digital error correction techniques to
provide excellent differential linearity for demanding imag-
ing applications. The ADS2807 is available in a TQFP-64
power package.
ADS2807
SBAS169B – NOVEMBER 2000 – REVISED MAY 2002
www.ti.com
PRODUCTION DATA information is current as of publication date.
Products conform to specifications per the terms of Texas Instruments
standard warranty. Production processing does not necessarily include
testing of all parameters.
Copyright © 2000, Texas Instruments Incorporated
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.


Similar Part No. - ADS2807Y250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS2807Y250G4 TI-ADS2807Y250G4 Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results

Similar Description - ADS2807Y250G4

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
ADS2807Y TI-ADS2807Y Datasheet
1Mb / 24P
[Old version datasheet]   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS2807 BURR-BROWN-ADS2807 Datasheet
377Kb / 19P
   Dual, 12-Bit, 50MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS2806 BURR-BROWN-ADS2806 Datasheet
378Kb / 19P
   Dual, 12-Bit, 32MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO808 BURR-BROWN-ISO808 Datasheet
171Kb / 7P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 BURR-BROWN-ADS803 Datasheet
255Kb / 12P
   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ISO806 BURR-BROWN-ISO806 Datasheet
147Kb / 12P
   Isolated 12-Bit Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Texas Instruments
ADS805 TI1-ADS805 Datasheet
866Kb / 20P
[Old version datasheet]   12-Bit, 20MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS803 TI1-ADS803_14 Datasheet
799Kb / 18P
[Old version datasheet]   12-Bit, 5MHz Sampling ANALOG-TO-DIGITAL CONVERTER
ADS800 TI1-ADS800 Datasheet
958Kb / 23P
[Old version datasheet]   12-Bit, 40MHz Sampling ANALOG-TO-DIGITAL CONVERTER
logo
Burr-Brown (TI)
ADS801 BURR-BROWN-ADS801 Datasheet
279Kb / 13P
   12-Bit, 25MHz Sampling ANALOG-TO-DIGITAL CONVERTER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com