Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186ESLV Datasheet(PDF) 7 Page - Advanced Micro Devices

Part # AM186ESLV
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ESLV Datasheet(HTML) 7 Page - Advanced Micro Devices

Back Button AM186ESLV Datasheet HTML 3Page - Advanced Micro Devices AM186ESLV Datasheet HTML 4Page - Advanced Micro Devices AM186ESLV Datasheet HTML 5Page - Advanced Micro Devices AM186ESLV Datasheet HTML 6Page - Advanced Micro Devices AM186ESLV Datasheet HTML 7Page - Advanced Micro Devices AM186ESLV Datasheet HTML 8Page - Advanced Micro Devices AM186ESLV Datasheet HTML 9Page - Advanced Micro Devices AM186ESLV Datasheet HTML 10Page - Advanced Micro Devices AM186ESLV Datasheet HTML 11Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
7
P R E L IMINAR Y
LIST OF FIGURES
Figure 1
Am186ES Microcontroller Example System Design .............................................. 10
Figure 2
80C186 Microcontroller Example System Design ................................................. 11
Figure 3
Two-Component Address ...................................................................................... 38
Figure 4
Am186ES Microcontroller Address Bus — Normal Operation................................ 39
Figure 5
Am186ES Microcontroller—Address Bus Disable In Effect ................................... 40
Figure 6
Am188ES Microcontroller Address Bus — Normal Operation ............................... 40
Figure 7
Am188ES Microcontroller— Address Bus Disable In Effect ................................... 41
Figure 8
Am186ES and Am188ES Microcontrollers Oscillator Configurations .................... 44
Figure 9
Clock Organization ................................................................................................ 45
Figure 10
DMA Unit Block Diagram ....................................................................................... 50
Figure 11
Typical Icc Versus Frequency for the Am186ESLV and Am188ESLV ................... 54
Figure 12
Typical Icc Versus Frequency for the Am186ES and Am188ES............................. 54
Figure 13
Thermal Resistance(
°C/Watt) ................................................................................ 55
Figure 14
Thermal Characteristics Equations ........................................................................ 55
Figure 15
Typical Ambient Temperatures for PQFP with a 2-Layer Board ............................ 57
Figure 16
Typical Ambient Temperatures for TQFP with a 2-Layer Board ............................ 58
Figure 17
Typical Ambient Temperatures for PQFP with a 4-Layer to 6-Layer Board .......... 59
Figure 18
Typical Ambient Temperatures for TQFP with a 4-Layer to 6-Layer Board ........... 60
LIST OF TABLES
Table 1
Data Byte Encoding ............................................................................................... 28
Table 2
Numeric PIO Pin Designations .............................................................................. 34
Table 3
Alphabetic PIO Pin Designations ........................................................................... 34
Table 4
Bus Cycle Encoding ............................................................................................... 35
Table 5
Segment Register Selection Rules ........................................................................ 38
Table 6
Programming Am186ES Microcontroller Bus Width .............................................. 42
Table 7
Peripheral Control Block Register Map .................................................................. 43
Table 8
Am186ES Microcontroller Maximum DMA Transfer Rates .................................... 49
Table 9
Typical Power Consumption for the Am186ESLV and Am188ESLV...................... 54
Table 10
Thermal Characteristics (
°C/Watt) ......................................................................... 55
Table 11
Typical Power Consumption Calculation ............................................................... 56
Table 12
Junction Temperature Calculation ......................................................................... 56
Table 13
Typical Ambient Temperatures for PQFP with a 2-Layer Board ............................ 57
Table 14
Typical Ambient Temperatures for TQFP with a 2-Layer Board ............................ 58
Table 15
Typical Ambient Temperatures for PQFP with a 4-Layer to 6-Layer Board .......... 59
Table 16
Typical Ambient Temperatures for TQFP with a 4-Layer to 6-Layer Board ........... 60


Similar Part No. - AM186ESLV

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AM186ES-20VCW INNOVASIC-AM186ES-20VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM186ES-20VIW INNOVASIC-AM186ES-20VIW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM186ES-25VCW INNOVASIC-AM186ES-25VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM186ES-25VIW INNOVASIC-AM186ES-25VIW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM186ES-33VCW INNOVASIC-AM186ES-33VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - AM186ESLV

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com