Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

ADS7846IRGVT Datasheet(PDF) 4 Page - Texas Instruments

Click here to check the latest version.
Part # ADS7846IRGVT
Description  TOUCH SCREEN CONTROLLER
Download  30 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS7846IRGVT Datasheet(HTML) 4 Page - Texas Instruments

  ADS7846IRGVT Datasheet HTML 1Page - Texas Instruments ADS7846IRGVT Datasheet HTML 2Page - Texas Instruments ADS7846IRGVT Datasheet HTML 3Page - Texas Instruments ADS7846IRGVT Datasheet HTML 4Page - Texas Instruments ADS7846IRGVT Datasheet HTML 5Page - Texas Instruments ADS7846IRGVT Datasheet HTML 6Page - Texas Instruments ADS7846IRGVT Datasheet HTML 7Page - Texas Instruments ADS7846IRGVT Datasheet HTML 8Page - Texas Instruments ADS7846IRGVT Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 30 page
background image
ADS7846
4
SBAS125H
www.ti.com
PIN CONFIGURATION
Top View
SSOP, TSSOP
Top View
VFBGA
1
2
3
4
5
6
7
8
+V
CC
X+
Y+
X–
Y–
GND
V
BAT
AUX
DCLK
CS
DIN
BUSY
DOUT
PENIRQ
+V
CC
V
REF
16
15
14
13
12
11
10
9
ADS7846
NC
NC
A
2
1
3
4
5
6
7
DCLK
+V
CC
+V
CC
X+
Y+
PENIRQ
+V
CC
V
REF
AUX
CS
DIN
BUSY DOUT
X–
Y–
GND
GND
V
BAT
NC
NC
NC
NC
NC
B
C
D
E
F
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
NC
G
BUSY
DIN
CS
DCLK
AUX
V
BAT
GND
Y–
1
2
3
4
12
11
10
9
ADS7846
Top View
QFN
SSOP AND
TSSOP PIN #
VFBGA PIN #
QFN PIN #
NAME
DESCRIPTION
1
B1 and C1
5
+VCC
Power Supply
2
D1
6
X+
X+ Position Input
3
E1
7
Y+
Y+ Position Input
4G2
8
X–
X– Position Input
5G3
9
Y–
Y– Position Input
6
G4 and G5
10
GND
Ground
7G6
11
VBAT
Battery Monitor Input
8
E7
12
AUX
Auxiliary Input to ADC
9D7
13
VREF
Voltage Reference Input/Output
10
C7
14
+VCC
Digital I/O Power Supply
11
B7
15
PENIRQ
Pen Interrupt. Open anode output (requires 10k
Ω to 100kΩ pull-up resistor externally).
12
A6
16
DOUT
Serial Data Output. Data is shifted on the falling edge of DCLK. This output is high
impedance when CS is high.
13
A5
1
BUSY
Busy Output. This output is high impedance when CS is high.
14
A4
2
DIN
Serial Data Input. If CS is low, data is latched on rising edge of DCLK.
15
A3
3
CS
Chip Select Input. Controls conversion timing and enables the serial input/output register.
CS high = power-down mode (ADC only).
16
A2
4
DCLK
External Clock Input. This clock runs the SAR conversion process and synchronizes serial data
I/O.
PIN DESCRIPTION


Similar Part No. - ADS7846IRGVT

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
ADS7846IRGVT BURR-BROWN-ADS7846IRGVT Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Texas Instruments
ADS7846IRGVT TI1-ADS7846IRGVT Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7846IRGVT BURR-BROWN-ADS7846IRGVT Datasheet
1Mb / 30P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7846IRGVTG4 TI1-ADS7846IRGVTG4 Datasheet
1Mb / 30P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
More results

Similar Description - ADS7846IRGVT

ManufacturerPart #DatasheetDescription
logo
Integrated Device Techn...
MK712 IDT-MK712 Datasheet
418Kb / 21P
   TOUCH SCREEN CONTROLLER
logo
Texas Instruments
ADS7843 TI1-ADS7843 Datasheet
652Kb / 18P
[Old version datasheet]   TOUCH SCREEN CONTROLLER
logo
Burr-Brown (TI)
ADS7843 BURR-BROWN-ADS7843 Datasheet
163Kb / 12P
   TOUCH SCREEN CONTROLLER
ADS7846 BURR-BROWN-ADS7846 Datasheet
520Kb / 23P
   TOUCH-SCREEN CONTROLLER
logo
Asahi Kasei Microsystem...
AK4182 AKM-AK4182 Datasheet
190Kb / 18P
   Touch Screen Controller
logo
List of Unclassifed Man...
XPT2046 ETC2-XPT2046 Datasheet
821Kb / 30P
   Touch Screen Controller
2007
logo
Burr-Brown (TI)
ADS7845 BURR-BROWN-ADS7845 Datasheet
173Kb / 12P
   TOUCH SCREEN CONTROLLER
logo
Integrated Circuit Syst...
MK715 ICST-MK715 Datasheet
376Kb / 22P
   Touch Screen Controller
logo
Analog Devices
AD7877 AD-AD7877 Datasheet
1,002Kb / 44P
   Touch Screen Controller
REV. A
logo
Anpec Electronics Corop...
APT7846 ANPEC-APT7846 Datasheet
583Kb / 15P
   Touch Screen Controller
logo
Silicon Standard Corp.
SS7646 SSC-SS7646 Datasheet
836Kb / 13P
   Touch Screen Controller
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com