Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM188ES Datasheet(PDF) 3 Page - Advanced Micro Devices

Part # AM188ES
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM188ES Datasheet(HTML) 3 Page - Advanced Micro Devices

  AM188ES Datasheet HTML 1Page - Advanced Micro Devices AM188ES Datasheet HTML 2Page - Advanced Micro Devices AM188ES Datasheet HTML 3Page - Advanced Micro Devices AM188ES Datasheet HTML 4Page - Advanced Micro Devices AM188ES Datasheet HTML 5Page - Advanced Micro Devices AM188ES Datasheet HTML 6Page - Advanced Micro Devices AM188ES Datasheet HTML 7Page - Advanced Micro Devices AM188ES Datasheet HTML 8Page - Advanced Micro Devices AM188ES Datasheet HTML 9Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
3
P R E L IMINAR Y
Am188ES MICROCONTROLLER BLOCK DIAGRAM
Notes:
*All PIO signals are shared with other physical pins. See the pin descriptions beginning on page 27 and Table 2 on page 34 for
information on shared functions.
** PWD, INT5, INT6, RTS1/RTR1, and CTS1/ENRX1 are multiplexed with INT2/INTA0, DRQ0, DRQ1, PCS3, and PCS2 respec-
tively. See the pin descriptions beginning on page 27.
Interrupt
Control Unit
Timer Control
Unit
DMA
Unit
Bus
Interface
Unit
Execution
Unit
Chip-Select
Unit
Clock and
Power
Management
Unit
Control
Registers
16-Bit Count
Registers
Max Count A
Registers
16-Bit Count
Registers
20-Bit Destination
Pointers
20-Bit Source
Pointers
Control
Registers
Control
Registers
Control
Registers
01
2
0
1
Max Count B
Registers
Refresh
Control
Unit
Control
Registers
Control
Registers
Control
Registers
CLKOUTB
CLKOUTA
INT6–INT4**
INT3/INTA1/IRQ
INT2/INTA0**
INT1/SELECT
INT0
TMROUT0 TMROUT1
DRQ0**
DRQ1**
TMRIN0
TMRIN1
Asynchronous
Serial Port 0
TXD0
RXD0
NMI
A19–A0
AD7–AD0
ALE
RFSH2/ADEN
WR
WB
RD
LCS/ONCE0
MCS2–MCS0
PCS6/A2
PCS3–PCS0**
PCS5/A1
UCS/ONCE1
X2
X1
PSRAM
Control
Unit
MCS3/RFSH
PIO
Unit
PIO31–
PIO0*
TXD1
RXD1
CTS0/ENRX0
CTS1/ENRX1**
RTS0/RTR0
RTS1/RTR1**
Watchdog
Timer (WDT)
Pulse
Width
Demod-
ulator
(PWD)
PWD**
Asynchronous
Serial Port 1
S2–S0
VCC
GND
ARDY
SRDY
DT/R
DEN/DS
HOLD
HLDA
RES
S6/LOCK/
UZI
CLKDIV2
AO15–AO8


Similar Part No. - AM188ES

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AM188ES-20VCW INNOVASIC-AM188ES-20VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM188ES-20VIW INNOVASIC-AM188ES-20VIW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM188ES-25VCW INNOVASIC-AM188ES-25VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM188ES-25VIW INNOVASIC-AM188ES-25VIW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM188ES-33VCW INNOVASIC-AM188ES-33VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - AM188ES

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com