Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

HCPL-263L-020E Datasheet(PDF) 11 Page - AVAGO TECHNOLOGIES LIMITED

Part # HCPL-263L-020E
Description  High Speed LVTTL Compatible 3.3 Volt Optocouplers
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AVAGO [AVAGO TECHNOLOGIES LIMITED]
Direct Link  http://www.avagotech.com
Logo AVAGO - AVAGO TECHNOLOGIES LIMITED

HCPL-263L-020E Datasheet(HTML) 11 Page - AVAGO TECHNOLOGIES LIMITED

Back Button HCPL-263L-020E Datasheet HTML 7Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 8Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 9Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 10Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 11Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 12Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 13Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 14Page - AVAGO TECHNOLOGIES LIMITED HCPL-263L-020E Datasheet HTML 15Page - AVAGO TECHNOLOGIES LIMITED Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 20 page
background image
11
Switching Specifications
Over Recommended Operating Conditions (TA = –40
qC to +85qC, 2.7V d VCC d 3.6V), IF = 7.5 mA unless otherwise
specified. All Typicals at TA = 25
qC, VCC = 3.3 V.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay
Time to High Output
Level
tPLH
90
ns
RL = 350 Ω
CL = 15 pF
6, 7
1, 6, 15
Propagation Delay
Time to Low Output
Level
tPHL
75
ns
RL = 350 Ω
CL = 15 pF
1, 7, 15
Pulse Width
Distortion
|tPHL
– tPLH|
25
ns
RL = 350 Ω
CL = 15 pF
8
9, 15
Propagation Delay
Skew
tPSK
40
ns
RL = 350 Ω
CL = 15 pF
8, 9, 15
Output Rise Time
(10-90%)
tr
45
ns
RL = 350 Ω
CL = 15 pF
1, 15
Output Fall Time
(90-10%)
tf
20
ns
RL = 350 Ω
CL = 15 pF
1, 15
Propagation Delay
Time of Enable from
VEH tp VEL
tELH
45
ns
RL = 350 Ω,
CL = 15 pF,
VEL = 0 V, VEH = 3 V
910
Propagation Delay
Time of Enable from
VEL to VEH
tEHL
30
ns
RL = 350 Ω,
CL = 15 pF,
VEL = 0 V, VEH = 3 V
911
Switching Specifications (AC)
Over recommended operating conditions TA = -40°C to 85°C, 4.5
d Vcc d 5.5V, IF = 7.5 mA unless otherwise specified.
All typicals at VCC = 5 V, TA = 25 °C.
Parameter
Symbol
Min.
Typ.
Max.
Units
Test Conditions
Fig.
Note
Propagation Delay Time
to High Output Level
tPLH
20
48
75
ns
TA = 25°C,
RL = 350
:,
CL = 15 pF
6,7
1,6,15
100
Propagation Delay Time
to Low Output Level
tPHL
25
50
75
ns
TA = 25°C,
RL = 350
:,
CL = 15 pF
6, 7
1,7, 15
100
Pulse Width Distortion
|tPHL - tPLH|
3.5
35
ns
RL = 350
:,
CL = 15 pF
8
9, 15
Propagation Delay
Skew
TPSK
40
ns
RL = 350
:,
CL = 15 pF
8,9, 15
Output Rise Time
(10%-90%)
tr
24
ns
RL = 350
:,
CL = 15 pF
1,15
Output Fall Time
(10%-90%)
tf
10
ns
RL = 350
:,
CL = 15 pF
1, 15
Propagation Delay
Time of Enable from
VEH to VEL
tELH
30
ns
RL = 350
:, CL = 15 pF,
VEL=0V, VEH=3V
910
Propagation Delay
Time of Enable from
VEL to VEH
tELH
20
ns
RL = 350
:, CL = 15 pF,
VEL=0V, VEH=3V
911


Similar Part No. - HCPL-263L-020E

ManufacturerPart #DatasheetDescription
logo
Agilent(Hewlett-Packard...
HCPL-263L HP-HCPL-263L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-263L AVAGO-HCPL-263L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
More results

Similar Description - HCPL-263L-020E

ManufacturerPart #DatasheetDescription
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-060L-000E AVAGO-HCPL-060L-000E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-060L-500E AVAGO-HCPL-060L-500E Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
Agilent(Hewlett-Packard...
HCPL260L HP-HCPL260L Datasheet
187Kb / 14P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
logo
AVAGO TECHNOLOGIES LIMI...
ACPL-W60L-000E AVAGO-ACPL-W60L-000E Datasheet
85Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
HCPL-260L-300 AVAGO-HCPL-260L-300 Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers
ACPL-W60L-500E AVAGO-ACPL-W60L-500E Datasheet
292Kb / 12P
   High Speed LVTTL Compatible 3.3 Volt/5 Volt Optocouplers
HCPL-260L AVAGO-HCPL-260L Datasheet
333Kb / 19P
   High Speed LVTTL Compatible 3.3 Volt Optocouplers Low power consumption
logo
Broadcom Corporation.
ACPL-W60L BOARDCOM-ACPL-W60L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
ACPL-W63L BOARDCOM-ACPL-W63L Datasheet
646Kb / 16P
   High-Speed LVTTL Compatible 3.3V/5V Optocouplers
May 11, 2017
logo
AVAGO TECHNOLOGIES LIMI...
HCPL-050L AVAGO-HCPL-050L Datasheet
281Kb / 12P
   LVTTL/LVCMOS Compatible 3.3 V Optocouplers (1 Mb/s)
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com