Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

LM119J-QMLV Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # LM119J-QMLV
Description  LM119QML High Speed Dual Comparator
Download  25 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

LM119J-QMLV Datasheet(HTML) 1 Page - Texas Instruments

  LM119J-QMLV Datasheet HTML 1Page - Texas Instruments LM119J-QMLV Datasheet HTML 2Page - Texas Instruments LM119J-QMLV Datasheet HTML 3Page - Texas Instruments LM119J-QMLV Datasheet HTML 4Page - Texas Instruments LM119J-QMLV Datasheet HTML 5Page - Texas Instruments LM119J-QMLV Datasheet HTML 6Page - Texas Instruments LM119J-QMLV Datasheet HTML 7Page - Texas Instruments LM119J-QMLV Datasheet HTML 8Page - Texas Instruments LM119J-QMLV Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 25 page
background image
V-
OUTPUT 2
N/C
GND 2
IN+ 2
N/C
N/C
N/C
N/C
N/C
OUTPUT 1
9
10
11
12
13
3
2
1
20
19
18
N/C
17
V+
16
N/C
15
IN- 2
14
IN- 1
N/C
IN+ 1
N/C
GND 1
4
5
6
7
8
LM119QML
www.ti.com
SNOSAN3B – JULY 2008 – REVISED MARCH 2013
LM119QML High Speed Dual Comparator
Check for Samples: LM119QML
1
FEATURES
DESCRIPTION
The
LM119
is
a
precision
high
speed
dual
2
Available with radiation ensured
comparator fabricated on a single monolithic chip. It
High Dose Rate 100 krad(Si)
is designed to operate over a wide range of supply
ELDRS Free 100 krad(Si)
voltages down to a single 5V logic supply and
ground. Further, it has higher gain and lower input
Two independent comparators
currents
than
devices
like
the
LM710.
The
Operates from a single 5V supply
uncommitted collector of the output stage makes the
Typically 80 ns response time at ±15V
LM119 compatible with RTL, DTL and TTL as well as
capable of driving lamps and relays at currents up to
Minimum fan-out of 2 each side
25 mA.
Maximum input current of 1
μA over
temperature
Although designed primarily for applications requiring
operation from digital logic supplies, the LM119 is
Inputs and outputs can be isolated from
fully specified for power supplies up to ±15V. It
system ground
features faster response than the LM111 at the
High common mode slew rate
expense of higher power dissipation. However, the
high speed, wide operating voltage range and low
package count make the LM119 much more versatile
than older devices like the LM711.
Connection Diagrams
CDIP Package
LCCC Package
Figure 1. Top View
Figure 2. Top View
Package Number J0014A
Package Number NAJ0020A
TO-100 Package
Case is connected to pin 5 (V).
Figure 3. Top View
Figure 4. Top View
Package Number LME0010C
Package Number NAD0010A, NAC0010A
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of
Texas Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2008–2013, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - LM119J-QMLV

ManufacturerPart #DatasheetDescription
logo
National Semiconductor ...
LM119J-QMLV NSC-LM119J-QMLV Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM119J-QMLV TI1-LM119J-QMLV Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-QMLV TI-LM119J-QMLV Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-QMLV TI1-LM119J-QMLV Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119J-QMLV TI1-LM119J-QMLV Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
More results

Similar Description - LM119J-QMLV

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
LM119QML TI1-LM119QML_14 Datasheet
650Kb / 26P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML Datasheet
666Kb / 22P
[Old version datasheet]   LM119QML High Speed Dual Comparator
5962-9679801VCA TI-5962-9679801VCA Datasheet
611Kb / 25P
[Old version datasheet]   LM119QML High Speed Dual Comparator
LM119QML TI1-LM119QML_16 Datasheet
648Kb / 25P
[Old version datasheet]   High Speed Dual Comparator
logo
Toshiba Semiconductor
TA8517F TOSHIBA-TA8517F Datasheet
146Kb / 4P
   HIGH SPEED DUAL COMPARATOR
logo
National Semiconductor ...
MDLM119-X NSC-MDLM119-X Datasheet
359Kb / 18P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319MX TI1-LM319MX Datasheet
295Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
logo
National Semiconductor ...
LM119 NSC-LM119 Datasheet
329Kb / 11P
   High Speed Dual Comparator
logo
Renesas Technology Corp
PC319 RENESAS-PC319_15 Datasheet
346Kb / 12P
   HIGH SPEED DUAL COMPARATOR
logo
Texas Instruments
LM319AM-NOPB TI1-LM319AM-NOPB Datasheet
325Kb / 13P
[Old version datasheet]   High Speed Dual Comparator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com