Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BR2505W Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BR2505W
Description  SINGLE-PHASE BRIDGE RECTIFIER
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BR2505W Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BR2505W Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD BR2505W Datasheet HTML 2Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
WEJ
ELECTRONIC
CO.,LTD
FEATURES
Low cost
This series is UL recognized under component
index, file number E127707
High forward surge current capability
Integrally molded heatsink provide
very low thermal resistance.
High isolation voltage from case to leads.
High temperature soldering guaranteed:
260
/10 second, at 5 lbs. (2.3kg) tension.
MECHANICAL DATA
Case: Molded plastic body, suffic "N" for thinner type
 Terminal: Plated lead 0.040" (1.02mm) diameter
Polarity: Polarity symbols marked on case.
Mounting: Thru hole for #10 screw, 20 in,- lbs. Torqute Max.
Weight: 0.61 ounce, 17.4gram(BR25W)
MAXIMUM RATINGS AND ELECTRICAL CHARACTERISTICS
Ratings at 25
 ambient temperature unless otherwise specified
Single phase, half wave, 60Hz, resistive or inductive load.
For capacitive load derate current by 20%
SYMBOLS BR2505W BR251W BR252W BR254W BR256W BR258W BR2510W
VRRM






 Volts
Maximum RMS Voltage
VRMS







Volts
Maximum DC Blocking Voltage
VDC






 Volts
Maximum Average Forward Rectified Output
Current, at TC = 50
 (Note 1, 2)
Peak Forward Surge Current
8.3ms single half sine - wave superimposed on
rated load (JEDEC method )
Rating for Fusing (t<8.3ms)
I
2tA2s
per bridge element at 12.5A
Maximum DC Reverse Current at ratedTA = 25

A
DC blocking voltage per element
TA
mA
Isolation Voltage from case to leads.
VISO
VAC
Typical Thermal Resistance (Note 1,2)
RθJC
/W
Operating Temperature Range
TJ
Storage Temperature Range
TSTG
1. Unit mounted on 5" X 6" X 4.9" (12.8cm X 15.2cm X 12.4cm)Al. finned Plate.
2. Bolt down on heat-sink with silicon thermal compound between bridge and mounting sutfae for maximum heat
transfer efficiency with # 10 screw.
Maximum Instantaneous Forward Voltage Drop



I(AV)
2.0
(-65 to +150)
(-65 to +150)

Amps
VF
IR
Volts


IFSM
SINGLE-PHASE BRIDGE RECTIFIER
Amps

Maximum Repetitive Peak Reverse Voltage
BR2505W-2510W
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BR2505W

ManufacturerPart #DatasheetDescription
logo
Dc Components
BR2505W DCCOM-BR2505W Datasheet
429Kb / 2P
   TECHNICAL SPECIFICATIONS OF SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
MIC GROUP RECTIFIERS
BR2505W MIC-BR2505W Datasheet
102Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results

Similar Description - BR2505W

ManufacturerPart #DatasheetDescription
logo
Rectron Semiconductor
BR1505 RECTRON-BR1505 Datasheet
276Kb / 3P
   SINGLE-PHASE SILICON BRIDGE RECTIFIER SINGLE-PHASE SILICON BRIDGE RECTIFIER
logo
General Semiconductor
KBU4A GE-KBU4A Datasheet
83Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
logo
IXYS Corporation
VBO25 IXYS-VBO25 Datasheet
87Kb / 2P
   Single Phase Rectifier Bridge
VBO55 IXYS-VBO55 Datasheet
57Kb / 1P
   Single Phase Rectifier Bridge
VBO13 IXYS-VBO13 Datasheet
84Kb / 2P
   Single Phase Rectifier Bridge
logo
Microsemi Corporation
1N4436 MICROSEMI-1N4436 Datasheet
111Kb / 3P
   Single Phase Bridge Rectifier
logo
Shenzhen Ping Sheng Ele...
W005M PFS-W005M Datasheet
222Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
BR1005 PFS-BR1005 Datasheet
228Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
MB1505 PFS-MB1505 Datasheet
223Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC8005 PFS-KBPC8005 Datasheet
227Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
KBPC2505N PFS-KBPC2505N Datasheet
271Kb / 2P
   SINGLE-PHASE BRIDGE RECTIFIER
More results


Html Pages

1 2


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com