Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1086 Datasheet(PDF) 5 Page - Analog Microelectronics

Part # AME1086
Description  1.5A Low Dropout Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1086 Datasheet(HTML) 5 Page - Analog Microelectronics

  AME1086 Datasheet HTML 1Page - Analog Microelectronics AME1086 Datasheet HTML 2Page - Analog Microelectronics AME1086 Datasheet HTML 3Page - Analog Microelectronics AME1086 Datasheet HTML 4Page - Analog Microelectronics AME1086 Datasheet HTML 5Page - Analog Microelectronics AME1086 Datasheet HTML 6Page - Analog Microelectronics AME1086 Datasheet HTML 7Page - Analog Microelectronics AME1086 Datasheet HTML 8Page - Analog Microelectronics AME1086 Datasheet HTML 9Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 14 page
background image
AME, Inc.
5
AME1086
1.5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Application Description
1. Output voltage adjustment
Like most regulators, the AME1086 regulates the
output by comparing the output voltage to an
internally generated reference voltage. On the
adjustable version, the VREF is available exter-
nally as 1.25V between V
OUT and ADJ.
The
voltage ratio formed by R1 and R2 should be
set
to conduct 10mA (minimum output load).
The output voltage is given by the following
equation:
V
OUT = VREF ( 1 +
) + I
ADJ x R2
On fixed versions of AME1086, the voltage divider
is provided internally.
R2
R1
Figure 3
2. Thermal protection
AME1086 has thermal protection which limits
junction temperature to 150OC. However, de-
vice
functionality is only guaranteed to a maxi-
mum junction temperature of +125OC.
The power dissipation and junction temperature
for AME1086 in TO-220 package are given by
P
D = (VIN - VOUT) x IOUT
T
JUNCTION = TAMBIENT + ( PD x θJA)
Note: T
JUNCTION must not exceed 125
O
C
3. Current limit protection
AME1086 is protected against overload condi-
tions. Current protection is triggered at typi-
cally 3.0A.
4. Stability and load regulation
AME1086 requires a capacitor from VOUT to GND
to provide compensation feedback to the inter-
nal
gain stage. This is to ensure stability at
the output terminal. Typically, a 10
µF tantalum
or
50
µF aluminum electrolytic is sufficient.
Note: It is important that the ESR for this ca-
pacitor does not exceed 0.5
Ω.
The output capacitor dose not have a theoreti-
cal upper limit and increasing its value will in-
crease stability. COUT = 100
µF or more is typi-
cal for high current regulator design.
For the adjustable version, the best load regu-
lation is accomplished when the top of the
resistor divider (R1) is connected directly to the
output pin of the AME1086. When so con-
nected, R
P is not multiplied by the divider ratio.
For fixed output versions, the top of R1 is in-
ternally connected to the output and ground
pin can be connected to low side of the load.
Figure 4
V
OUT = V REF (1+
R2
R1
) + I
ADJ x R2
OUT
ADJ
IN
V
REF
I
AD J
50
µA
V
IN
V
OUT
R1
R2
C
1
OUT
ADJ
IN
V
IN
R1
R2
R
L
R
P
Parasitic
Line Resistance
Connect
R2 to load
(Connect R1 to case)


Similar Part No. - AME1086

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACBT AME-AME1084ACBT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACCS AME-AME1084ACCS Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT AME-AME1084ACDT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT-3 AME-AME1084ACDT-3 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1086

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1086 TSC-TS1086_08 Datasheet
168Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086 Datasheet
162Kb / 6P
   1.5A Low Dropout Positive Voltage Regulator
TS1086 TSC-TS1086_07 Datasheet
482Kb / 9P
   1.5A Low Dropout Positive Voltage Regulator
TS39151 TSC-TS39151 Datasheet
147Kb / 7P
   1.5A Ultra Low Dropout Positive Voltage Regulator
logo
Analog Intergrations Co...
AIC1086 AIC-AIC1086_15 Datasheet
238Kb / 11P
   1.5A Low Dropout Positive Regulator
logo
Silicon Standard Corp.
SS6086 SSC-SS6086 Datasheet
514Kb / 7P
   1.5A Low Dropout Positive Regulator
logo
Taiwan Semiconductor Co...
TS29150 TSC-TS29150 Datasheet
120Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
List of Unclassifed Man...
TS29150 ETC1-TS29150 Datasheet
124Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS39150 TSC-TS39150 Datasheet
116Kb / 5P
   1.5A Ultra Low Dropout Fixed Positive Voltage Regulator
TS1583 TSC-TS1583 Datasheet
135Kb / 7P
   1.5A Dual Input Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com