Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

BD235 Datasheet(PDF) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

Part # BD235
Description  TRANSISTOR (NPN)
Download  1 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WINNERJOIN [SHENZHEN YONGERJIA INDUSTRY CO.,LTD]
Direct Link  http://www.wej.cn
Logo WINNERJOIN - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

BD235 Datasheet(HTML) 1 Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD

  BD235 Datasheet HTML 1Page - SHENZHEN YONGERJIA INDUSTRY CO.,LTD  
Zoom Inzoom in Zoom Outzoom out
 1 / 1 page
background image
WEJ
ELECTRONIC
CO.,LTD
TO-126
1. EMITTER
2. COLLECTOR
3. BASE
BD233/235/237 TRANSISTOR (NPN)
FEATURES
Power dissipation
PCM:
1.25
W (Tamb=25
℃)
Collector current
ICM:
2
A
Collector-base voltage
V(BR)CBO:
BD233 : 45
V
BD235: 60
V
BD237: 100
V
Operating and storage junction temperature range
TJ : 150
Tstg: -65
℃ to +150℃
ELECTRICAL CHARACTERISTICS (Tamb=25
℃ unless otherwise specified)
Parameter
Symbol
Test
conditions
MIN
MAX
UNIT
Collector-base breakdown voltage
BD233
BD235
BD237
V(BR)CBO
Ic= 100
µA, IE=0
45
60
100
V
Collector-emitter breakdown voltage
BD233
BD235
BD237
V(BR)CEO
Ic= 10mA, IB=0
45
60
80
V
Emitter-base breakdown voltage
V(BR)EBO
IE= 100µA, IC=0
5
V
Collector cut-off current
BD233
BD235
BD237
ICBO
VCB= 45V, IE=0
VCB= 60V, IE=0
VCB= 100V, IE=0
100
µA
Emitter cut-off current
IEBO
VEB= 5V, IC=0
1
mA
HFE(1)
VCE= 2V, IC=150mA
40
DC current gain
HFE(2)
VCE=2V, IC= 1A
25
Collector-emitter saturation voltage
VCE(sat)
IC=1A, IB= 100m A
0.6
V
Transition frequency
fT
VCE=10V, Ic=250mA
f =10MHz
3
MHz
1 2 3
BD233/235/237
Http:// www.wej.cn
E-mail:wej@yongerjia.com
WEJ ELECTRONIC CO.
RoHS


Similar Part No. - BD235

ManufacturerPart #DatasheetDescription
logo
STMicroelectronics
BD235 STMICROELECTRONICS-BD235 Datasheet
75Kb / 5P
   COMPLEMENTARY SILICON POWER TRANSISTORS
logo
Continental Device Indi...
BD235 CDIL-BD235 Datasheet
492Kb / 4P
   EPITAXIAL SILICON POWER TRANSISTORS
logo
Fairchild Semiconductor
BD235 FAIRCHILD-BD235 Datasheet
38Kb / 4P
   Medium Power Linear and Switching Applications
logo
Micro Commercial Compon...
BD235 MCC-BD235 Datasheet
283Kb / 3P
   NPN Plastic-Encapsulate Transistors
logo
List of Unclassifed Man...
BD235 ETC1-BD235 Datasheet
1Mb / 2P
   TO-126 Plastic-Encapsulate Transistors
More results

Similar Description - BD235

ManufacturerPart #DatasheetDescription
logo
Unisonic Technologies
DTC114T UTC-DTC114T Datasheet
194Kb / 3P
   NPN DIGITAL TRANSISTOR NPN DIGITAL TRANSISTOR
logo
Shenzhen Jin Yu Semicon...
2SC4944 HTSEMI-2SC4944 Datasheet
850Kb / 1P
   DUAL TRANSISTOR (NPN NPN)
logo
Jiangsu Changjiang Elec...
IMX2 JIANGSU-IMX2 Datasheet
5Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX2N JIANGSU-UMX2N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
logo
Rectron Semiconductor
MMDT3904 RECTRON-MMDT3904 Datasheet
263Kb / 5P
   DUAL TRANSISTOR (NPNNPN)
logo
Jiangsu Changjiang Elec...
MMDT3904 JIANGSU-MMDT3904 Datasheet
1Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
EMX1 JIANGSU-EMX1 Datasheet
3Mb / 4P
   DUAL TRANSISTOR(NPNNPN)
BC847BV JIANGSU-BC847BV Datasheet
3Mb / 3P
   DUAL TRANSISTOR(NPN NPN)
EMX18 JIANGSU-EMX18 Datasheet
776Kb / 3P
   DUAL TRANSISTOR(NPNNPN)
UMX3N JIANGSU-UMX3N Datasheet
3Mb / 4P
   DUAL TRANSISTOR (NPNNPN)
UMX18N JIANGSU-UMX18N Datasheet
1Mb / 3P
   DUAL TRANSISTOR (NPNNPN)
More results


Html Pages

1


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com