Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AM186ES-20KCW Datasheet(PDF) 11 Page - Advanced Micro Devices

Part # AM186ES-20KCW
Description  High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
Download  102 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AMD [Advanced Micro Devices]
Direct Link  http://www.amd.com
Logo AMD - Advanced Micro Devices

AM186ES-20KCW Datasheet(HTML) 11 Page - Advanced Micro Devices

Back Button AM186ES-20KCW Datasheet HTML 7Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 8Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 9Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 10Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 11Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 12Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 13Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 14Page - Advanced Micro Devices AM186ES-20KCW Datasheet HTML 15Page - Advanced Micro Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 102 page
background image
Am186/188ES and Am186/188ESLV Microcontrollers
11
P R E L IMINAR Y
connects to the data inputs and outputs, and the chip
selects connect to the memory chip-select inputs.
The RD output connects to the SRAM Output Enable
(OE) pin for read operations. Write operations use the
byte-write enables connected to the SRAM Write
Enable (WE) pins.
The example design uses 2-Mbit memory technology
(256 Kbytes) to fully populate the available address
space. Two flash PROM devices provide 512 Kbytes of
nonvolatile program storage, and two static RAM
devices provide 512 Kbytes of data storage area.
COMPARING THE ES TO THE 80C186
Figure 1 shows an example system using a 40-MHz
Am 18 6ES micr oco n t r olle r . F i g u r e 2 sh ow s a
comparable system implementation with an 80C186.
Because of its superior integration, the Am186ES
microcontroller system does not require the support
devices that are required on the 80C186 example
system. In addition, the Am186ES microcontroller
provides significantly better performance with its 40-
MHz clock rate.
Figure 2.
80C186 Microcontroller Example System Design
COMPARING THE ES TO THE EMTABLE1
C omp ar ed t o the Am186 EM and Am188 EM
microcontrollers, the Am186ES and Am188ES
microcontrollers have the following additional features:
n Two full-featured asynchronous serial ports
n The ability to use DMA to and from the serial ports
n Two additional external interrupt signals
n Enhancements to the watchdog timer to improve its
security and functionality
n A pulse width demodulation option
n A data strobe bus interface option for DEN
n ARDY functionality is changed to allow both edges
of ARDY to be asynchronous to the clock
n An option to have all MCS space asserted through
MCS0
n On the Am186ES microcontroller, static bus sizing
allows UCS space to use a 16-bit data bus, while
LCS space can be either 8-bit or 16-bit. All non-
UCS and non-LCS memory and I/O accesses can
be 8-bit or 16-bit. This capability is available only on
the Am186ES microcontroller; the Am188ES micro-
controller has a uniform 8-bit access width.
n The synchronous serial interface is removed
n On the ES, row addresses are not driven on DRAM
refreshes
Two Asynchronous Serial Ports
The Am186ES and Am188ES microcontrollers have
two identical asynchronous serial ports. Each serial
UCS
WR
WE
OE
CS
AD15–AD0
ALE
40-MHz
Crystal
Address
Data
Timer 0–2
INT3
DMA 0–1
CLKOUT
20 MHz
X2
X1
SRAM
WE
WE
Address
Data
OE
CS
RD
LCS
BHE
A0
PCS0
LATCH
Serial
Port
RS-232
Level
Converter
INT2–INT0
PIOs
Am29F200
Flash


Similar Part No. - AM186ES-20KCW

ManufacturerPart #DatasheetDescription
logo
InnovASIC, Inc
AM186ES-20VCW INNOVASIC-AM186ES-20VCW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
AM186ES-20VIW INNOVASIC-AM186ES-20VIW Datasheet
1Mb / 154P
   8-Bit/16-Bit Microcontrollers
More results

Similar Description - AM186ES-20KCW

ManufacturerPart #DatasheetDescription
logo
Advanced Micro Devices
AM186EM AMD-AM186EM Datasheet
1Mb / 98P
   High Performance, 80C186-/80C188-Compatible and 80L186-/80L188-Compatible, 16-Bit Embedded Microcontrollers
AM186ED AMD-AM186ED Datasheet
1Mb / 88P
   High Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers
AM186 AMD-AM186 Datasheet
2Mb / 112P
   High-Performance, 80C186- and 80C188-Compatible, 16-Bit Embedded Microcontrollers with RAM
logo
Microchip Technology
70592C MICROCHIP-70592C Datasheet
4Mb / 314P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ128GP206-I MICROCHIP-PIC24HJ128GP206-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06A MICROCHIP-PIC24HJXXXGPX06A Datasheet
4Mb / 294P
   High-Performance, 16-Bit Microcontrollers
2009
PIC24HJ32GP202 MICROCHIP-PIC24HJ32GP202_11 Datasheet
3Mb / 272P
   High-Performance, 16-bit Microcontrollers
2011
PIC24HJ64GP206A-I MICROCHIP-PIC24HJ64GP206A-I Datasheet
2Mb / 304P
   High-Performance,16-bit Microcontrollers
03/26/09
PIC24HJ128GP510-I MICROCHIP-PIC24HJ128GP510-I Datasheet
2Mb / 286P
   High-Performance, 16-Bit Microcontrollers
06/25/07
PIC24HJXXXGPX06 MICROCHIP-PIC24HJXXXGPX06 Datasheet
4Mb / 286P
   High-Performance, 16-Bit Microcontrollers
2007
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com