Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1085DCDT Datasheet(PDF) 6 Page - Analog Microelectronics

Part # AME1085DCDT
Description  3A Low Dropout Positive Voltage Regulator
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1085DCDT Datasheet(HTML) 6 Page - Analog Microelectronics

Back Button AME1085DCDT Datasheet HTML 2Page - Analog Microelectronics AME1085DCDT Datasheet HTML 3Page - Analog Microelectronics AME1085DCDT Datasheet HTML 4Page - Analog Microelectronics AME1085DCDT Datasheet HTML 5Page - Analog Microelectronics AME1085DCDT Datasheet HTML 6Page - Analog Microelectronics AME1085DCDT Datasheet HTML 7Page - Analog Microelectronics AME1085DCDT Datasheet HTML 8Page - Analog Microelectronics AME1085DCDT Datasheet HTML 9Page - Analog Microelectronics AME1085DCDT Datasheet HTML 10Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 14 page
background image
Analog Microelectronics, Inc.
6
AME1085
3A Low Dropout
Positive Voltage Regulator
5. Thermal consideration
The AME1085 series contain thermal limiting cir-
cuitry designed to protect itself for over-tempera-
ture conditions. Even for normal load conditions,
maximum junction temperature ratings must not
be exceed. As mention in thermal protection
section, we need to considerall sources of ther-
mal resistance between junction and ambient.
It includes junction-to-case, case-to-heat-sink in-
terface and heat sink thermal resistance itself.
Junction-to-case thermal resistance is specified
from the IC junction to the bottom of the case
directly below the die. Proper mounting is re-
quired to ensure the best possible thermal flow
from this area of the package to the heat sink.
The case of all devices in this series is electri-
cally connected to the output. Therefore, if the
case of the device must be electrically isolated,
a thermally conductive spacer is recommended.


Similar Part No. - AME1085DCDT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1084 AME-AME1084 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACBT AME-AME1084ACBT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACCS AME-AME1084ACCS Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT AME-AME1084ACDT Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
AME1084ACDT-3 AME-AME1084ACDT-3 Datasheet
108Kb / 16P
   5A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1085DCDT

ManufacturerPart #DatasheetDescription
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085 Datasheet
140Kb / 6P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1085-XXXE3 CYSTEKEC-PL1085-XXXE3 Datasheet
170Kb / 4P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXFP CYSTEKEC-PL1085-XXXFP Datasheet
297Kb / 5P
   3A Low Dropout Positive Voltage Regulator
PL1085-XXXF3 CYSTEKEC-PL1085-XXXF3 Datasheet
167Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_13 Datasheet
238Kb / 7P
   3A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1085U HSMC-H1085U Datasheet
57Kb / 5P
   3A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
logo
Cystech Electonics Corp...
PL1085-XXXJ3 CYSTEKEC-PL1085-XXXJ3 Datasheet
166Kb / 4P
   3A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1085 TSC-TS1085_09 Datasheet
275Kb / 8P
   3A Low Dropout Positive Voltage Regulator
TS1085 TSC-TS1085_07 Datasheet
425Kb / 8P
   3A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
LM1085-XXXJ3 CYSTEKEC-LM1085-XXXJ3 Datasheet
329Kb / 9P
   3A Low Dropout Positive Voltage Regulator
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com