Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME1084ACDT Datasheet(PDF) 8 Page - Analog Microelectronics

Part # AME1084ACDT
Description  5A Low Dropout Positive Voltage Regulator
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME1084ACDT Datasheet(HTML) 8 Page - Analog Microelectronics

Back Button AME1084ACDT Datasheet HTML 4Page - Analog Microelectronics AME1084ACDT Datasheet HTML 5Page - Analog Microelectronics AME1084ACDT Datasheet HTML 6Page - Analog Microelectronics AME1084ACDT Datasheet HTML 7Page - Analog Microelectronics AME1084ACDT Datasheet HTML 8Page - Analog Microelectronics AME1084ACDT Datasheet HTML 9Page - Analog Microelectronics AME1084ACDT Datasheet HTML 10Page - Analog Microelectronics AME1084ACDT Datasheet HTML 11Page - Analog Microelectronics AME1084ACDT Datasheet HTML 12Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Analog Microelectronics, Inc.
8
AME1084
5A Low Dropout
Positive Voltage Regulator
n
n
n
n
n Advanced Applications
* VO = V
REF (1 +
) + I
ADJ x R2
** Optional for improved ripple rejection
Figure 5 Adjustable Output Voltage
* 20mW is ballast resistance
The inter - connection of #18 wire could act as ballast resistance
Figure 6 Paralleling Regulators
R2
R1
AME1084
V
IN = 5V
R1
R2
10
µF
10
µF
2K
1K
10
µF
**
* V
O = 1.5 - 3.45V
V
OUT
V
IN
ADJ
AME1084
V
IN
R1
R2
10
µF
V
O
AME1084
10
µF
I
O = 0 to 10A
* 20m
* 20m
V
OUT
V
IN
GND
V
OUT
V
IN
GND


Similar Part No. - AME1084ACDT

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME1085 AME-AME1085 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085ACBT AME-AME1085ACBT Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085ACDT AME-AME1085ACDT Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085ACDT-3 AME-AME1085ACDT-3 Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
AME1085AMCT AME-AME1085AMCT Datasheet
103Kb / 14P
   3A Low Dropout Positive Voltage Regulator
More results

Similar Description - AME1084ACDT

ManufacturerPart #DatasheetDescription
logo
Cystech Electonics Corp...
PL1084-XXXF3 CYSTEKEC-PL1084-XXXF3 Datasheet
165Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_13 Datasheet
247Kb / 7P
   5A Low Dropout Positive Voltage Regulator
TS1084 TSC-TS1084_07 Datasheet
427Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXJ3 CYSTEKEC-PL1084-XXXJ3 Datasheet
267Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
List of Unclassifed Man...
TS1084CM ETC2-TS1084CM Datasheet
146Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084-XXXE3 CYSTEKEC-PL1084-XXXE3 Datasheet
168Kb / 4P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084_09 Datasheet
278Kb / 8P
   5A Low Dropout Positive Voltage Regulator
logo
Cystech Electonics Corp...
PL1084A-XXXF3 CYSTEKEC-PL1084A-XXXF3 Datasheet
293Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Taiwan Semiconductor Co...
TS1084 TSC-TS1084 Datasheet
140Kb / 6P
   5A Low Dropout Positive Voltage Regulator
logo
Hi-Sincerity Mocroelect...
H1084U HSMC-H1084U Datasheet
57Kb / 5P
   5A LOW DROPOUT POSITIVE VOLTAGE REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com