Electronic Components Datasheet Search |
|
GRM0832CR50BE01L Datasheet(PDF) 10 Page - Murata Manufacturing Co., Ltd. |
|
GRM0832CR50BE01L Datasheet(HTML) 10 Page - Murata Manufacturing Co., Ltd. |
10 / 221 page 8 !Note • Please read rating and !CAUTION (for storage, operating, rating, soldering, mounting and handling) in this catalog to prevent smoking and/or burning, etc. • This catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. Chip Monolithic Ceramic Capacitors For General Purpose GRM Series s Features 1. Higher resistance of solder-leaching due to the Ni-barriered termination, applicable for reflow-soldering, and flow-soldering (GRM18/21/31 type only). 2. The GRM series is a lead free product. 3. Smaller size and higher capacitance value. 4. High reliability and no polarity. 5. Excellent pulse response and noise reduction due to the low impedance at high frequency. 6. The GRM series is available in paper or embossed tape and reel packaging for automatic placement. Bulk case packaging is also available for GRM15/ 18/21(T=0.6,1.25). 7. TA replacement. s Applications General electronic equipment Part Number LW T Dimensions (mm) e g min. 0.4 ±0.02 0.6 ±0.03 1.0 ±0.05 1.6 ±0.1 2.0 ±0.1 3.2 ±0.15 3.2 ±0.2 3.2 ±0.3 0.2 ±0.02 0.3 ±0.03 0.5 ±0.05 0.8 ±0.1 1.25 ±0.1 1.6 ±0.15 1.6 ±0.2 2.5 ±0.2 0.2 ±0.02 0.3 ±0.03 0.25 ±0.05 0.3 ±0.03 0.5 ±0.05 0.5 +0/-0.1 0.8 ±0.1 0.6 ±0.1 0.85 ±0.1 1.0 +0/-0.2 1.25 ±0.1 0.6 ±0.1 0.85 ±0.1 1.15 ±0.1 1.6 ±0.2 0.85 +0.15/-0.05 1.0 +0/-0.2 1.15 ±0.1 1.35 ±0.15 1.6 ±0.2 1.8 ±0.2 2.0 ±0.2 2.5 ±0.2 0.07 to 0.14 0.1 to 0.2 0.1 to 0.3 0.15 to 0.35 0.2 to 0.5 0.2 to 0.7 0.3 to 0.8 0.3 min. 0.13 0.2 0.4 0.3 0.5 0.7 1.5 1.0 * Bulk Case: 1.6 ±0.07(L)g0.8 ±0.07(W)g0.8 ±0.07(T) The figures indicate typical specification. GRM022 GRM033 GRM15X GRM153 GRM155 GRM185 GRM188* GRM216 GRM219 GRM21A GRM21B GRM316 GRM319 GRM31M GRM31C GRM329 GRM32A GRM32M GRM32N GRM32C GRM32R GRM32D GRM32E L W e e g • This PDF catalog is downloaded from the website of Murata Manufacturing co., ltd. Therefore, it’s specifications are subject to change or our products in it may be discontinued without advance notice. Please check with our sales representatives or product engineers before ordering. • This PDF catalog has only typical specifications because there is no space for detailed specifications. Therefore, please approve our product specifications or transact the approval sheet for product specifications before ordering. !Note C02E.pdf 10.12.20 |
Similar Part No. - GRM0832CR50BE01L |
|
Similar Description - GRM0832CR50BE01L |
|
|
Link URL |
Privacy Policy |
ALLDATASHEET.NET |
Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |