Electronic Components Datasheet Search
  English  ▼
ALLDATASHEET.NET

X  

AME7106A Datasheet(PDF) 10 Page - Analog Microelectronics

Part # AME7106A
Description  3-1/2 Digit A/D Converter High Accuracy, Low Power
Download  20 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  AME [Analog Microelectronics]
Direct Link  http://www.ame.com.tw/
Logo AME - Analog Microelectronics

AME7106A Datasheet(HTML) 10 Page - Analog Microelectronics

Back Button AME7106A Datasheet HTML 6Page - Analog Microelectronics AME7106A Datasheet HTML 7Page - Analog Microelectronics AME7106A Datasheet HTML 8Page - Analog Microelectronics AME7106A Datasheet HTML 9Page - Analog Microelectronics AME7106A Datasheet HTML 10Page - Analog Microelectronics AME7106A Datasheet HTML 11Page - Analog Microelectronics AME7106A Datasheet HTML 12Page - Analog Microelectronics AME7106A Datasheet HTML 13Page - Analog Microelectronics AME7106A Datasheet HTML 14Page - Analog Microelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 20 page
background image
AME, Inc.
10
AME7106/AME7106A/AME7106R
AME7107/AME7107A/AME7107R
3-1/2 Digit A/D Converter
High Accuracy, Low Power
n
n
n
n
n Digital Section
Digital Ground
AME7106 generates an internal digital ground, typically
5V below the V+. The digital ground of AME7107 is
supplied externally.
Clock Circuit
The clock can be generated in either of the following
three methods.
1. An external oscillator connected to“OSC1”
2. A crystal between pins” OSC1” and “OOSC2”
3. A R-C oscillator using “OOSC1”, “OOSC2” and
“OSC3”
Notes: There is no on-chip feedback resister across osc1
and osc2.
Systems Timing
The oscillator frequency is divided by 4 prior to clock-
ing the internal decade counters. Each conversion takes
4000 counts or 16000 oscillator clock pulses. The tim-
ing of each phase are as follows:
Auto-Zero Phase:
1000 to 3000 Counts
Signal Integration Phase:
1000 Counts (Fixed)
Reference Integration Phase :
0 to 2000 Counts
For signals less than full-The A/D conversion has the
following three phases:scale, the unused reference
integration time is assigned to the autozero phase.
Segment Drivers (AME7106)
The backplane frequency is 1/800 of the oscillator clock
frequency. For example if the oscillator frequency is
48 KHz (3 conversions per second) the backplane fre-
quency will be 60 Hz. The segment and backplane are
at the same frequency with a nominal 5 volt amplitude.
The segment is visible (ON) when the segment and the
backplane are out of phase, otherwise it is invisible
(OFF). The polarity segment is “ON” for negative ana-
log inputs. When the TEST pin on the AME7106 is
pulled to V+, all segments are turned “ON”. The dis-
play reads -1888. During this mode the LCD segments
have a constant DC voltage impressed. DO NOT LEAVE
THE DISPLAY IN THIS MODE FOR MORE THAN
SEVERAL MINUTES! LCD displays may be destroyed
if operated with DC levels for extended periods.


Similar Part No. - AME7106A

ManufacturerPart #DatasheetDescription
logo
Analog Microelectronics
AME7700 AME-AME7700 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7700AEEV AME-AME7700AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701 AME-AME7701 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7701AEEV AME-AME7701AEEV Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
AME7702 AME-AME7702 Datasheet
80Kb / 11P
   Switched Capacitor Voltage Doublers
More results

Similar Description - AME7106A

ManufacturerPart #DatasheetDescription
logo
Intersil Corporation
ICL7126 INTERSIL-ICL7126 Datasheet
468Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Renesas Technology Corp
ICL7126 RENESAS-ICL7126 Datasheet
790Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
logo
Intersil Corporation
ICL7126CPL INTERSIL-ICL7126CPL Datasheet
469Kb / 15P
   3 1/2 Digit, Low Power, Single Chip A/D Converter
October 25, 2004
logo
Cyrustek corporation
ES5136 CYRUSTEK-ES5136 Datasheet
692Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD(Low power)
logo
List of Unclassifed Man...
LD110 ETC-LD110 Datasheet
335Kb / 8P
   3 1/2 Digit A/D Converter Set
logo
Motorola, Inc
MC14433 MOTOROLA-MC14433 Datasheet
450Kb / 12P
   CMOS LSI (LOW-POWER COMPLEMENTARY MOS) 3 1/2 DIGIT A/D CONVERTER
logo
Cyrustek corporation
ES5106 CYRUSTEK-ES5106_03 Datasheet
756Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LCD
logo
List of Unclassifed Man...
ES5136 ETC1-ES5136 Datasheet
364Kb / 22P
   3 1/2 DIGIT A/D CONVERTER W/LCD
ES5107 ETC-ES5107 Datasheet
327Kb / 20P
   3 1/2 DIGIT A/D CONVERTER W/LED
logo
Microchip Technology
TC7135 MICROCHIP-TC7135 Datasheet
533Kb / 22P
   4-1/2 Digit A/D Converter
2002
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20


Datasheet Download

Go To PDF Page


Link URL




Privacy Policy
ALLDATASHEET.NET
Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com